Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-9865201QFA Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9865201QFA
Description  3V LVDS Quad CMOS Differential Line Receiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-9865201QFA Datasheet(HTML) 9 Page - Texas Instruments

Back Button 5962-9865201QFA Datasheet HTML 5Page - Texas Instruments 5962-9865201QFA Datasheet HTML 6Page - Texas Instruments 5962-9865201QFA Datasheet HTML 7Page - Texas Instruments 5962-9865201QFA Datasheet HTML 8Page - Texas Instruments 5962-9865201QFA Datasheet HTML 9Page - Texas Instruments 5962-9865201QFA Datasheet HTML 10Page - Texas Instruments 5962-9865201QFA Datasheet HTML 11Page - Texas Instruments 5962-9865201QFA Datasheet HTML 12Page - Texas Instruments 5962-9865201QFA Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
DS90LV032AQML
www.ti.com
SNLS205A – NOVEMBER 2011 – REVISED APRIL 2013
Match electrical lengths between traces to reduce skew. Skew between the signals of a pair means a phase
difference between signals which destroys the magnetic field cancellation benefits of differential signals and EMI
will result. (Note the velocity of propagation, v = c/Er where c (the speed of light) = 0.2997mm/ps or 0.0118
in/ps). Do not rely solely on the autoroute function for differential traces. Carefully review dimensions to match
differential impedance and provide isolation for the differential lines. Minimize the number of vias and other
discontinuities on the line.
Avoid 90° turns (these cause impedance discontinuities). Use arcs or 45° bevels.
Within a pair of traces, the distance between the two traces should be minimized to maintain common-mode
rejection of the receivers. On the printed circuit board, this distance should remain constant to avoid
discontinuities in differential impedance. Minor violations at connection points are allowable.
TERMINATION
Use a resistor which best matches the differential impedance of your transmission line. The resistor should be
between 90
Ω and 130Ω. Remember that the current mode outputs need the termination resistor to generate the
differential voltage. LVDS will not work without resistor termination. Typically, connect a single resistor across the
pair at the receiver end.
Surface mount 1% to 2% resistors are best. PCB stubs, component lead, and the distance from the termination
to the receiver inputs should be minimized. The distance between the termination resistor and the receiver
should be <10mm (12mm MAX)
PROBING LVDS TRANSMISSION LINES
Always use high impedance (> 100k
Ω), low capacitance (< 2 pF) scope probes with a wide bandwidth (1 GHz)
scope. Improper probing will give deceiving results.
CABLES AND CONNECTORS, GENERAL COMMENTS
When choosing cable and connectors for LVDS it is important to remember:
Use controlled impedance media. The cables and connectors you use should have a matched differential
impedance of about 100
Ω. They should not introduce major impedance discontinuities.
Balanced cables (e.g. twisted pair) are usually better than unbalanced cables (ribbon cable, simple coax.) for
noise reduction and signal quality. Balanced cables tend to generate less EMI due to field canceling effects and
also tend to pick up electromagnetic radiation as common-mode (not differential mode) noise which is rejected by
the receiver. For cable distances < 0.5M, most cables can be made to work effectively. For distances 0.5M
≤ d ≤
10M, CAT 3 (category 3) twisted pair cable works well, is readily available and relatively inexpensive.
FAIL-SAFE FEATURE
The LVDS receiver is a high gain, high speed device that amplifies a small differential signal (20mV) to CMOS
logic levels. Due to the high gain and tight threshold of the receiver, care should be taken to prevent noise from
appearing as a valid signal.
The receiver's internal fail-safe circuitry is designed to source/sink a small amount of current, providing fail-safe
protection (a stable known state of HIGH output voltage) for floating, terminated or shorted receiver inputs.
1. Open Input Pins. The DS90LV032A is a quad receiver device, and if an application requires only 1, 2 or 3
receivers, the unused channel(s) inputs should be left OPEN. Do not tie unused receiver inputs to ground or
any other voltages. The input is biased by internal high value pull up and pull down resistors to set the output
to a HIGH state. This internal circuitry will ensure a HIGH, stable output state for open inputs.
2. Terminated Input. If the driver is disconnected (cable unplugged), or if the driver is in a TRI-STATE or
power-off condition, the receiver output will again be in a HIGH state, even with the end of cable 100
Ω
termination resistor across the input pins. The unplugged cable can become a floating antenna which can
pick up noise. If the cable picks up more than 10mV of differential noise, the receiver may see the noise as a
valid signal and switch. To insure that any noise is seen as common-mode and not differential, a balanced
interconnect should be used. Twisted pair cable will offer better balance than flat ribbon cable.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DS90LV032AQML


Similar Part No. - 5962-9865201QFA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9865201QFA TI1-5962-9865201QFA Datasheet
433Kb / 16P
[Old version datasheet]   DS90LV032AQML 3V LVDS Quad CMOS Differential Line Receiver
More results

Similar Description - 5962-9865201QFA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV048A NSC-DS90LV048A_01 Datasheet
260Kb / 11P
   3V LVDS Quad CMOS Differential Line Receiver
DS90LV048A NSC-DS90LV048A Datasheet
245Kb / 11P
   3V LVDS Quad CMOS Differential Line Receiver
DS90LV032A NSC-DS90LV032A Datasheet
192Kb / 9P
   3V LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV048ATMTC TI-DS90LV048ATMTC Datasheet
1Mb / 20P
[Old version datasheet]   DS90LV048A 3V LVDS Quad CMOS Differential Line Receiver
DS90LV048ATMTCX TI-DS90LV048ATMTCX Datasheet
1Mb / 20P
[Old version datasheet]   DS90LV048A 3V LVDS Quad CMOS Differential Line Receiver
DS90LV032AQML TI1-DS90LV032AQML Datasheet
269Kb / 14P
[Old version datasheet]   DS90LV032AQML 3V LVDS Quad CMOS Differential Line Receiver
5962-9865201QFA TI1-5962-9865201QFA Datasheet
433Kb / 16P
[Old version datasheet]   DS90LV032AQML 3V LVDS Quad CMOS Differential Line Receiver
DS90LV032ATM TI1-DS90LV032ATM Datasheet
975Kb / 18P
[Old version datasheet]   DS90LV032A 3V LVDS Quad CMOS Differential Line Receiver
DS90LT012A TI1-DS90LT012A_16 Datasheet
810Kb / 18P
[Old version datasheet]   3V LVDS Single CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV018A NSC-DS90LV018A Datasheet
241Kb / 10P
   3V LVDS Single CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com