Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7869IPZTT Datasheet(PDF) 10 Page - Texas Instruments

Part # ADS7869IPZTT
Description  Analog Motor Control Front-End with Simultaneous Sampling on Seven S/H Capacitors and Three 1MSPS, 12-Bit, 12-Channel
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7869IPZTT Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS7869IPZTT Datasheet HTML 6Page - Texas Instruments ADS7869IPZTT Datasheet HTML 7Page - Texas Instruments ADS7869IPZTT Datasheet HTML 8Page - Texas Instruments ADS7869IPZTT Datasheet HTML 9Page - Texas Instruments ADS7869IPZTT Datasheet HTML 10Page - Texas Instruments ADS7869IPZTT Datasheet HTML 11Page - Texas Instruments ADS7869IPZTT Datasheet HTML 12Page - Texas Instruments ADS7869IPZTT Datasheet HTML 13Page - Texas Instruments ADS7869IPZTT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
Analog Motor Control FrontEnd with Simultaneous Sampling on
Seven S/H Capacitors and Three 1MSPS, 12Bit, 12Channel ADCs
ADS7869
SBAS253B − MAY 2003 − REVISED NOVEMBER 2004
www.ti.com
4
1.5
ELECTRICAL CHARACTERISTICS (continued)
Over recommended operating free-air temperature range at –40
_C to +85_C, AVDD = 5V, BVDD = 3.3V, VREF = internal +2.5V, fCLK = 16MHz,
fSAMPLE = 1 MSPS, unless otherwise noted.
ADS7869I
PARAMETER
UNIT
MAX
TYP(1)
MIN
CONDITION
Digital Inputs(3)
Logic Family
LVCMOS
VIH High-Level Input Voltage
BVDD = 3.6V
2
BVDD + 0.3
V
VIL Low-Level Input Voltage
BVDD = 2.7V
−0.3
0.8
V
IIN Input Current
VI = BVDD to BGND
±50
nA
CI Input Capacitance
5
pF
Digital Outputs(3)
Logic Family
LVCMOS
VOH High-Level Output Voltage
BVDD = 2.7V, IOH = −100µA
BVDD − 0.2
V
VOL Low-Level Output Voltage
BVDD = 2.7V, IOL = +100µA
0.2
V
IOZ High-Impedance-State Output Current
VI = BVDD to BGND
±50
nA
CO Output Capacitance
5
pF
CL Load Capacitance
30
pF
Power Supply
AVDD Analog Supply Voltage
4.5
5.5
V
BVDD Buffer I/O Supply Voltage
2.7
5.5
V
AIDD Analog Supply Current
45
50
mA
BIDD Buffer I/O Supply Voltage
2
mA
Power Dissipation
250
mW
Reference Output
VREF Reference Output Voltage
−40
°C > t > +85°C
2.475
2.500
2.525
V
VREF Reference Output Voltage
at 25
°C
2.480
2.500
2.520
V
dVREF/dT Reference Voltage Drift
±20
ppm/
°C
PSRR Power-Supply Rejection Ratio
60
dB
IOUT Output Current
DC Current
1
µA
ISC Short-Circuit Current
1
mA
tON Turn-On Setting Time
100
µs
Reference Input
VIN Reference Input Voltage
2.475
2.5
2.525
V
Input Resistance
100
M
Input Capacitance
5
pF
Digital-to-Analog Converter
Resolution
8
Bits
Output Range
IOUT = 0
0
2.49
V
INL Integral Linearity Error
±1
LSB
DNL Differential Linearity Error
±2
LSB
Offset Error
0.5
1
LSB
Full-Scale Error
FS = Internal Reference Voltage − 1LSB
±1
%
IOUT Output Current
0.5
µA
Output Settling Time
to 0.5LSB, no load capacitance
0.2
1
µs
Position Sensor Sign Comparator
Input Range
Lower Voltage of Differential Inputs
0
AVDD − 1.8
V
Offset Range
±5
±30
mV
Hysteresis
75
100
mV
Delay Time
25
150
ns
(1) All values are at TA = +25_C.
(2) Applies for 5.0V nominal supply: 4.5V < BVDD < 5.5V.
(3) Applies for 3.0V nominal supply: 2.7V < BVDD < 3.6V.


Similar Part No. - ADS7869IPZTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7869IPZT TI1-ADS7869IPZT Datasheet
1Mb / 69P
[Old version datasheet]   Analog Motor Control Front-End with Simultaneous Sampling on Seven S/H Capacitors and Three 1MSPS, 12-Bit, 12-Channel ADCs
ADS7869IPZTG4 TI1-ADS7869IPZTG4 Datasheet
1Mb / 69P
[Old version datasheet]   Analog Motor Control Front-End with Simultaneous Sampling on Seven S/H Capacitors and Three 1MSPS, 12-Bit, 12-Channel ADCs
ADS7869IPZTR TI1-ADS7869IPZTR Datasheet
1Mb / 69P
[Old version datasheet]   Analog Motor Control Front-End with Simultaneous Sampling on Seven S/H Capacitors and Three 1MSPS, 12-Bit, 12-Channel ADCs
ADS7869IPZTRG4 TI1-ADS7869IPZTRG4 Datasheet
1Mb / 69P
[Old version datasheet]   Analog Motor Control Front-End with Simultaneous Sampling on Seven S/H Capacitors and Three 1MSPS, 12-Bit, 12-Channel ADCs
More results

Similar Description - ADS7869IPZTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7869 TI1-ADS7869 Datasheet
1Mb / 69P
[Old version datasheet]   Analog Motor Control Front-End with Simultaneous Sampling on Seven S/H Capacitors and Three 1MSPS, 12-Bit, 12-Channel ADCs
logo
Maxim Integrated Produc...
MAX11046B MAXIM-MAX11046B Datasheet
660Kb / 10P
   8-Channel Simultaneous- Sampling Analog Front End
2013
REFD5827 MAXIM-REFD5827 Datasheet
660Kb / 10P
   Petaluma (MAXREFDES30#): 8-Channel Simultaneous- Sampling Analog Front End
Apr 28, 2014
logo
Texas Instruments
ADS8363 TI1-ADS8363_14 Datasheet
844Kb / 50P
[Old version datasheet]   Dual, 1MSPS, 16-/14-/12-Bit, 4횞2 or 2횞2 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS8556 TI1-ADS8556 Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
logo
Maxim Integrated Produc...
MAX115-MAX116 MAXIM-MAX115-MAX116 Datasheet
215Kb / 14P
   2x4-Channel, Simultaneous-Sampling 12-Bit ADCs
logo
Texas Instruments
ADS8363 TI-ADS8363 Datasheet
1Mb / 51P
[Old version datasheet]   Dual, 1MSPS, 16-/14-/12-Bit, 4x2 or 2x2 Channel, Simultaneous Sampling Analog-to-Digital Converter
logo
Linear Technology
LTC1407 LINER-LTC1407 Datasheet
443Kb / 24P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling Simultaneous Sampling
logo
Texas Instruments
THS1207 TI-THS1207 Datasheet
249Kb / 30P
[Old version datasheet]   12 bit 4 ANALOG INPUT 6 MSPS SIMULTANEOUS SAMPLING
V6203609-01XE TI-V6203609-01XE Datasheet
750Kb / 43P
[Old version datasheet]   12-BIT 6MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com