Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1110A6IDBVR Datasheet(PDF) 9 Page - Texas Instruments

Part # ADS1110A6IDBVR
Description  16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1110A6IDBVR Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS1110A6IDBVR Datasheet HTML 5Page - Texas Instruments ADS1110A6IDBVR Datasheet HTML 6Page - Texas Instruments ADS1110A6IDBVR Datasheet HTML 7Page - Texas Instruments ADS1110A6IDBVR Datasheet HTML 8Page - Texas Instruments ADS1110A6IDBVR Datasheet HTML 9Page - Texas Instruments ADS1110A6IDBVR Datasheet HTML 10Page - Texas Instruments ADS1110A6IDBVR Datasheet HTML 11Page - Texas Instruments ADS1110A6IDBVR Datasheet HTML 12Page - Texas Instruments ADS1110A6IDBVR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
ADS1110
SBAS276A − MARCH 2003 − REVISED NOVEMBER 2003
www.ti.com
9
When a master has finished communicating with a slave,
it may issue a STOP condition. When a STOP condition is
issued, the bus becomes idle again. A master may also
issue another START condition. When a START condition
is issued while the bus is active, it is called a repeated
START condition.
A timing diagram for an ADS1110 I2C transaction is shown
in Figure 1. The parameters for this diagram are given in
Table 3.
ADS1110 I2C ADDRESSES
The ADS1110 I2C address is 1001aaa, where aaa are bits
set at the factory. The ADS1110 is available in eight
different versions, each having a different I2C address. For
example, the ADS1110A0 has address 1001000, and the
ADS1110A3 has address 1001011. See the Ordering
Information table for a complete listing.
The I2C address is the only difference between the eight
variants. In all other respects, they operate identically.
Each variant of the ADS1110 is marked with EDx, where
x identifies the address variant. For example, the
ADS1110A0 is marked ED0, and the ADS1110A3 is
marked ED3. See the Package/Ordering Information table
for a complete listing.
I2C GENERAL CALL
The ADS1110 responds to a General Call Reset, which is
an address byte of 00h followed by a data byte of 06H. The
ADS1110 acknowledges both bytes.
On receiving a General Call Reset, the ADS1110 performs
a full internal reset, just as though it had been powered off
and then on. If a conversion is in process, it is interrupted;
the output register is set to zero, and the configuration
register is set to its default setting.
The ADS1110 always acknowledges the General Call
address byte of 00H, but it does not acknowledge any
General Call data bytes other than 04H or 06H.
Figure 1. I2C Timing Diagram
FAST MODE
HIGH-SPEED MODE
PARAMETER
MIN
MAX
MIN
MAX
UNITS
SCLK operating frequency
t(SCLK)
0.4
3.4
MHz
Bus free time between START and STOP condition
t(BUF)
600
160
ns
Hold time after repeated START condition.
After this period, the first clock is generated.
t(HDSTA)
600
160
ns
Repeated START condition setup time
t(SUSTA)
600
160
ns
Stop condition setup time
t(SUSTO)
600
160
ns
Data hold time
t(HDDAT)
0
0
ns
Data setup time
t(SUDAT)
100
10
ns
SCLK clock LOW period
t(LOW)
1300
160
ns
SCLK clock HIGH period
t(HIGH)
600
60
ns
Clock/data fall time
tF
300
160
ns
Clock/data rise time
tR
300
160
ns
Table 3. Timing Diagram Definitions


Similar Part No. - ADS1110A6IDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1110A6IDBVR TI1-ADS1110A6IDBVR Datasheet
742Kb / 22P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
NOVEMBER 2003
More results

Similar Description - ADS1110A6IDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1110 TI1-ADS1110_13 Datasheet
1Mb / 23P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
ADS1110 TI1-ADS1110_14 Datasheet
1Mb / 24P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
ADS1110 TI1-ADS1110_16 Datasheet
1Mb / 23P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
ADS1110 TI1-ADS1110_10 Datasheet
742Kb / 22P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
NOVEMBER 2003
ADS1112 TI1-ADS1112_14 Datasheet
1Mb / 26P
[Old version datasheet]   16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
logo
Burr-Brown (TI)
ADS1112 BURR-BROWN-ADS1112 Datasheet
682Kb / 18P
   16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
5962-8953102HXC DATEL-5962-8953102HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
SHENZHEN FUMAN ELECTRON...
SC8211 FUMAN-SC8211 Datasheet
592Kb / 9P
   16 Bit Digital to Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com