Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM355CZCE216 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355CZCE216
Description  Digital Media System-on-Chip (DMSoC)
Download  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM355CZCE216 Datasheet(HTML) 1 Page - Texas Instruments

  TMS320DM355CZCE216 Datasheet HTML 1Page - Texas Instruments TMS320DM355CZCE216 Datasheet HTML 2Page - Texas Instruments TMS320DM355CZCE216 Datasheet HTML 3Page - Texas Instruments TMS320DM355CZCE216 Datasheet HTML 4Page - Texas Instruments TMS320DM355CZCE216 Datasheet HTML 5Page - Texas Instruments TMS320DM355CZCE216 Datasheet HTML 6Page - Texas Instruments TMS320DM355CZCE216 Datasheet HTML 7Page - Texas Instruments TMS320DM355CZCE216 Datasheet HTML 8Page - Texas Instruments TMS320DM355CZCE216 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 163 page
background image
TMS320DM355
www.ti.com
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
TMS320DM355
Digital Media System-on-Chip (DMSoC)
Check for Samples: TMS320DM355
1
TMS320DM355 Digital Media System-on-Chip (DMSoC)
1.1
Features
123
– ARM® Jazelle® Technology
• Highlights
– EmbeddedICE-RT™ Logic for Real-Time
– High-Performance Digital Media
Debug
System-on-Chip (DMSoC)
• ARM9 Memory Architecture
– Up to 270-MHz ARM926EJ-S™ Clock Rate
– 16K-Byte Instruction Cache
– MPEG4/JPEG Coprocessor Supports
– 8K-Byte Data Cache
Up to 720p MPEG4 SP
– 32K-Byte RAM
Up to 50M Pixels per Second JPEG
– 8K-Byte ROM
– Video Processing Subsystem
– Little Endian
Hardware IPIPE for Real-Time Image
Processing
• MPEG4/JPEG Coprocessor
Up to 14-bit CCD/CMOS Digital Interface
– Fixed Function Coprocessor Supports:
Histogram Module
MPEG4 SP Codec at HD (720p), D1, VGA,
SIF
Resize Image 1/16x to 8x
JPEG Codec up to 50M Pixels per Second
Hardware On-Screen Display
• Video Processing Subsystem
Supports digital HDTV (720p/1080i) output
for connection to external encoder
– Front End Provides:
– Peripherals include DDR and mDDR SDRAM,
Hardware IPIPE for Real-Time Image
2 MMC/SD/SDIO and SmartMedia Flash Card
Processing
Interfaces, USB 2.0, 3 UARTs and 3 SPIs
Up to 14-bit CCD/CMOS Digital Interface
– Configurable Power-Saving Modes
16-/8-bit Generic YcBcR-4:2 Interface
– On-Chip ARM ROM Bootloader (RBL) to Boot
(BT.601)
From NAND Flash, MMC/SD, or UART
10-/8-bit CCIR6565/BT655 Interface
– Extended Temperature 135- and 216-MHz
Up to 75-MHz Pixel Clock
Devices are Available
Histogram Module
– 3.3-V and 1.8-V I/O, 1.3-V Core
Resize Engine
– Debug Interface Support
Resize Images From 1/16x to 8x
– 337-Pin Ball Grid Array at 65 nm Process
Separate Horizontal/Vertical Control
Technology
Two Simultaneous Output Paths
• High-Performance Digital Media
– Back End Provides:
System-on-Chip (DMSoC)
Hardware On-Screen Display (OSD)
– 135-, 216-, and 270-MHz ARM926EJ-S™
Composite NTSC/PAL video encoder
Clock Rate
output
– Fully Software-Compatible With ARM9™
8-/16-bit YCC and Up to 18-Bit RGB666
– Extended temperature support for 135- and
Digital Output
216-MHz devices
BT.601/BT.656 Digital YCbCr 4:2:2
• ARM926EJ-S Core
(8-/16-Bit) Interface
– Support for 32-Bit and 16-Bit (Thumb Mode)
Supports digital HDTV (720p/1080i) output
Instruction Sets
for connection to external encoder
– DSP Instruction Extensions and Single Cycle
• External Memory Interfaces (EMIFs)
MAC
– DDR2 and mDDR SDRAM 16-bit wide EMIF
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Windows is a trademark of Microsoft.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TMS320DM355CZCE216

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM355 TI-TMS320DM355 Datasheet
1Mb / 153P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM355 TI-TMS320DM355 Datasheet
1Mb / 158P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM355 TI-TMS320DM355 Datasheet
1Mb / 154P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM355 TI-TMS320DM355 Datasheet
1Mb / 159P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM355ZCE135 TI-TMS320DM355ZCE135 Datasheet
1Mb / 159P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
More results

Similar Description - TMS320DM355CZCE216

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM355 TI-TMS320DM355_09 Datasheet
1Mb / 159P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM355 TI-TMS320DM355_07 Datasheet
1Mb / 158P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI1-TMS320DM335_15 Datasheet
1Mb / 160P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
SM320DM355-EP TI-SM320DM355-EP Datasheet
1Mb / 156P
[Old version datasheet]   Digital Media System-on-Chip(DMSoC)
TMS320DM369ZCED TI-TMS320DM369ZCED Datasheet
98Kb / 8P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM368ZCEDF TI1-TMS320DM368ZCEDF Datasheet
1Mb / 208P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM365 TI1-TMS320DM365_17 Datasheet
1Mb / 210P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM368 TI1-TMS320DM368_17 Datasheet
1Mb / 208P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI-TMS320DM335 Datasheet
1Mb / 156P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM355 TI-TMS320DM355_08 Datasheet
1Mb / 154P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI-TMS320DM335_09 Datasheet
1Mb / 155P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com