Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

FMCE-0828 Datasheet(HTML) 8 Page - Interpoint Corporation Company

Part No. FMCE-0828
Description  EMI Input Filters 28 Volt input 8 Amp
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERPOINT [Interpoint Corporation Company]
Homepage  http://www.interpoint.com
Logo 

FMCE-0828 Datasheet(HTML) 8 Page - Interpoint Corporation Company

 
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 11 page
background image
FIguRe 12: case J6
0.040 dia.
(1.02)
Seam Seal
0.170
(4.32)
0.000
1.170 (29.72)
0.670
(17.02)
Flanged cases: Designator "F" required in Case Option position of model number.
BOTTOM VIEW CASE J6
Dot on top of case indicates pin one.
Flange thickness: 0.060 (1.52)
1.350 max. (34.29)
Case dimensions in inches (mm)
Tolerance ±0.005 (0.13) for three decimal places
±0.01 (0.3) for two decimal places
unless otherwise specified
CAUTION
Heat from reflow or wave soldering may damage the device. Solder pins
individually with heat application not exceeding 300°C for 10 seconds per pin.
Materials
Header
Cold Rolled Steel/Nickel/Gold
Cover
Kovar/Nickel
Pins
#52 alloy/Gold ceramic seal.
Seal Hole: 0.120 ±0.002 (3.04 ±0.05)
Case J6 FMCE-0828, Rev C, 20100419
Please refer to the numerical dimensions for accuracy. All information is believed to
be accurate, but no responsibility is assumed for errors or omissions. Interpoint
reserves the right to make changes in products or specifications without notice.
Copyright © 1999-2010 Interpoint Corp. All rights reserved.
2 x R 0.170 (4.32)
(2.720 max (69.09))
2 x Dia 0.162 ±0.002
(4.11 ±0.05)
5
4
3
1
2
Crane Aerospace & Electronics Power Solutions
Page 8 of 11
FMce-0828 eMi input Filters – cases
28 Volt input – 8 aMp
FMCE-0828 Rev J - 2011.09.08
www.craneae.com/interpoint


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn