Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7461 Datasheet(PDF) 11 Page - Analog Devices

Part # ADT7461
Description  짹1째C Temperature Monitor with Series Resistance Cancellation
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7461 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADT7461 Datasheet HTML 7Page - Analog Devices ADT7461 Datasheet HTML 8Page - Analog Devices ADT7461 Datasheet HTML 9Page - Analog Devices ADT7461 Datasheet HTML 10Page - Analog Devices ADT7461 Datasheet HTML 11Page - Analog Devices ADT7461 Datasheet HTML 12Page - Analog Devices ADT7461 Datasheet HTML 13Page - Analog Devices ADT7461 Datasheet HTML 14Page - Analog Devices ADT7461 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADT7461
Table 6. Temperature Data Format (Local and Remote Temperature High Byte)
Temperature
Binary
Offset Binary1
–55°C
0 000 00002
0 000 1001
0°C
0 000 0000
0 100 0000
+1°C
0 000 0001
0 100 0001
+10°C
0 000 1010
0 100 1010
+25°C
0 001 1001
0 101 1001
+50°C
0 011 0010
0 111 0010
+75°C
0 100 1011
1 000 1011
+100°C
0 110 0100
1 010 0100
+125°C
0 111 1101
1 011 1101
+127°C
0 111 1111
1 011 1111
+150°C
0 111 11113
1 101 0110
1 Offset binary scale temperature values are offset by +64.
2 Binary scale temperature measurement returns 0 for all temperatures < 0°C.
3 Binary scale temperature measurement returns 127 for all temperature > 127°C.
The user may switch between measurement ranges at any time.
Switching the range will also switch the data format. The next
temperature result following the switching will be reported back
to the register in the new format. However, the contents of the
limit registers will not change. It is up to the user to ensure that
when the data format changes, the limit registers are repro-
grammed as necessary. More information on this can be found
in the
section.
Limit Registers
ADT7461 REGISTERS
The ADT7461 contains 22 8-bit registers in total. These regis-
ters are used to store the results of remote and local temperature
measurements and high and low temperature limits and to con-
figure and control the device. A description of these registers
follows, and further details are given in Table 7 through Table 11.
Address Pointer Register
The address pointer register itself does not have, or require, an
address, as the first byte of every write operation is automati-
cally written to this register. The data in this first byte always
contains the address of another register on the ADT7461, which
is stored in the address pointer register. It is to this register
address that the second byte of a write operation is written to or
to which a subsequent read operation is performed.
The power-on default value of the address pointer register is
0×00, so if a read operation is performed immediately after
power-on, without first writing to the address pointer, the value
of the local temperature will be returned, since its register
address is 0×00.
Temperature Value Registers
The ADT7461 has three registers to store the results of local and
remote temperature measurements. These registers can only be
written to by the ADC and can be read by the user over the
SMBus. The local temperature value register is at Address 0×00.
The external temperature value high byte register is at Address
0×01, with the low byte register at Address 0×10. The power-on
default for all three registers is 0×00.
Configuration Register
The configuration register is Address 0×03 at read and Address
0×09 at write. Its power-on default is 0×00. Only four bits of the
configuration register are used. Bits 0, 1, 3, and 4 are reserved
and should not be written to by the user.
Bit 7 of the configuration register is used to mask the ALERT
output. If Bit 7 is 0, the ALERT output is enabled. This is the
power-on default. If Bit 7 is set to 1, the ALERT output is dis-
abled. This only applies if Pin 6 is configured as ALERT. If Pin 6
is configured as THERM2, then the value of Bit 7 has no effect.
If Bit 6 is 0, power-on default, the device is in operating mode
with the ADC converting. If Bit 6 is set to 1, the device is in
standby mode and the ADC does not convert. The SMBus does,
however, remain active in standby mode, so values can be read
from or written to the ADT7461 via the SMBus in this mode.
The ALERT and THERM outputs are also active in standby
mode. Changes made to the registers in standby mode that
affect the THERM or ALERT outputs will cause these signals to
be updated.
Bit 5 determines the configuration of Pin 6 on the ADT7461. If
Bit 5 is 0, (default) then Pin 6 is configured as an ALERT output.
If Bit 5 is 1, then Pin 6 is configured as a THERM2 output. Bit 7,
the ALERT mask bit, is only active when Pin 6 is configured as
an ALERT output. If Pin 6 is setup as a THERM2 output, then
Bit 7 has no effect.
Bit 2 sets the temperature measurement range. If Bit 2 is 0
(default value), the temperature measurement range is set
between 0°C to +127°C. Setting Bit 2 to 1 means that the meas-
urement range is set to the extended temperature range.
Rev. 0 | Page 11 of 24


Similar Part No. - ADT7461

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADT7461 ONSEMI-ADT7461 Datasheet
291Kb / 20P
   짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
ADT7461 ONSEMI-ADT7461 Datasheet
274Kb / 20P
   Temperature Monitor with Series Resistance Cancellation
March, 2014 ??Rev. 8
logo
Analog Devices
ADT7461A AD-ADT7461A Datasheet
554Kb / 24P
   짹1째C Temperature Monitor with Series Resistance Cancellation
REV. A
logo
ON Semiconductor
ADT7461A ONSEMI-ADT7461A Datasheet
282Kb / 19P
   짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
ADT7461A ONSEMI-ADT7461A Datasheet
300Kb / 19P
   Temperature Monitor with Series Resistance Cancellation
April, 2013 ??Rev. 8
More results

Similar Description - ADT7461

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7461A AD-ADT7461A Datasheet
554Kb / 24P
   짹1째C Temperature Monitor with Series Resistance Cancellation
REV. A
logo
ON Semiconductor
NCT72CMTR2G ONSEMI-NCT72CMTR2G Datasheet
331Kb / 20P
   Temperature Monitor with Series Resistance Cancellation
August, 2012 ??Rev. 4
NCT72 ONSEMI-NCT72_17 Datasheet
255Kb / 20P
   Temperature Monitor with Series Resistance Cancellation
June, 2017 ??Rev. 5
NCT214MT3R2G ONSEMI-NCT214MT3R2G Datasheet
322Kb / 19P
   Temperature Monitor with Series Resistance Cancellation
July, 2012 ??Rev. 1
ADT7461 ONSEMI-ADT7461_14 Datasheet
274Kb / 20P
   Temperature Monitor with Series Resistance Cancellation
March, 2014 ??Rev. 8
ADT7461A ONSEMI-ADT7461A_13 Datasheet
300Kb / 19P
   Temperature Monitor with Series Resistance Cancellation
April, 2013 ??Rev. 8
ADT7461A ONSEMI-ADT7461A Datasheet
282Kb / 19P
   짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
ADT7461 ONSEMI-ADT7461 Datasheet
291Kb / 20P
   짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
NCT72 ONSEMI-NCT72 Datasheet
328Kb / 21P
   1C Temperature Monitor with Series Resistance Cancellation
August, 2012 ??Rev. 4
NVT211 ONSEMI-NVT211 Datasheet
287Kb / 19P
   1C Temperature Monitor with Series Resistance Cancellation
December, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com