Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7461AR Datasheet(PDF) 6 Page - Analog Devices

Part # ADT7461AR
Description  짹1째C Temperature Monitor with Series Resistance Cancellation
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7461AR Datasheet(HTML) 6 Page - Analog Devices

Back Button ADT7461AR Datasheet HTML 2Page - Analog Devices ADT7461AR Datasheet HTML 3Page - Analog Devices ADT7461AR Datasheet HTML 4Page - Analog Devices ADT7461AR Datasheet HTML 5Page - Analog Devices ADT7461AR Datasheet HTML 6Page - Analog Devices ADT7461AR Datasheet HTML 7Page - Analog Devices ADT7461AR Datasheet HTML 8Page - Analog Devices ADT7461AR Datasheet HTML 9Page - Analog Devices ADT7461AR Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADT7461
PIN CONFIGURATION AND PIN FUNCTION DESCRIPTIONS
SCLK
SDATA
ALERT/THERM2
GND
1
VDD
ADT7461
TOP VIEW
(Not to Scale)
8
2
D+
7
3
D–
6
4
THERM
5
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VDD
Positive Supply, 3 V to 5.5 V.
2
D+
Positive Connection to Remote Temperature Sensor.
3
D−
Negative Connection to Remote Temperature Sensor.
4
THERM
Open-Drain Output that can be used to turn a fan on/off or throttle a CPU clock in the event of an
overtemperature condition. Requires pull-up to VDD.
5
GND
Supply Ground Connection.
6
ALERT/THERM2
Open-Drain Logic Output used as interrupt or SMBus alert. This may also be configured as a second THERM
output. Requires pull-up resistor.
7
SDATA
Logic Input/Output, SMBus Serial Data. Open-drain output. Requires pull-up resistor.
8
SCLK
Logic Input, SMBus Serial Clock. Requires pull-up resistor.
Rev. 0 | Page 6 of 24


Similar Part No. - ADT7461AR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADT7461AR ONSEMI-ADT7461AR Datasheet
291Kb / 20P
   짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
ADT7461AR-REEL ONSEMI-ADT7461AR-REEL Datasheet
291Kb / 20P
   짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
ADT7461AR-REEL7 ONSEMI-ADT7461AR-REEL7 Datasheet
291Kb / 20P
   짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
ADT7461ARM ONSEMI-ADT7461ARM Datasheet
291Kb / 20P
   짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
ADT7461ARM-REEL ONSEMI-ADT7461ARM-REEL Datasheet
291Kb / 20P
   짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
More results

Similar Description - ADT7461AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7461A AD-ADT7461A Datasheet
554Kb / 24P
   짹1째C Temperature Monitor with Series Resistance Cancellation
REV. A
logo
ON Semiconductor
NCT72CMTR2G ONSEMI-NCT72CMTR2G Datasheet
331Kb / 20P
   Temperature Monitor with Series Resistance Cancellation
August, 2012 ??Rev. 4
NCT72 ONSEMI-NCT72_17 Datasheet
255Kb / 20P
   Temperature Monitor with Series Resistance Cancellation
June, 2017 ??Rev. 5
NCT214MT3R2G ONSEMI-NCT214MT3R2G Datasheet
322Kb / 19P
   Temperature Monitor with Series Resistance Cancellation
July, 2012 ??Rev. 1
ADT7461 ONSEMI-ADT7461_14 Datasheet
274Kb / 20P
   Temperature Monitor with Series Resistance Cancellation
March, 2014 ??Rev. 8
ADT7461A ONSEMI-ADT7461A_13 Datasheet
300Kb / 19P
   Temperature Monitor with Series Resistance Cancellation
April, 2013 ??Rev. 8
ADT7461A ONSEMI-ADT7461A Datasheet
282Kb / 19P
   짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
ADT7461 ONSEMI-ADT7461 Datasheet
291Kb / 20P
   짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
NCT72 ONSEMI-NCT72 Datasheet
328Kb / 21P
   1C Temperature Monitor with Series Resistance Cancellation
August, 2012 ??Rev. 4
NVT211 ONSEMI-NVT211 Datasheet
287Kb / 19P
   1C Temperature Monitor with Series Resistance Cancellation
December, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com