Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7829IBDRBT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7829IBDRBT
Description  10/8/12-BIT HIGH SPEED 2.7 V microPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7829IBDRBT Datasheet(HTML) 1 Page - Texas Instruments

  ADS7829IBDRBT Datasheet HTML 1Page - Texas Instruments ADS7829IBDRBT Datasheet HTML 2Page - Texas Instruments ADS7829IBDRBT Datasheet HTML 3Page - Texas Instruments ADS7829IBDRBT Datasheet HTML 4Page - Texas Instruments ADS7829IBDRBT Datasheet HTML 5Page - Texas Instruments ADS7829IBDRBT Datasheet HTML 6Page - Texas Instruments ADS7829IBDRBT Datasheet HTML 7Page - Texas Instruments ADS7829IBDRBT Datasheet HTML 8Page - Texas Instruments ADS7829IBDRBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
SAR
Control
D
OUT
Comparator
S/H Amp
CS/SHDN
DCLOCK
+In
V
REF
–In
CDAC
Serial
Interface
ADS7826
ADS7827
ADS7829
SLAS388 – JUNE 2003
10/8/12-BIT HIGH SPEED 2.7 V microPOWER™ SAMPLING
ANALOG-TO-DIGITAL CONVERTER
FEATURES
DESCRIPTION
High Throughput at Low Supply Voltage
The ADS7826/27/29 is a family of 10/8/12-bit sampling
(2.7 V VCC)
analog-to-digital converters (A/D) with assured specifi-
– ADS7829: 12-bit 125 KSPS
cations at 2.7-V supply voltage. It requires very little
– ADS7826: 10-bit 200 KSPS
power even when operating at the full sample rate. At
– ADS7827: 8-bit 250 KSPS
lower conversion rates, the high speed of the device
enables it to spend most of its time in the power down
Very Wide Operating Supply VoltageL:
mode— the power dissipation is less than 60 µW at 7.5
2.7 V to 5.25 V (as Low as 2.0 V With Reduced
kHz.
Performance)
The ADS7826/27/29 also features operation from 2.0 V
Rail-to-Rail, Pseudo Differential Input
to 5 V, a synchronous serial interface, and a differential
Wide Reference Voltage: 50 mV to VCC
input. The reference voltage can be set to any level
within the range of 50 mV to VCC.
Micropower Auto Power-Down:
– Less Than 60 µW at 75 kHz, 2.7 V VCC
Ultra-low power and small package size make the
ADS7826/27/29 family ideal for battery operated sys-
Low Power Down Current: 3 µA Max
tems. It is also a perfect fit for remote data acquisition
Ultra Small Chip Scale Package:
modules, simultaneous multichannel systems, and iso-
8-pin 3 x 3 PDSO (SON, Same Size as QFN)
lated data acquisition. The ADS7826/27/29 family is
available in a 3 x 3 8-pin PDSO (SON, same size as
SPI™ Compatible Serial Interface
QFN) package.
APPLICATIONS
Battery Operated Systems
Remote Data Acquisition
Isolated Data Acquisition
Simultaneous Sampling, Multichannel
Systems
microPOWER is a trademark of Texas Instruments.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003, Texas Instruments Incorporated
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily in-
clude testing of all parameters.


Similar Part No. - ADS7829IBDRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7829IBDRBT TI1-ADS7829IBDRBT Datasheet
1Mb / 26P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS7829IBDRBTG4 TI1-ADS7829IBDRBTG4 Datasheet
1Mb / 26P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7829IBDRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8320-HT TI1-ADS8320-HT_13 Datasheet
341Kb / 26P
[Old version datasheet]   16-BIT, HIGH-SPEED, 2.7-V TO 5-V, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8320-HT TI1-ADS8320-HT Datasheet
389Kb / 27P
[Old version datasheet]   16-BIT, HIGH-SPEED, 2.7-V TO 5-V, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7822 BURR-BROWN-ADS7822 Datasheet
146Kb / 12P
   12-Bit High Speed 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7822 TI-ADS7822 Datasheet
431Kb / 20P
[Old version datasheet]   12-Bit, High-Speed, 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8321 BURR-BROWN-ADS8321 Datasheet
100Kb / 12P
   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8321 TI1-ADS8321_14 Datasheet
858Kb / 20P
[Old version datasheet]   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8321 TI1-ADS8321 Datasheet
858Kb / 19P
[Old version datasheet]   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8321 BURR-BROWN-ADS8321_12 Datasheet
604Kb / 18P
   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
NXP Semiconductors
TDA8766 PHILIPS-TDA8766 Datasheet
157Kb / 20P
   10-bit high-speed 2.7 to 5.25 V analog-to-digital converter
1996 Mar 20
logo
Texas Instruments
TLV5510 TI-TLV5510 Datasheet
307Kb / 19P
[Old version datasheet]   2.7-V TO 3.6-V 8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com