Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUC7021BCP62 Datasheet(PDF) 4 Page - Analog Devices

Part # ADUC7021BCP62
Description  Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC7021BCP62 Datasheet(HTML) 4 Page - Analog Devices

  ADUC7021BCP62 Datasheet HTML 1Page - Analog Devices ADUC7021BCP62 Datasheet HTML 2Page - Analog Devices ADUC7021BCP62 Datasheet HTML 3Page - Analog Devices ADUC7021BCP62 Datasheet HTML 4Page - Analog Devices ADUC7021BCP62 Datasheet HTML 5Page - Analog Devices ADUC7021BCP62 Datasheet HTML 6Page - Analog Devices ADUC7021BCP62 Datasheet HTML 7Page - Analog Devices ADUC7021BCP62 Datasheet HTML 8Page - Analog Devices ADUC7021BCP62 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 80 page
background image
ADuC702x Series
Preliminary Technical Data
Rev. PrB | Page 4 of 80
Parameter
ADuC702x
Unit
Test Conditions/Comments
ANALOG OUTPUTS
Output Voltage Range_0
Ouput Voltage Range_1
Output Voltage Range_2
0 to DACREF
0 to 2.5V
0 to DACVDD
V typ
V typ
V typ
DACREF range: DACGND to DACVDD
Output Impedance
10
Ω typ
DAC AC CHARACTERISTICS
Voltage Output Settling Time
Voltage Output Settling Time
Digital to Analog Glitch Energy
10
15
TBD
µs typ
µs typ
nV-sec typ
DAC Output buffered
DAC Output unbuffered
I LSB change at major carry
COMPARATOR
Input Offset Voltage
Input Bias Current
Input Voltage Range
Input Capacitance
Hysteresis
Response Time
±10
5
AGND to AVDD-1.2
7
5
10
1
10
mV
nA typ
Vmin/Vmax
pF typ
mV min
mv max
µs min
µs max
Hysteresis can be turned on or off via the
CMPHYST bit in the CMPCON register
Response time may be modified via the CMPRES
bits in the CMPCON register
TEMPERATURE SENSOR
Voltage Output at 25°C
Voltage TC
TBD
-1.5
mV typ
mV/°C typ
Accuracy
±3
°C typ
POWER SUPPLY MONITOR (PSM)
IOVDD Trip Point Selection
2.79
V
Two selectable Trip Points
3.07
V
Power Supply Trip Point Accuracy
±2.5
% max
Of the selected nominal Trip Point Voltage
Watchdog Timer (WDT)4
Timeout Period
0
TBD
ms min
ms max
Flash/EE MEMORY
Endurance10
10,000
Cycles min
Data Retention11
30
Years min
TJ = 55°C
Digital Inputs
Input Leakage Current
Input Capacitance
±10
±1
10
µA max
µA typ
pF typ
All digital inputs including XTAL1 and XTAL2
Logic Inputs4
VINL, Input Low Voltage
VINH, Input High Voltage
0.4
2.0
V max
V min
All Logic inputs including XTAL1 and XTAL2
Logic Outputs
VOH, Output High Voltage
IOVDD – 400mV
V min
ISOURCE = 1.6mA
VOL, Output Low Voltage12
0.4
V max
ISINK = 1.6mA
MCU CLOCK RATE
355.5
45.5
kHz min
MHz max
8 programmable core clock selections within this
range
STARTUP TIME
At Power-On
From Idle Mode
From Power-Down Mode
TBD
TBD
TBD
Core Clock = TBD MHz
Programmable Logic Array (PLA)
Propagation Delay
TBD
ns typ
From input pin to output pin


Similar Part No. - ADUC7021BCP62

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC7021BCP62 AD-ADUC7021BCP62 Datasheet
841Kb / 78P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
Rev. PrA
More results

Similar Description - ADUC7021BCP62

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC7019 AD-ADUC7019 Datasheet
987Kb / 92P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
REV. A
ADUC7024BSTZ62 AD-ADUC7024BSTZ62 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7121 AD-ADUC7121 Datasheet
1Mb / 96P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
REV. 0
ADUC7022 AD-ADUC7022_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7019 AD-ADUC7019_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7021 AD-ADUC7021_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7026 AD-ADUC7026_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7028 AD-ADUC7028_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC702X AD-ADUC702X_1 Datasheet
841Kb / 78P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
Rev. PrA
ADUC7021BCPZ62 AD-ADUC7021BCPZ62 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7029 AD-ADUC7029_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com