Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUC7022ACP32 Datasheet(PDF) 5 Page - Analog Devices

Part # ADUC7022ACP32
Description  Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC7022ACP32 Datasheet(HTML) 5 Page - Analog Devices

  ADUC7022ACP32 Datasheet HTML 1Page - Analog Devices ADUC7022ACP32 Datasheet HTML 2Page - Analog Devices ADUC7022ACP32 Datasheet HTML 3Page - Analog Devices ADUC7022ACP32 Datasheet HTML 4Page - Analog Devices ADUC7022ACP32 Datasheet HTML 5Page - Analog Devices ADUC7022ACP32 Datasheet HTML 6Page - Analog Devices ADUC7022ACP32 Datasheet HTML 7Page - Analog Devices ADUC7022ACP32 Datasheet HTML 8Page - Analog Devices ADUC7022ACP32 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 80 page
background image
Preliminary Technical Data
ADuC702x Series
Rev. PrB | Page 5 of 80
Parameter
ADuC702x
Unit
Test Conditions/Comments
POWER REQUIREMENTS 13, 14
Power Supply Voltage Range
AVDD – AGND and IOVDD - IOGND
2.7
V min
3.6
V max
Power Supply Current Normal Mode
3mA
5
50
mA typ
mA max
mA typ
1MHz clock
1MHz clock
45MHz clock
60
mA max
45MHz clock
Power Supply Current Idle Mode
Power Supply Current Power Down
Mode
1
30
100
mA max
µA typ
µA max
External Crystal or Internal Osc ON
External Crystal or Internal Osc ON
1 Temperature Range -40° to +85°C
2 All ADC Channel Specifications are guaranteed during normal MicroConverter core operation.
3 These specification apply to all ADC input channels.
4 These numbers are not production tested but are supported by design and/or characterization data on production release.
5 Based on external ADC system components, the user may need to execute a system calibration to remove external endpoint and achieve these specifications..
6 SNR calculation includes distortion and noise components.
7 Channel-to-channel crosstalk is measured on adjacent channels.
8 The input signal can be centered on any dc common-mode voltage (VCM) as long as this value is within the ADC voltage input range specified.
9 When using an external reference input pin, the internal reference must be disabled by setting the lsb in the REFCON Memeory Mapped Register to 0.
10 Endurance is qualified to 50,000 cycles as per JEDEC Std. 22 method A117 and measured at -40°C, +25°C and +85°C. Typical endurance at 25°C is 70,000 cycles.
11 Retention lifetime equivalent at junction temperature (Tj) = 55°C as per JEDEC Std. 22 method A117. Retention lifetime will derate with junction temperature.
12 Test carried out with a maximum of 20 I/O set to a low output level.
13 Power supply current consumption is measured in normal, idle and power-down modes under the following conditions:
Normal Mode:
TBD
Idle Mode:
TBD
Power-Down:
TBD
14 DVDD power supply current increases typically by TBD mA during a Flash/EE memory program or erase cycle.


Similar Part No. - ADUC7022ACP32

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC7022ACP32 AD-ADUC7022ACP32 Datasheet
841Kb / 78P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
Rev. PrA
More results

Similar Description - ADUC7022ACP32

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC7019 AD-ADUC7019 Datasheet
987Kb / 92P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
REV. A
ADUC7024BSTZ62 AD-ADUC7024BSTZ62 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7121 AD-ADUC7121 Datasheet
1Mb / 96P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
REV. 0
ADUC7022 AD-ADUC7022_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7019 AD-ADUC7019_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7021 AD-ADUC7021_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7026 AD-ADUC7026_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7028 AD-ADUC7028_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC702X AD-ADUC702X_1 Datasheet
841Kb / 78P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
Rev. PrA
ADUC7021BCPZ62 AD-ADUC7021BCPZ62 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7029 AD-ADUC7029_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com