Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM108AJAN-SP Datasheet(PDF) 4 Page - Texas Instruments

Part # LM108AJAN-SP
Description  Operational Amplifiers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM108AJAN-SP Datasheet(HTML) 4 Page - Texas Instruments

  LM108AJAN-SP Datasheet HTML 1Page - Texas Instruments LM108AJAN-SP Datasheet HTML 2Page - Texas Instruments LM108AJAN-SP Datasheet HTML 3Page - Texas Instruments LM108AJAN-SP Datasheet HTML 4Page - Texas Instruments LM108AJAN-SP Datasheet HTML 5Page - Texas Instruments LM108AJAN-SP Datasheet HTML 6Page - Texas Instruments LM108AJAN-SP Datasheet HTML 7Page - Texas Instruments LM108AJAN-SP Datasheet HTML 8Page - Texas Instruments LM108AJAN-SP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
OBSOLETE
LM108AJAN
SNOSAJ6C – FEBRUARY 2005 – REVISED APRIL 2013
www.ti.com
Absolute Maximum Ratings
(1)
Supply Voltage
±22V
TO-99 Metal Can 8LD
330mW @ +125°C
CDIP 14LD
400mW @ +125°C
Power Dissipation(2)
CDIP 8LD
400mW @ +125°C
CLGA 10LD
330mW @ +125°C
Ceramic SOIC 10LD
330mW @ +125°C
Differential Input Current(3)
±10 mA
Differential Input Voltage(4)
±30V
Input Voltage(5)
±20V
Output Short-Circuit Duration
Continuous
Operating Temperature Range
−55°C ≤TA≤ +125°C
Storage Temperature Range
−65°C ≤TA≤ +150°C
TO-99 Metal Can 8LD Still Air
150°C/W
500LF / Min Air Flow
86°C/W
CDIP 14LD Still Air
94°C/W
500LF / Min Air Flow
55°C/W
CDIP 8LD Still Air
120°C/W
θJA
500LF / Min Air Flow
68°C/W
CPACK 10LD Still Air
225°C/W
500LF / Min Air Flow
142°C/W
Thermal Resistance
Ceramic SOIC 10LD Still Air
225°C/W
500LF / Min Air Flow
142°C/W
TO-99 Metal Can 8LD
38°C/W
CDIP 14LD
13°C/W
θJC
CDIP 8LD
17°C/W
CLGA 10LD
21°C/W
Ceramic SOIC 10LD
21°C/W
TO-99 Metal Can 8LD
990mg
CDIP 14LD
2,180mg
Package Weight (typical)
CDIP 8LD
1,090mg
CLGA 10LD
225mg
Ceramic SOIC 10LD
210mg
Maximum Junction Teperature
175°C
Lead Temperature (Soldering, 10 sec)
300°C
ESD Tolerance(6)
2000V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics. The specified specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(2)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax (maximum junction temperature),
θJA (package junction to ambient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at any
temperature is PDmax = (TJmax - TA) /θJA or the number given in the Absolute Maximum Ratings, whichever is lower.
(3)
The inputs are shunted with back-to-back diodes for over voltage protection. Therefore, excessive current will flow if a differential input
voltage in excess of 1V is applied between the inputs unless some limiting resistance is used.
(4)
This rating is ±1.0V unless resistances of 2K
Ω or greater are inserted in series with the inputs to limit current in the input shunt diodes to
the maximum allowable value.
(5)
For supply voltages less than ±20V, the absolute maximum input voltage is equal to the supply voltage.
(6)
Human body model, 1.5 k
Ω in series with 100 pF.
4
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM108AJAN


Similar Part No. - LM108AJAN-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM108AJAN TI1-LM108AJAN Datasheet
749Kb / 18P
[Old version datasheet]   LM108AJAN Operational Amplifiers
More results

Similar Description - LM108AJAN-SP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
logo
SG Micro Corp
SGM8535 SGMICRO-SGM8535 Datasheet
379Kb / 16P
   Operational Amplifiers
logo
Texas Instruments
LM118-N TI1-LM118-N_15 Datasheet
1Mb / 25P
[Old version datasheet]   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com