Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUC7024BST62 Datasheet(PDF) 11 Page - Analog Devices

Part # ADUC7024BST62
Description  Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC7024BST62 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADUC7024BST62 Datasheet HTML 7Page - Analog Devices ADUC7024BST62 Datasheet HTML 8Page - Analog Devices ADUC7024BST62 Datasheet HTML 9Page - Analog Devices ADUC7024BST62 Datasheet HTML 10Page - Analog Devices ADUC7024BST62 Datasheet HTML 11Page - Analog Devices ADUC7024BST62 Datasheet HTML 12Page - Analog Devices ADUC7024BST62 Datasheet HTML 13Page - Analog Devices ADUC7024BST62 Datasheet HTML 14Page - Analog Devices ADUC7024BST62 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 80 page
background image
Preliminary Technical Data
ADuC702x Series
Rev. PrB | Page 11 of 80
Pin# ADuC702X
7020
7021
7022
Mnemonic
Type*
Function
internal clock generator circuits
24
24
23
XCLKO
O
Output from the crystal oscillator inverter
25
25
24
XCLKI
I
Input to the crystal oscillator inverter and input to the internal clock
generator circuits
26
26
25
P1.7/SPM7/PLAO[
0]
I/O
Serial Port Multiplexed:
General Purpose Input-Output Port 1.7 / UART / SPI / Programmable
Logic Array Output Element 0
27
27
26
P1.6/SPM6/PLAI[6]
I/O
Serial Port Multiplexed:
General Purpose Input-Output Port 1.6 / UART / SPI / Programmable
Logic Array Input Element 6
28
28
27
P1.5/SPM5/PLAI[5]
/IRQ3
I/O
Serial Port Multiplexed:
General Purpose Input-Output Port 1.5 / UART / SPI / Programmable
Logic Array Input Element 5/ External Interrupt Request 3, active high
29
29
28
P1.4/SPM4/PLAI[4]
/IRQ2
I/O
Serial Port Multiplexed:
General Purpose Input-Output Port 1.4 / UART / SPI / Programmable
Logic Array Input Element 4/ External Interrupt Request 2, active high
30
30
29
P1.3/SPM3/PLAI[3]
I/O
Serial Port Multiplexed:
General Purpose Input-Output Port 1.3/ UART / I2C1 /Programmable
Logic Array Input Element 3
31
31
30
P1.2/SPM2/PLAI[2]
I/O
Serial Port Multiplexed:
General Purpose Input-Output Port 1.2 / UART / I2C1 /Programmable
Logic Array Input Element 2
32
32
31
P1.1/SPM1/PLAI[1]
I/O
Serial Port Multiplexed:
General Purpose Input-Output Port 1.1 / UART / I2C0 / Programmable
Logic Array Input Element 1
33
33
32
P1.0/T1/SPM0/PLA
I[0]
I/O
Serial Port Multiplexed:
General Purpose Input-Output Port 1.0/ Timer 1 Input / UART / I2C0 /
Programmable Logic Array Input Element 0
34
-
-
P4.2/PLAO[10]
I/O
General Purpose Input-Output Port 4.2 / Programmable Logic Array
Output Element 10
35
34
33
VREF
I/O
2.5V internal Voltage Reference. Must be connected to a 0.47uF capacitor
when using the internal reference.
36
35
34
AGND
S
Analog Ground. Ground reference point for the analog circuitry
37
36
35
AVDD
S
3.3V Analog Power
* I = Input, O = Output, S = Supply.
- No pin assigned.


Similar Part No. - ADUC7024BST62

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC7024BST62 AD-ADUC7024BST62 Datasheet
841Kb / 78P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
Rev. PrA
More results

Similar Description - ADUC7024BST62

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC7019 AD-ADUC7019 Datasheet
987Kb / 92P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
REV. A
ADUC7024BSTZ62 AD-ADUC7024BSTZ62 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7121 AD-ADUC7121 Datasheet
1Mb / 96P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
REV. 0
ADUC7022 AD-ADUC7022_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7019 AD-ADUC7019_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7021 AD-ADUC7021_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7026 AD-ADUC7026_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7028 AD-ADUC7028_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC702X AD-ADUC702X_1 Datasheet
841Kb / 78P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
Rev. PrA
ADUC7021BCPZ62 AD-ADUC7021BCPZ62 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7029 AD-ADUC7029_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com