Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL103CE1 Datasheet(PDF) 7 Page - Analog Devices

Part # ADXL103CE1
Description  Precision 짹1.7 g Single/Dual Axis Accelerometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL103CE1 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADXL103CE1 Datasheet HTML 3Page - Analog Devices ADXL103CE1 Datasheet HTML 4Page - Analog Devices ADXL103CE1 Datasheet HTML 5Page - Analog Devices ADXL103CE1 Datasheet HTML 6Page - Analog Devices ADXL103CE1 Datasheet HTML 7Page - Analog Devices ADXL103CE1 Datasheet HTML 8Page - Analog Devices ADXL103CE1 Datasheet HTML 9Page - Analog Devices ADXL103CE1 Datasheet HTML 10Page - Analog Devices ADXL103CE1 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADXL103/ADXL203
Rev. 0 | Page 7 of 12
TEMPERATURE (°C)
0.3
0.8
0.7
0.6
0.5
0.4
0.9
150
100
50
0
–50
VS = 5V
VS = 3V
Figure 15. Supply Current vs. Temperature
0
45
20
25
30
35
40
15
10
5
VOLTS
Figure 16. X Axis Self Test Response at 25°C
TEMPERATURE (°C)
0.50
0.80
0.75
0.70
0.65
0.60
0.55
0.85
0.90
Figure 17. Self Test Response vs. Temperature
0
80
70
60
50
40
30
20
10
90
100
µA
3V
5V
Figure 18. Supply Current at 25°C
0
45
20
25
30
35
40
15
10
5
VOLTS
Figure 19. Y Axis Self Test Response at 25°C
Figure 20. Turn-On Time – CX, CY = 0.1 µF, Time Scale = 2 ms/div


Similar Part No. - ADXL103CE1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL103CE AD-ADXL103CE Datasheet
618Kb / 16P
   Precision 짹1.7 g, 짹5 g, 짹18 g Single-/ Dual-Axis iMEMS짰 Accelerometer
REV. D
ADXL103CE AD-ADXL103CE Datasheet
618Kb / 16P
   Precision 1.7g, -1.7g, 5g, -5g, 18g, -18g Single-/ Dual-Axis iMEMS Accelerometer
REV. D
ADXL103CE AD-ADXL103CE Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
ADXL103CE-REEL AD-ADXL103CE-REEL Datasheet
618Kb / 16P
   Precision 1.7g, -1.7g, 5g, -5g, 18g, -18g Single-/ Dual-Axis iMEMS Accelerometer
REV. D
More results

Similar Description - ADXL103CE1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD22293Z AD-AD22293Z Datasheet
618Kb / 16P
   Precision 짹1.7 g, 짹5 g, 짹18 g Single-/ Dual-Axis iMEMS짰 Accelerometer
REV. D
ADIS16003 AD-ADIS16003 Datasheet
285Kb / 16P
   Dual-Axis 짹1.7 g Accelerometer with SPI Interface
REV. 0
logo
MEMSIC Semiconductor (T...
MXR7999V MEMSIC-MXR7999V Datasheet
95Kb / 6P
   Low Cost 짹1.7 g Dual-Axis Accelerometer with Ratiometric Outputs
Rev.A
logo
Analog Devices
ADXL103 AD-ADXL103_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
ADXL203 AD-ADXL203_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
logo
MEMSIC Semiconductor (T...
MXD2020G MEMSIC-MXD2020G Datasheet
172Kb / 7P
   Improved, Ultra Low Noise 짹1.7 g Dual Axis Accelerometer with Digital Outputs
Rev.G
logo
List of Unclassifed Man...
MXA2500G ETC1-MXA2500G Datasheet
335Kb / 8P
   Improved, Ultra Low Noise 짹1.7 g Dual Axis Accelerometer with Absolute Outputs
MXD2020G ETC1-MXD2020G Datasheet
144Kb / 7P
   Improved, Ultra Low Noise 짹1.7 g Dual Axis Accelerometer with Digital Outputs
logo
Analog Devices
ADXL212 AD-ADXL212 Datasheet
262Kb / 12P
   Precision 짹2 g Dual Axis, PWM Output Accelerometer
REV. 0
ADXL206 AD-ADXL206 Datasheet
427Kb / 12P
   Precision, 짹5 g, Dual-Axis, High Temperature iMEMS Accelerometer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com