Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLW5BTM101SQ2 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # DLW5BTM101SQ2
Description  Operating Temperature Range
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DLW5BTM101SQ2 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  DLW5BTM101SQ2 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DLW5BTM101SQ2 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DLW5BTM101SQ2 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Search Data Sheet
DLW5BTM101SQ2#
“#” indicates a package specification code.
< List of part numbers with package codes >
DLW5BTM101SQ2K DLW5BTM101SQ2B DLW5BTM101SQ2L
Appearance & Shape
Applications
Other Usage
For general
Packaging Information
Packaging
Specifications
Minimum
Order Quantity
B
Bulk(Bag)
100
K
330mm Embossed Tape
2500
L
180mm Embossed Tape
700
Features
Low profile (h=2.5mm) chip common mode choke coil.
Suitable for noise suppression at DC power lines.
Features
1. Low profile (h=2.5mm)
2. Small size (5.0x5.0mm) and high rated current
(1.5 to 6A)
3. High common mode Impedance
(max. 1400 ohm, at 100MHz)
Applications
Noise suppression for power line
1. Power line equipment
-DC-DC converters
-Battery chargers
2. Portable equipment
-PDAs (Personal Digital Assistants)
-Note PCs
-Printers
1 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2016/08/03


Similar Part No. - DLW5BTM101SQ2

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DLW5BTM101SQ2 MURATA1-DLW5BTM101SQ2 Datasheet
464Kb / 4P
   Low profile (h=2.5mm) chip common mode choke coil.
Last updated07/26/2022
DLW5BTM101SQ2B MURATA1-DLW5BTM101SQ2B Datasheet
464Kb / 4P
   Low profile (h=2.5mm) chip common mode choke coil.
Last updated07/26/2022
DLW5BTM101SQ2K MURATA1-DLW5BTM101SQ2K Datasheet
464Kb / 4P
   Low profile (h=2.5mm) chip common mode choke coil.
Last updated07/26/2022
DLW5BTM101SQ2L MURATA1-DLW5BTM101SQ2L Datasheet
464Kb / 4P
   Low profile (h=2.5mm) chip common mode choke coil.
Last updated07/26/2022
DLW5BTM101SQ2 MURATA1-DLW5BTM101SQ2_V01 Datasheet
464Kb / 4P
   Low profile (h=2.5mm) chip common mode choke coil.
Last updated07/26/2022
More results

Similar Description - DLW5BTM101SQ2

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0115C1ER30CE01 MURATA-GRM0115C1ER30CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER40BE01 MURATA-GRM0115C1ER40BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER60BE01 MURATA-GRM0115C1ER60BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER80BE01 MURATA-GRM0115C1ER80BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1E9R5CE01 MURATA-GRM0115C1E9R5CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0222C1E2R3BDAE MURATA-GRM0222C1E2R3BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6BDAE MURATA-GRM0222C1E2R6BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6WDAE MURATA-GRM0222C1E2R6WDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R4BDAE MURATA-GRM0222C1E3R4BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R7WDAE MURATA-GRM0222C1E3R7WDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E330GA02 MURATA-GRM0222C1E330GA02 Datasheet
92Kb / 2P
   Operating temperature range
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com