Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM1100UR Datasheet(PDF) 2 Page - Analog Devices

Part # ADUM1100UR
Description  iCoupler Digital Isolator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1100UR Datasheet(HTML) 2 Page - Analog Devices

  ADUM1100UR Datasheet HTML 1Page - Analog Devices ADUM1100UR Datasheet HTML 2Page - Analog Devices ADUM1100UR Datasheet HTML 3Page - Analog Devices ADUM1100UR Datasheet HTML 4Page - Analog Devices ADUM1100UR Datasheet HTML 5Page - Analog Devices ADUM1100UR Datasheet HTML 6Page - Analog Devices ADUM1100UR Datasheet HTML 7Page - Analog Devices ADUM1100UR Datasheet HTML 8Page - Analog Devices ADUM1100UR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. E
–2–
ADuM1100–SPECIFICATIONS
ELECTRICAL SPECIFICATIONS, 5 V OPERATION1
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
DC SPECIFICATIONS
Input Supply Current
IDD1(Q)
0.3
0.8
mA
VI = 0 V or VDD1
Output Supply Current
IDD2(Q)
0.01
0.06
mA
VI = 0 V or VDD1
Input Supply Current (25 Mbps)
IDD1(25)
2.2
3.5
mA
12.5 MHz Logic Signal Frequency
(See TPC 1)
Output Supply Current
2 (25 Mbps)
IDD2(25)
0.5
1.0
mA
12.5 MHz Logic Signal Frequency
(See TPC 2)
Input Supply Current (100 Mbps)
IDD1(100)
9.0
14
mA
50 MHz Logic Signal Frequency,
(See TPC 1)
ADuM1100BR/ADuM1100UR Only
Output Supply Current
2 (100 Mbps)
IDD2(100)
2.0
2.8
mA
50 MHz Logic Signal Frequency,
(See TPC 2)
ADuM1100BR/ADuM1100UR Only
Input Current
II
–10
+0.01 +10
µA0 ≤ V
IN
≤ V
DD1
Logic High Output Voltage
VOH
VDD2 – 0.1 5.0
V
IO = –20
µA, V
I = VIH
VDD2 – 0.8 4.6
V
IO = –4 mA, VI = VIH
Logic Low Output Voltage
VOL
0.0
0.1
V
IO = 20
µA, V
I = VIL
0.03
0.1
V
IO = 400
µA, V
I = VIL
0.3
0.8
V
IO = 4 mA, VI = VIL
SWITCHING SPECIFICATIONS
For ADuM1100AR
Minimum Pulse Width
3
PW
40
ns
CL = 15 pF, CMOS Signal Levels
Maximum Data Rate
4
25
Mbps
CL = 15 pF, CMOS Signal Levels
For ADuM1100BR/ADuM1100UR
Minimum Pulse Width
3
PW
6.7
10
ns
CL = 15 pF, CMOS Signal Levels
Maximum Data Rate
4
100
150
Mbps
CL = 15 pF, CMOS Signal Levels
For All Grades
Propagation Delay Time
tPHL
10.5
18
ns
CL = 15 pF, CMOS Signal Levels
to Logic Low Output
5, 6
(See TPC 3)
Propagation Delay Time
tPLH
10.5
18
ns
CL = 15 pF, CMOS Signal Levels
to Logic High Output
5, 6
(See TPC 3)
Pulse Width Distortion |tPLH – tPHL|
6 PWD
0.5
2
ns
CL = 15 pF, CMOS Signal Levels
Change versus Temperature
7
3
ps/
°CC
L = 15 pF, CMOS Signal Levels
Propagation Delay Skew
tPSK1
8ns
CL = 15 pF, CMOS Signal Levels
(Equal Temperature)
6, 8
Propagation Delay Skew
tPSK2
6ns
CL = 15 pF, CMOS Signal Levels
(Equal Temperature, Supplies)
6, 8
Output Rise/Fall Time
tR, tF
3ns
CL = 15 pF, CMOS Signal Levels
Common-Mode Transient Immunity
|CML|,
25
35
kV/
µsV
I = 0 or VDD1, VCM = 1000 V,
at Logic Low/High Output
9
|CMH|Transient Magnitude = 800 V
Input Dynamic Power
CPD1
35
pF
Dissipation Capacitance
10
Output Dynamic Power
CPD2
8pF
Dissipation Capacitance
10
See Notes on page 5.
Specifications subject to change without notice.
(4.5 V
≤ VDD1 ≤ 5.5 V, 4.5 V ≤ VDD2 ≤ 5.5 V. All min/max
specifications apply over the entire recommended operation
range, unless otherwise noted. All typical specifications are at TA = 25 C, VDD1 = VDD2 = 5 V.)


Similar Part No. - ADUM1100UR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADuM1100UR AD-ADuM1100UR Datasheet
384Kb / 20P
   iCoupler Digital Isolator
Rev. I
ADuM1100UR-RL7 AD-ADuM1100UR-RL7 Datasheet
384Kb / 20P
   iCoupler Digital Isolator
Rev. I
ADuM1100URZ AD-ADuM1100URZ Datasheet
384Kb / 20P
   iCoupler Digital Isolator
Rev. I
ADuM1100URZ-RL7 AD-ADuM1100URZ-RL7 Datasheet
384Kb / 20P
   iCoupler Digital Isolator
Rev. I
More results

Similar Description - ADUM1100UR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1100ARZ AD-ADUM1100ARZ Datasheet
384Kb / 20P
   iCoupler Digital Isolator
Rev. I
ADUM1100BRZ AD-ADUM1100BRZ Datasheet
384Kb / 20P
   iCoupler Digital Isolator
Rev. I
ADUM1100 AD-ADUM1100_15 Datasheet
384Kb / 20P
   Coupler Digital Isolator
Rev. I
logo
List of Unclassifed Man...
IL711 ETC1-IL711 Datasheet
124Kb / 7P
   Dual Digital Isolator
logo
Texas Instruments
ISO7221C-HT TI1-ISO7221C-HT Datasheet
465Kb / 16P
[Old version datasheet]   DUAL DIGITAL ISOLATOR
logo
List of Unclassifed Man...
IL710 ETC1-IL710 Datasheet
149Kb / 7P
   High Speed Digital Isolator
logo
Maxim Integrated Produc...
MAX14850 MAXIM-MAX14850_14 Datasheet
899Kb / 17P
   Six-Channel Digital Isolator
Rev 2; 11/14
logo
STMicroelectronics
STISO621 STMICROELECTRONICS-STISO621 Datasheet
398Kb / 21P
   Dual channel digital isolator
May 2022 Rev 3
logo
Silicon Laboratories
SI8430 SILABS-SI8430 Datasheet
627Kb / 30P
   TRIPLE-CHANNEL DIGITAL ISOLATOR
logo
Rohm
BM67221FV-C ROHM-BM67221FV-C Datasheet
2Mb / 28P
   High Speed Digital Isolator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com