Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIC106M Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # TIC106M
Description  isc Thyristors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

TIC106M Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  TIC106M Datasheet HTML 1Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc Thyristors
TIC106M
APPLICATIONS
·
5A contimunous on-state current
·
30A surge-current
·
Glass passivated
·
Max IGT of 200μA
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive peak off-state voltage
600
V
VRRM
Repetitive peak reverse voltage
600
V
IT(AV)
On-state current Tc=80℃
3.2
A
IT(RMS)
RMS on-state current Tc=80℃
5
A
ITM
Surge peak on-state current
30
A
PGM
Peak gate power PW≤300μs
1.3
W
PG(AV)
Average gate power
0.3
W
Tj
Operating Junction temperature
110
Tstg
Storage temperature
-40 ~+125
Rth(j-c)
Thermal resistance, junction to case
1.9
/W
Rth(j-a)
Thermal resistance, junction to ambient
62.5
/W
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
IRRM
Repetitive peak reverse current
VRM=VRRM,
VRM=VRRM, Tj=110
0.4
1.0
mA
IDRM
Repetitive peak off-state current
VDM=VDRM,
VDM=VDRM, Tj=110
0.4
1.0
mA
VTM
On-state voltage
ITM= 5A
1.7
V
IGT
Gate-trigger current
VAA=6V; RL=1kΩ
200
μ
A
VGT
Gate-trigger voltage
VAA=6V; RL=100Ω
1.0
V
IH
Holding current
VAA=6V; RGK=1kΩ, IT= 10mA
5
mA


Similar Part No. - TIC106M

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TIC106M POINN-TIC106M Datasheet
165Kb / 8P
   SILICON CONTROLLED RECTIFIERS
logo
Texas Instruments
TIC106M TI-TIC106M Datasheet
230Kb / 6P
[Old version datasheet]   PNP SILICON REVERSE BLOCKING TRIODE THYRISTORS
logo
Comset Semiconductor
TIC106M COMSET-TIC106M Datasheet
199Kb / 3P
   P-N-P-N SILICON REVERSE-BLOCKING TRIODE THYRISTORS
TIC106M COMSET-TIC106M Datasheet
163Kb / 4P
   P-N-P-N SILICON REVERSE-BLOCKING TRIODE THYRISTORS
logo
New Jersey Semi-Conduct...
TIC106M NJSEMI-TIC106M Datasheet
129Kb / 3P
   P-N-P-N SILICON REVERSE-BLOCKING TRIODE THYRISTORS
More results

Similar Description - TIC106M

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIC126D ISC-TIC126D Datasheet
99Kb / 1P
   isc Thyristors
2P4M-D ISC-2P4M-D Datasheet
265Kb / 2P
   isc Thyristors
BTW69-1200 ISC-BTW69-1200 Datasheet
217Kb / 1P
   isc Thyristors
SK016R ISC-SK016R Datasheet
221Kb / 1P
   isc Thyristors
C122B1 ISC-C122B1 Datasheet
220Kb / 1P
   isc Thyristors
BCR16CM-12LB ISC-BCR16CM-12LB Datasheet
220Kb / 1P
   isc Thyristors
BTA41-400B ISC-BTA41-400B Datasheet
220Kb / 1P
   isc Thyristors
BTA330X-800BT ISC-BTA330X-800BT Datasheet
222Kb / 1P
   isc Thyristors
BT137S-600 ISC-BT137S-600 Datasheet
222Kb / 1P
   isc Thyristors
BTA26-600BWRG ISC-BTA26-600BWRG Datasheet
220Kb / 1P
   isc Thyristors
BT136S-600E ISC-BT136S-600E Datasheet
221Kb / 1P
   isc Thyristors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com