Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

592D685X-016B2-15H Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 592D685X-016B2-15H
Description  Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

592D685X-016B2-15H Datasheet(HTML) 2 Page - Vishay Siliconix

  592D685X-016B2-15H Datasheet HTML 1Page - Vishay Siliconix 592D685X-016B2-15H Datasheet HTML 2Page - Vishay Siliconix 592D685X-016B2-15H Datasheet HTML 3Page - Vishay Siliconix 592D685X-016B2-15H Datasheet HTML 4Page - Vishay Siliconix 592D685X-016B2-15H Datasheet HTML 5Page - Vishay Siliconix 592D685X-016B2-15H Datasheet HTML 6Page - Vishay Siliconix 592D685X-016B2-15H Datasheet HTML 7Page - Vishay Siliconix 592D685X-016B2-15H Datasheet HTML 8Page - Vishay Siliconix 592D685X-016B2-15H Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.vishay.com
75
592D
Vishay Sprague
Document Number 40004
Revision 20-Oct-04
For technical questions, contact tantalum@vishay.com
RATINGS AND CASE CODES
* Contact factory for availability
µF
4 V
6.3 V
10 V
16 V
20 V
25 V
35 V
STD
EXT
STD
EXT
STD
EXT
STD
EXT
STD
EXT
STD
EXT
STD
EXT
1
BA
1.5
B
2.2
BA
C
B*
3.3
CB
D
C
4.7
AB
A
C
R
6.8
B
A
C
B
D
C
R
D
10
B
A
C
B
D
B
R
B/D
R
15
B
A
D
B*
R
C
U*
R
22
B
A
A/B
C
B
D/T
C
R/U*/T
D
U*/V*
33
B
B/C
A/S
D/T*
C
R/T
C/D
V*
R
47
C
B*
C/D
A/B
R/T
D
U
R/T*
68
D
B/C
D/T/R
B/C
D/R/U*
C/T
V
C*
100
R/T
C/D
D/R
B/C/T
D/U
R
V
C*/D/U
150
D/R
C/T
D/U
R
V
U
W
220
U/V
R
V
D/R/U
D
V/W
W
330
V
R/U
W
R/U/V
V
W
470
W
D/U/V
V/U/W
680
V/W
W
1000
W
X/W
1500
X
X/Y
2200
X/Y
X/Y*
3300
Y
4 WVDC @ + 85
°C, SURGE = 5.2 V . . . 2.7 WVDC @ + 125°C, SURGE = 3.4 V
22
A
592D226X_004A2T
0.9
6
2.40
0.16
22
B
592D226X_004B2T
0.9
6
1.60
0.22
33
B
592D336X_004B2T
1.3
6
1.60
0.22
47*
B*
592D476X_004B2T*
1.9*
6*
1.5*
0.23*
47
C
592D476X_004C2T
1.9
6
0.40
0.5
68
B
592D686X_004B2T
2.7
6
1.40
0.24
68
C
592D686X_004C2T
2.7
6
0.35
0.53
68
D
592D686X_004D2T
2.7
6
0.27
0.68
100
C
592D107X_004C2T
4
8
0.35
0.53
100
D
592D107X_004D2T
4
8
0.26
0.69
100
R
592D107X_004R2T
4
8
0.20
0.87
100
T
592D107X_004T2T
4
8
0.45
0.42
150
C
592D157X_004C2T
6
8
0.36
0.52
150
D
592D157X_004D2T
6
8
0.25
0.71
150
R
592D157X_004R2T
6
8
0.20
0.87
150
T
592D157X_004T2T
6
8
0.45
0.42
220
R
592D227X_004R2T
8.3
8
0.20
0.87
220
V
592D227X_004V2T
8.3
8
0.20
0.78
220
U
592D227X_004U2T
8.3
8
0.19
0.76
330
R
592D337X_004R2T
13.2
8
0.18
0.91
330
U
592D337X_004U2T
13.2
8
0.15
0.86
330
V
592D337X_004V2T
13.2
8
0.12
1.08
470
D
592D477X_004D2T
18.8
8
0.14
0.94
470
U
592D477X_004U2T
18.8
8
0.10
1.05
470
V
592D477X_004V2T
18.8
8
0.10
1.18
470
W
592D477X_004W2T
18.8
10
0.10
1.32
680
V
592D687X_004V2T
27.2
12
0.10
1.18
680
W
592D687X_004W2T
27.2
12
0.10
1.32
1000
W
592D108X_004W2T
40
14
0.200
0.94
1500
X
592D158X_004X2T
60
20
0.04
2.1
2200
Y
592D228X_004Y2T
88
25
0.04
2.3
2200
X
592D228X_004X2T
88
25
0.55
2.3
STANDARD / EXTENDED RATINGS
CAPACITANCE
(
µF)
CASE
CODE
PART NUMBER
Max. DCL
@ + 25
°C
(
µA)
Max. DF
@ + 25
°C
120 Hz
(%)
Max. ESR
@ + 25
°C
100kHz
(Ohms)
Max. RIPPLE
100kHz
Irms
(Amps)
*Preliminary values, contact factory for availability. For 10% tolerance, specify "9"; for 20% tolerance, change to "0". Extended range ratings are in bold print.


Similar Part No. - 592D685X-016B2-15H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
592D685X_016A2_15H VISHAY-592D685X_016A2_15H Datasheet
142Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Conformal Coated, Maximum CV
Revision: 22-Aug-08
592D685X_016B2_15H VISHAY-592D685X_016B2_15H Datasheet
142Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Conformal Coated, Maximum CV
Revision: 22-Aug-08
592D685X_020B2_15H VISHAY-592D685X_020B2_15H Datasheet
142Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Conformal Coated, Maximum CV
Revision: 22-Aug-08
592D685X_020C2_15H VISHAY-592D685X_020C2_15H Datasheet
142Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Conformal Coated, Maximum CV
Revision: 22-Aug-08
592D685X_025C2_15H VISHAY-592D685X_025C2_15H Datasheet
142Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Conformal Coated, Maximum CV
Revision: 22-Aug-08
More results

Similar Description - 592D685X-016B2-15H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
572D107X06R3S2T VISHAY-572D107X06R3S2T Datasheet
1,010Kb / 20P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
Revision: 25-Jun-13
572D VISHAY-572D Datasheet
121Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
Revision: 15-May-06
595D226X06R3B2T VISHAY-595D226X06R3B2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D687X0010R2T VISHAY-595D687X0010R2T Datasheet
1Mb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 24-Jun-13
595D107X9016D2T VISHAY-595D107X9016D2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D1061004A23 VISHAY-595D1061004A23 Datasheet
330Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 20-Jan-14
572D VISHAY-572D_08 Datasheet
143Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Low Profile, Conformal Coated, Maximum CV
Revision: 07-Jan-08
572D VISHAY-572D_17 Datasheet
931Kb / 20P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Low Profile, Conformal Coated, Maximum CV
Revision: 23-Nov-17
592D VISHAY-592D_08 Datasheet
142Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Conformal Coated, Maximum CV
Revision: 22-Aug-08
595D155X0050C2T VISHAY-595D155X0050C2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com