Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4525VF Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # AK4525VF
Description  20BIT STEREO ADC & DAC WITH X TAL OSC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4525VF Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AK4525VF Datasheet HTML 1Page - Asahi Kasei Microsystems AK4525VF Datasheet HTML 2Page - Asahi Kasei Microsystems AK4525VF Datasheet HTML 3Page - Asahi Kasei Microsystems AK4525VF Datasheet HTML 4Page - Asahi Kasei Microsystems AK4525VF Datasheet HTML 5Page - Asahi Kasei Microsystems AK4525VF Datasheet HTML 6Page - Asahi Kasei Microsystems AK4525VF Datasheet HTML 7Page - Asahi Kasei Microsystems AK4525VF Datasheet HTML 8Page - Asahi Kasei Microsystems AK4525VF Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
ASAHI KASEI
[AK4525]
MS0053-E-00
2000/9
- 3 -
PIN/FUNCTION
No.
Pin Name
I/O
Function
1
VREFH
I
Positive Voltage Reference Input Pin, VA
Used as a positive voltage reference by ADC & DAC. VREFH should be connected
externally to filtered VA.
2
AINR+
I
Rch Analog Positive Input Pin
3
AINR-
I
Rch Analog Negative Input Pin
4
AINL+
I
Lch Analog Positive Input Pin
5
AINL-
I
Lch Analog Negative Input Pin
6
VA
-
Analog Power Supply Pin
7
AGND
-
Analog Ground Pin
8
XTI
I
X’tal Input Pin
9
XTO
O
X’tal Output Pin
10
DIF0
I
Audio Data Interface Format 0 Pin
11
DIF1
I
Audio Data Interface Format 1 Pin
12
LRCK
I/O
Input/Output Channel Clock Pin
13
SCLK
I/O
Audio Serial Data Clock Pin
14
SDTI
I
Audio Serial Data Input Pin
15
SDTO
O
Audio Serial Data Output Pin
16
SMUTE
I
Soft Mute Pin
When this pin goes “H”, soft mute cycle is initiated.
When returning “L”, the output mute releases.
17
DEM0
I
De-emphasis Frequency Select 0 Pin
18
DEM1
I
De-emphasis Frequency Select 1 Pin
19
TST
I
Test Pin
This pin must be connected to DGND.
20
M/S
I
Master/Slave Mode
(Internal pull-down pin)
“H”: Master mode,
“L”: Slave mode
21
MCKO
O
Master Clock Output Pin
22
VD
-
Digital Power Supply Pin
23
DGND
-
Digital Ground Pin
24
PDN
I
Power-Down Mode Pin
25
CMODE
I
Master Clock Select Pin
(Internal biased pin)
“H”: 384fs,
“L”: 256fs,
“NC”: 512fs
26
AOUTL
O
Lch Analog Output Pin
27
AOUTR
O
Rch Analog Output Pin
28
VCOM
O
Common Voltage Output Pin, VA/2
Note: All input pins except pull-down or biased pins should not be left floating.


Similar Part No. - AK4525VF

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4520 AKM-AK4520 Datasheet
198Kb / 19P
   100dB 20Bit Stereo ADC & DAC
AK4520A AKM-AK4520A Datasheet
198Kb / 19P
   100dB 20Bit Stereo ADC & DAC
AK4520A AKM-AK4520A Datasheet
2Mb / 36P
   EVALUATION BOARD REV.B FOR AK4520A
AK4520A-VF AKM-AK4520A-VF Datasheet
198Kb / 19P
   100dB 20Bit Stereo ADC & DAC
AK4522 AKM-AK4522 Datasheet
134Kb / 18P
   20BIT STEREO ADC & DAC
More results

Similar Description - AK4525VF

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4522 AKM-AK4522 Datasheet
134Kb / 18P
   20BIT STEREO ADC & DAC
AK4523 AKM-AK4523 Datasheet
161Kb / 20P
   20BIT STEREO ADC & DAC
AK4522 AKM-AK4522_12 Datasheet
192Kb / 19P
   20Bit Stereo ?誇 ADC & DAC
AK4520A AKM-AK4520A Datasheet
198Kb / 19P
   100dB 20Bit Stereo ADC & DAC
AD5354 AKM-AD5354 Datasheet
156Kb / 19P
   Low Power 20bit ADC with PGA
AK5352 AKM-AK5352 Datasheet
174Kb / 19P
   96kHz Sampling 20bit ADC
logo
NXP Semiconductors
UDA1309H PHILIPS-UDA1309H Datasheet
150Kb / 24P
   Low-power stereo bitstream ADC/DAC
1998 Jan 06
logo
Nexperia B.V. All right...
74LVC1GX04 NEXPERIA-74LVC1GX04 Datasheet
247Kb / 15P
   X-tal driver
Rev. 5 - 26 January 2022
logo
Asahi Kasei Microsystem...
AK5354 AKM-AK5354_04 Datasheet
155Kb / 19P
   Low Power 20bit ?誇 ADC with PGA
AK5351 AKM-AK5351 Datasheet
174Kb / 19P
   Enhanced Dual bit 20bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com