Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4525VF Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AK4525VF
Description  20BIT STEREO ADC & DAC WITH X TAL OSC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4525VF Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AK4525VF Datasheet HTML 4Page - Asahi Kasei Microsystems AK4525VF Datasheet HTML 5Page - Asahi Kasei Microsystems AK4525VF Datasheet HTML 6Page - Asahi Kasei Microsystems AK4525VF Datasheet HTML 7Page - Asahi Kasei Microsystems AK4525VF Datasheet HTML 8Page - Asahi Kasei Microsystems AK4525VF Datasheet HTML 9Page - Asahi Kasei Microsystems AK4525VF Datasheet HTML 10Page - Asahi Kasei Microsystems AK4525VF Datasheet HTML 11Page - Asahi Kasei Microsystems AK4525VF Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
ASAHI KASEI
[AK4525]
MS0053-E-00
2000/9
- 8 -
n Timing Diagram
tLRS
LRCK
50%VD
SCLK
tLRM
SDTO
50%VD
tSSD
50%VD
tSLR
tSDS
SDTI
50%VD
tSDH
tSLKL
tSLKH
Serial Interface Timing (Slave mode)
LRCK
50%VD
SCLK
SDTO
50%VD
tSSD
50%VD
tMSLR
tSDS
SDTI
50%VD
tSDH
Serial Interface Timing (Master mode)
tPD
30%VD
PDN
70%VD
SDTO
tPDV
Reset & Initialize Timing


Similar Part No. - AK4525VF

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4520 AKM-AK4520 Datasheet
198Kb / 19P
   100dB 20Bit Stereo ADC & DAC
AK4520A AKM-AK4520A Datasheet
198Kb / 19P
   100dB 20Bit Stereo ADC & DAC
AK4520A AKM-AK4520A Datasheet
2Mb / 36P
   EVALUATION BOARD REV.B FOR AK4520A
AK4520A-VF AKM-AK4520A-VF Datasheet
198Kb / 19P
   100dB 20Bit Stereo ADC & DAC
AK4522 AKM-AK4522 Datasheet
134Kb / 18P
   20BIT STEREO ADC & DAC
More results

Similar Description - AK4525VF

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4522 AKM-AK4522 Datasheet
134Kb / 18P
   20BIT STEREO ADC & DAC
AK4523 AKM-AK4523 Datasheet
161Kb / 20P
   20BIT STEREO ADC & DAC
AK4522 AKM-AK4522_12 Datasheet
192Kb / 19P
   20Bit Stereo ?誇 ADC & DAC
AK4520A AKM-AK4520A Datasheet
198Kb / 19P
   100dB 20Bit Stereo ADC & DAC
AD5354 AKM-AD5354 Datasheet
156Kb / 19P
   Low Power 20bit ADC with PGA
AK5352 AKM-AK5352 Datasheet
174Kb / 19P
   96kHz Sampling 20bit ADC
logo
NXP Semiconductors
UDA1309H PHILIPS-UDA1309H Datasheet
150Kb / 24P
   Low-power stereo bitstream ADC/DAC
1998 Jan 06
logo
Nexperia B.V. All right...
74LVC1GX04 NEXPERIA-74LVC1GX04 Datasheet
247Kb / 15P
   X-tal driver
Rev. 5 - 26 January 2022
logo
Asahi Kasei Microsystem...
AK5354 AKM-AK5354_04 Datasheet
155Kb / 19P
   Low Power 20bit ?誇 ADC with PGA
AK5351 AKM-AK5351 Datasheet
174Kb / 19P
   Enhanced Dual bit 20bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com