Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM117QML Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM117QML
Description  3-Terminal Adjustable Regulator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM117QML Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM117QML Datasheet HTML 6Page - Texas Instruments LM117QML Datasheet HTML 7Page - Texas Instruments LM117QML Datasheet HTML 8Page - Texas Instruments LM117QML Datasheet HTML 9Page - Texas Instruments LM117QML Datasheet HTML 10Page - Texas Instruments LM117QML Datasheet HTML 11Page - Texas Instruments LM117QML Datasheet HTML 12Page - Texas Instruments LM117QML Datasheet HTML 13Page - Texas Instruments LM117QML Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
LM117QML, LM117QML-SP
SNVS356D – MARCH 2006 – REVISED APRIL 2013
www.ti.com
LM117H & LM117WG RH Electrical Characteristics
AC Parameters
(1) (2)
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
Sub -
groups
VNO
Output Noise Voltage
VI = 6.25V, IL = -50mA
120
µVRMS
7
VI = 6.25V, ΔVI = 3V,
ΔVO / ΔVI
Line Transient Response
6.0
mV/V
7
IL = -10mA
VI = 6.25V, ΔIL = -200mA,
ΔVO / ΔIL
Load Transient Response
0.6
mV/mA
7
IL = -50mA
VI = 6.25V, IL = -125mA,
ΔVI / ΔVO
Ripple Rejection
65
dB
4
EI = 1VRMS at ƒ = 2400Hz
(1)
Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics except as listed in the "Post
Radiation Limits" table. These parts may be dose rate sensitive in a space environment and demonstrate enhanced low dose rate effect.
Radiation end point limits for the noted parameters are ensured only for the conditions as specified in Mil-Std-883, Method 1019.5,
Condition A.
(2)
Low dose rate testing has been performed on a wafer-by-wafer basis, per test method 1019 condition D of MIL-STD-883, with no
enhanced low dose rate sensitivity (ELDRS) effect.
LM117H & LM117WG RH Electrical Characteristics
DC Drift Parameters
The following conditions apply, unless otherwise specified.
Deltas performed on QMLV devices at Group B, Subgroup 5, only.
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
Sub-
groups
VI = 4.25V, IL = -5mA
-0.01
0.01
V
1
VI = 4.25V, IL = -500mA
-0.01
0.01
V
1
VO
Output Voltage
VI = 41.25V, IL = -5mA
-0.01
0.01
V
1
VI = 41.25V, IL = -50mA
-0.01
0.01
V
1
4.25V
≤ VI ≤ 41.25V,
VRLine
Line Regulation
-4.0
4.0
mV
1
IL = -5mA
IAdj
Adjust Pin Current
VI = 4.25V, IL = -5mA
-10
10
µA
1
VI = 41.25V, IL = -5mA
-10
10
µA
1
VI = 4.25V, RL = 2.5Ω,
-0.01
0.01
V
1
CL = 20µf
VO (Recov)
Output Voltage Recovery
VI = 40V, RL = 250Ω
-0.01
0.01
V
1
10
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM117QML LM117QML-SP


Similar Part No. - LM117QML

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM117QML TI1-LM117QML Datasheet
975Kb / 30P
[Old version datasheet]   LM117QML 3-Terminal Adjustable Regulator
LM117QML TI-LM117QML Datasheet
4Mb / 35P
[Old version datasheet]   LM117QML-SP RHA 4.25-V to 41.25-V 3-Terminal Adjustable Regulator
LM117QML-SP TI-LM117QML-SP Datasheet
4Mb / 35P
[Old version datasheet]   LM117QML-SP RHA 4.25-V to 41.25-V 3-Terminal Adjustable Regulator
LM117QML-SP TI-LM117QML-SP Datasheet
1Mb / 36P
[Old version datasheet]   LM117HVQML-SP RHA 4.25-V to 60-V 3-Terminal Adjustable Regulator
OCTOBER 2021
LM117QML TI-LM117QML_15 Datasheet
1Mb / 36P
[Old version datasheet]   LM117QML 3-Terminal Adjustable Regulator
More results

Similar Description - LM117QML

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM317L NSC-LM317L_06 Datasheet
918Kb / 16P
   3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com