Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM20CIM7X Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM20CIM7X
Description  DSBGA Temperature Sensor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM20CIM7X Datasheet(HTML) 4 Page - Texas Instruments

  LM20CIM7X Datasheet HTML 1Page - Texas Instruments LM20CIM7X Datasheet HTML 2Page - Texas Instruments LM20CIM7X Datasheet HTML 3Page - Texas Instruments LM20CIM7X Datasheet HTML 4Page - Texas Instruments LM20CIM7X Datasheet HTML 5Page - Texas Instruments LM20CIM7X Datasheet HTML 6Page - Texas Instruments LM20CIM7X Datasheet HTML 7Page - Texas Instruments LM20CIM7X Datasheet HTML 8Page - Texas Instruments LM20CIM7X Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
LM20
SNIS106Q – DECEMBER 1999 – REVISED JANUARY 2015
www.ti.com
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2500
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±250
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
LM20B, LM20C with
2.4 V
≤ V+≤ 2.7 V
−30
130
°C
LM20B, LM20C with
2.7 V
≤ V+≤ 5.5 V
−55
130
°C
LM20S with
2.4 V
≤ V+≤ 5.5 V
−30
125
°C
LM20S with
2.7 V
≤ V+≤ 5.5 V
−40
125
°C
Supply Voltage Range (V+)
2.4
5.5
V
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6.4 Thermal Information
LM20
THERMAL METRIC(1)
DCK (SC70)
YZR (DSBGA)
UNIT
5 PINS
4 PINS
RθJA
Junction-to-ambient thermal resistance
282
197
RθJC(top)
Junction-to-case (top) thermal resistance
93
2
RθJB
Junction-to-board thermal resistance
62
40
°C/W
ψJT
Junction-to-top characterization parameter
1.6
11
ψJB
Junction-to-board characterization parameter
62
40
RθJC(bot)
Junction-to-case (bottom) thermal resistance
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.5 Electrical Characteristics: LM20B
Unless otherwise noted, these specifications apply for V
+ = 2.7 V
DC. All limits TA = TJ = TMIN to TMAX, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
TA = 25°C to 30°C
–1.5
1.5
°C
TA = 130°C
–2.5
2.5
°C
TA = 125°C
–2.5
2.5
°C
TA = 100°C
–2.2
2.2
°C
Temperature to Voltage Error
TA = 85°C
–2.1
2.1
°C
VO = (−3.88×10
−6× T 2) + (−1.15×10−2×
TA = 80°C
–2.0
2.0
°C
T) + 1.8639 V(3)
TA = 0°C
–1.9
1.9
°C
TA = –30°C
–2.2
2.2
°C
TA = –40°C
–2.3
2.3
°C
TA = –55°C
–2.5
2.5
°C
Output Voltage at 0°C
1.8639
V
Variance from Curve
±1.0
°C
(1)
Limits are ensured to TI's AOQL (Average Outgoing Quality Level).
(2)
Typicals are at TJ = TA = 25°C and represent most likely parametric norm.
(3)
Accuracy is defined as the error between the measured and calculated output voltage at the specified conditions of voltage, current, and
temperature (expressed in °C).
4
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: LM20


Similar Part No. - LM20CIM7X

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20CIM7X NSC-LM20CIM7X Datasheet
218Kb / 9P
   LM20 2.4V, 10關A, SC70, micro SMD Temperature Sensor
LM20CIM7X NSC-LM20CIM7X Datasheet
652Kb / 10P
   2.4V, 10關A, SC70, micro SMD Temperature Sensor
logo
Texas Instruments
LM20CIM7X TI1-LM20CIM7X Datasheet
1Mb / 18P
[Old version datasheet]   LM20 2.4V, 10關A, SC70, DSBGA Temperature Sensor
logo
National Semiconductor ...
LM20CIM7XEP NSC-LM20CIM7XEP Datasheet
250Kb / 9P
   Enhanced Plastic 2.4V, 10uA, SC70, micro SMD Temperature Sensor
More results

Similar Description - LM20CIM7X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT88 TI-LMT88 Datasheet
899Kb / 13P
[Old version datasheet]   LMT88 2.4V, 10 A, SC70, DSBGA Temperature Sensor
LLSD103A-7 TI1-LLSD103A-7 Datasheet
1Mb / 18P
[Old version datasheet]   LM20 2.4V, 10關A, SC70, DSBGA Temperature Sensor
LM20 TI-LM20_15 Datasheet
1Mb / 25P
[Old version datasheet]   LM20 2.4-V, 10-關A, SC70, DSBGA Temperature Sensor
TMP431 TI1-TMP431 Datasheet
1Mb / 47P
[Old version datasheet]   Temperature Sensor
logo
Diodes Incorporated
ZNI1000 DIODES-ZNI1000 Datasheet
165Kb / 6P
   Temperature sensor
logo
TE Connectivity Ltd
RTD TEC-RTD Datasheet
118Kb / 3P
   Temperature Sensor
logo
Texas Instruments
TMP435 TI1-TMP435 Datasheet
810Kb / 33P
[Old version datasheet]   TEMPERATURE SENSOR
logo
Zetex Semiconductors
ZNI1000 ZETEX-ZNI1000_06 Datasheet
107Kb / 5P
   TEMPERATURE SENSOR
logo
Analog Devices
AD7291 AD-AD7291_17 Datasheet
572Kb / 29P
   Temperature Sensor
logo
Thinking Electronic Ind...
PTLS2101RP416 THINKING-PTLS2101RP416 Datasheet
420Kb / 7P
   Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com