Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM137KG-MW8 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM137KG-MW8
Description  3-Terminal Adjustable Negative Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM137KG-MW8 Datasheet(HTML) 1 Page - Texas Instruments

  LM137KG-MW8 Datasheet HTML 1Page - Texas Instruments LM137KG-MW8 Datasheet HTML 2Page - Texas Instruments LM137KG-MW8 Datasheet HTML 3Page - Texas Instruments LM137KG-MW8 Datasheet HTML 4Page - Texas Instruments LM137KG-MW8 Datasheet HTML 5Page - Texas Instruments LM137KG-MW8 Datasheet HTML 6Page - Texas Instruments LM137KG-MW8 Datasheet HTML 7Page - Texas Instruments LM137KG-MW8 Datasheet HTML 8Page - Texas Instruments LM137KG-MW8 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM137QML
SNVS313D – DECEMBER 2010 – REVISED FEBRUARY 2015
LM137QML 3-Terminal Adjustable Negative Regulators
1 Features
3 Description
The
LM137
are
adjustable
3-terminal
negative
1
SMD 5962-99517
voltage regulators capable of supplying in excess of
Available TID Qualified to 30 krad(Si)
1.5 A over an output voltage range of
−37 V to −1.2
Output Voltage Adjustable from
−37 V to −1.2 V
V. These regulators are exceptionally easy to apply,
requiring only 2 external resistors to set the output
1.5A Output Current Guaranteed,
−55°C to
voltage
and
1
output
capacitor
for
frequency
+150°C
compensation. The circuit design has been optimized
Line Regulation Typically 0.01%/V
for excellent regulation and low thermal transients.
Load Regulation Typically 0.3%
Further, the LM137 series features internal current
limiting,
thermal
shutdown
and
safe-area
Excellent Thermal Regulation, 0.002%/W
compensation, making them virtually blowout-proof
77 dB Ripple Rejection
against overloads.
Excellent Rejection of Thermal Transients
The LM137 serve a wide variety of applications
50 ppm/°C Temperature Coefficient
including local on-card regulation, programmable-
Temperature-independent Current Limit
output
voltage
regulation
or
precision
current
regulation. The LM137 are ideal complements to the
Internal Thermal Overload Protection
LM117 adjustable positive regulators.
Standard 3-lead Transistor Package
Output is Short Circuit Protected
Device Information(1)
PART NUMBER
SMD NUMBER
PACKAGE
2 Applications
LM137K/883
TO-3 (K)
Multipurpose Power Supply
LM137H/883
TO-39 (NDT)
On-card Voltage Regulation
LM137H1PQMLV
5962P9951708VXA
TO-39 (NDT)
Programmable Voltage Supply
30 krad
Precision Current Supply
LM137H-MD8
Die
LM137KG-MD8
Die
Harsh Environments
LM137KG-MW8
Wafer
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM137KG-MW8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM137KG-MW8 TI1-LM137KG-MW8 Datasheet
2Mb / 28P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137KG-MW8 TI1-LM137KG-MW8 Datasheet
842Kb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
More results

Similar Description - LM137KG-MW8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM137QML TI1-LM137QML Datasheet
312Kb / 17P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137QML TI1-LM137QML_17 Datasheet
842Kb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM337-N-MIL TI1-LM337-N-MIL Datasheet
1Mb / 20P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM337IMP-NOPB TI1-LM337IMP-NOPB Datasheet
2Mb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
logo
National Semiconductor ...
LM137 NSC-LM137 Datasheet
836Kb / 12P
   3-Terminal Adjustable Negative Regulators
logo
Texas Instruments
LM137 TI1-LM137_16 Datasheet
2Mb / 28P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137JAN TI1-LM137JAN_13 Datasheet
791Kb / 18P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137JAN TI1-LM137JAN Datasheet
349Kb / 18P
[Old version datasheet]   LM137JAN 3-Terminal Adjustable Negative Regulators
LM137QML TI-LM137QML_15 Datasheet
791Kb / 22P
[Old version datasheet]   LM137QML 3-Terminal Adjustable Negative Regulators
logo
National Semiconductor ...
LM137HV NSC-LM137HV Datasheet
340Kb / 10P
   3-Terminal Adjustable Negative Regulators (High Voltage)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com