Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM117KGMD8 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM117KGMD8
Description  3-Terminal Adjustable Regulator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM117KGMD8 Datasheet(HTML) 4 Page - Texas Instruments

  LM117KGMD8 Datasheet HTML 1Page - Texas Instruments LM117KGMD8 Datasheet HTML 2Page - Texas Instruments LM117KGMD8 Datasheet HTML 3Page - Texas Instruments LM117KGMD8 Datasheet HTML 4Page - Texas Instruments LM117KGMD8 Datasheet HTML 5Page - Texas Instruments LM117KGMD8 Datasheet HTML 6Page - Texas Instruments LM117KGMD8 Datasheet HTML 7Page - Texas Instruments LM117KGMD8 Datasheet HTML 8Page - Texas Instruments LM117KGMD8 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
LM117QML, LM117QML-SP
SNVS356D – MARCH 2006 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
Power Dissipation(2)
Internally Limited
Input-Output Voltage Differential
+40V,
−0.3V
Storage Temperature
−65°C ≤ TA ≤ +150°C
Maximum Junction Temperature (TJmax
+150°C
Lead Temperature Metal Package
300°C
Thermal Resistance
θJA
T0 Still Air
39°C/W
T0 500LF/Min Air flow
14°C/W
PFM Still Air
186°C/W
PFM 500LF/Min Air flow
64°C/W
CFP "WG" (device 03, 05) Still Air
115°C/W
CFP "WG" (device 03, 05) 500LF/Min Air flow
66°C/W
CFP "GW" (device 06, 07) Still Air
130°C/W
CFP "GW" (device 06, 07) 500LF/Min Air flow
80°C/W
LCCC Still Air
88°C/W
LCCC 500LF/Min Air flow
62°C/W
θJC
T0
1.9°C/W
PFM Metal Can
21°C/W
CFP "WG" (device 03, 05)(3)
3.4°C/W
CFP "GW" (device 06, 07)
7°C/W
LCCC
12°C/W
Package Weight
PFM Metal Can
960mg
CFP "WG" (device 03, 05)
365mg
CFP "GW" (device 06, 07)
410mg
ESD Tolerance (4)
3KV
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(2)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax (maximum junction temperature),
θJA (package junction to ambient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at any
temperature is PDmax = (TJmax - TA)/θJA or the number given in the Absolute Maximum Ratings, whichever is lower. "Although power
dissipation is internally limited, these specifications are applicable for power dissipations of 2W for the PFM, LCCC, and CFP packages,
and 20W for the TO package."
(3)
The package material for these devices allows much improved heat transfer over our standard ceramic packages. In order to take full
advantage of this improved heat transfer, heat sinking must be provided between the package base (directly beneath the die), and either
metal traces on, or thermal vias through, the printed circuit board. Without this additional heat sinking, device power dissipation must be
calculated using
θJA, rather than θJC, thermal resistance. It must not be assumed that the device leads will provide substantial heat
transfer out the package, since the thermal resistance of the leadframe material is very poor, relative to the material of the package
base. The stated
θJC thermal resistance is for the package material only, and does not account for the additional thermal resistance
between the package base and the printed circuit board. The user must determine the value of the additional thermal resistance and
must combine this with the stated value for the package, to calculate the total allowed power dissipation for the device.
(4)
Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
Recommended Operating Conditions
Operating Temperature Range
−55°C ≤ TA ≤ +125°C
Input Voltage Range
4.25V to 41.25V
4
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM117QML LM117QML-SP


Similar Part No. - LM117KGMD8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM117KGMD8 TI1-LM117KGMD8 Datasheet
975Kb / 30P
[Old version datasheet]   LM117QML 3-Terminal Adjustable Regulator
More results

Similar Description - LM117KGMD8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM317L NSC-LM317L_06 Datasheet
918Kb / 16P
   3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com