Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM117KG-MW8 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM117KG-MW8
Description  3-Terminal Adjustable Regulator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM117KG-MW8 Datasheet(HTML) 2 Page - Texas Instruments

  LM117KG-MW8 Datasheet HTML 1Page - Texas Instruments LM117KG-MW8 Datasheet HTML 2Page - Texas Instruments LM117KG-MW8 Datasheet HTML 3Page - Texas Instruments LM117KG-MW8 Datasheet HTML 4Page - Texas Instruments LM117KG-MW8 Datasheet HTML 5Page - Texas Instruments LM117KG-MW8 Datasheet HTML 6Page - Texas Instruments LM117KG-MW8 Datasheet HTML 7Page - Texas Instruments LM117KG-MW8 Datasheet HTML 8Page - Texas Instruments LM117KG-MW8 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
N/C
N/C
1
16
N/C
N/C
2
15
ADJ
N/C
3
14
N/C
OUTPUT/SENSE
4
13
INPUT
OUTPUT
5
12
N/C
N/C
6
11
N/C
N/C
7
10
N/C
N/C
8
9
LM117QML, LM117QML-SP
SNVS356D – MARCH 2006 – REVISED APRIL 2013
www.ti.com
CONNECTION DIAGRAMS
CASE IS OUTPUT
CASE IS OUTPUT
Figure 1. 2-Pin TO Metal Can Package
Figure 2. 3-Pin PFM Metal Can Package
Bottom View
Bottom View
See K Package
See NDT0003A Package
For the Ceramic SOIC device to function properly, the "Output" and
"Output/Sense" pins must be connected on the users printed circuit
board.
Figure 3. 16-Pin CFP
Figure 4. 20-Pin LCCC
Top View
Top View
See NAJ0020A Package
Table 1. LM117 Series Packages
Part
Design
Number
Package
Load
Suffix
Current
K
TO
1.5A
H
PFM
0.5A
WG, GW
CFP
0.5A
E
LCCC
0.5A
2
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM117QML LM117QML-SP


Similar Part No. - LM117KG-MW8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM117KGMD8 TI1-LM117KGMD8 Datasheet
975Kb / 30P
[Old version datasheet]   LM117QML 3-Terminal Adjustable Regulator
More results

Similar Description - LM117KG-MW8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM317L NSC-LM317L_06 Datasheet
918Kb / 16P
   3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com