Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4640VG Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AK4640VG
Description  16BIT CODEC WITH MIC /HP/SPK-AMPl
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4640VG Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AK4640VG Datasheet HTML 1Page - Asahi Kasei Microsystems AK4640VG Datasheet HTML 2Page - Asahi Kasei Microsystems AK4640VG Datasheet HTML 3Page - Asahi Kasei Microsystems AK4640VG Datasheet HTML 4Page - Asahi Kasei Microsystems AK4640VG Datasheet HTML 5Page - Asahi Kasei Microsystems AK4640VG Datasheet HTML 6Page - Asahi Kasei Microsystems AK4640VG Datasheet HTML 7Page - Asahi Kasei Microsystems AK4640VG Datasheet HTML 8Page - Asahi Kasei Microsystems AK4640VG Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 76 page
background image
ASAHI KASEI
[AK4640]
MS0273-E-00
2004/03
- 1 -
GENERAL DESCRIPTION
The AK4640 targeted at PDA and other low-power, small size applications. It features a 16bit stereo
CODEC with a built-in Microphone-Amplifier, Headphone-Amplifier and Speaker-Amplifier. Input circuits
include a Microphone-Amplifier and an ALC (Auto Level Control) circuit. The AK4640 is available in a
smaller 57pin BGA in addition to a 52pin QFN that has compatibility with the AK4534/8, utilizing less
board space than competitive offerings.
FEATURES
1. Resolution : 16bits
2. Recording Function
• Mono Input
• 2 to 1 Selector (Internal and External MIC)
• 1st MIC Amplifier : +20dB or 0dB
• 2nd Amplifier with ALC : +27.5dB ∼ −8dB, 0.5dB Step
• ADC Performance : S/(N+D) : 79dB, DR, S/N : 83dB
3. Playback Function
• Digital De-emphasis Filter (tc=50/15µs, fs=32kHz, 44.1kHz, 48kHz)
• Digital Volume (0dB ∼ −127dB, 0.5dB Step, Mute)
• Headphone-Amp
- S/(N+D) : 70dB, S/N : 90dB
- Output Power : 15mW@16
Ω (HVDD=3.3V)
- Click Noise Free at Power ON/OFF
• Mono Speaker-Amp with ALC
- S/(N+D) : 64dB@150mW, S/N : 90dB
- BTL Output
- ALC circuit
- Output Power : 300mW@8
Ω, THD+N=10% (HVDD=3.3V)
• Mono and Stereo Beep Inputs
4. Phone I/F
• Full-differential AUX Input
• Full-differential Mono Output
5. Power Management
6. Master Clock
(1) PLL Mode
• Frequencies : 11.2896MHz, 12MHz and 12.288MHz
• Input Level : CMOS
(2) External Clock Mode
• Frequencies : 1.792MHz ∼ 12.288MHz
7. Output Master Clock Frequencies : 32fs/64fs/128fs/256fs
8. Sampling Rate
(1) PLL Mode
• 8kHz, 11.025kHz, 16kHz, 22.05kHz, 24kHz, 32kHz, 44.1kHz, 48kHz
(2) External Clock Mode
• 8kHz ∼ 48kHz
9. Control mode: 4-wire Serial / I
2C Bus
10. Master/Slave mode
16-Bit ∆Σ CODEC with MIC/HP/SPK-AMP
AK4640


Similar Part No. - AK4640VG

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4640VG AKM-AK4640VG Datasheet
648Kb / 78P
   16-Bit ?誇 CODEC with MIC/HP/SPK-AMP
More results

Similar Description - AK4640VG

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4534 AKM-AK4534 Datasheet
421Kb / 64P
   16Bit CODEC with MIC/HP/SPK-AMP
AK4538 AKM-AK4538 Datasheet
462Kb / 70P
   16Bit DS CODEC with MIC/HP/SPK-AMP
AK4651 AKM-AK4651 Datasheet
588Kb / 66P
   16Bit ?誇 CODEC with MIC/HP/SPK-AMP
AK4650 AKM-AK4650 Datasheet
868Kb / 86P
   16Bit ?誇 CODEC with MIC/HP/SPK-AMP & TSC
AK4560A AKM-AK4560A Datasheet
320Kb / 47P
   16bit CODEC with ALC and MIC/HP/SPK-Amps
AKD4631-VN AKM-AKD4631-VN Datasheet
468Kb / 44P
   16bit mono CODEC with MIC/SPK amplifier.
AKD4633-A AKM-AKD4633-A Datasheet
910Kb / 38P
   16bit mono CODEC with MIC/SPK amplifier.
AK4564 AKM-AK4564 Datasheet
382Kb / 48P
   16BIT CODEC WITH BUILT-IN ALC AND MIC/HP/SPK-AMP
AKD4634-A AKM-AKD4634-A Datasheet
1Mb / 46P
   16bit mono CODEC with MIC/SPK/VIDEO amplifier.
AK4648 AKM-AK4648 Datasheet
1Mb / 119P
   Stereo CODEC with MIC/HP/SPK-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com