Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4702 Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AK4702
Description  2CH DAC WITH AV SCART SWITCH
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4702 Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AK4702 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4702 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4702 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4702 Datasheet HTML 10Page - Asahi Kasei Microsystems AK4702 Datasheet HTML 11Page - Asahi Kasei Microsystems AK4702 Datasheet HTML 12Page - Asahi Kasei Microsystems AK4702 Datasheet HTML 13Page - Asahi Kasei Microsystems AK4702 Datasheet HTML 14Page - Asahi Kasei Microsystems AK4702 Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
ASAHI KASEI
[AK4702]
MS0187-E-00
2002/11
- 11 -
FILTER CHARACTERISTICS (AUDIO)
(Ta = 25
°C; VP=11.412.6V, VD = 4.755.25V, VVD1=VVD2 = 4.755.25V; fs = 48kHz; DEM0 = “1”, DEM1 = “0”)
Parameter
Symbol
min
typ
max
Units
Digital filter
Passband
±0.05dB
(Note: 13)
-6.0dB
PB
0
-
24.0
21.77
-
kHz
kHz
Stopband
(Note: 13)
SB
26.23
kHz
Passband Ripple
PR
± 0.06
dB
Stopband Attenuation
SA
54
dB
Group Delay
(Note: 14)
GD
-
19.1
-
1/fs
Digital Filter + LPF
Frequency Response
0
20.0kHz
FR
-
± 0.5
-
dB
Note: 13. The passband and stopband frequencies scale with fs (system sampling rate).
ex.) PB=0.4535×fs (@
±0.05dB), SB=0.546×fs.
Note: 14. The calculating delay time which occurred by digital filtering. This time is from setting the 16/18bit data of
both channels to input register to the output of analog signal.
ANALOG CHARACTERISTICS (VIDEO)
(Ta = 25
°C; VP=12V, VD = 5V; VVD1=VVD2 = 5V; VVOL1/0= “00” unless specified.)
Parameter
Conditions
min
typ
max
Units
Sync tip clamp
voltage at output
0.7
V
Chrominance bias
voltage at output
2.2
V
Gain
Input=0.3Vp-p, 100kHz
5.5
6
6.5
dB
VVOL1/0= “00”
5.5
6
6.5
dB
VVOL1/0= “01”
6.7
7.2
7.7
dB
VVOL1/0= “10”
7.7
8.2
8.7
dB
RGB Gain
Input=0.3Vp-p, 100kHz
VVOL1/0= “11”
8.6
9.1
9.6
dB
Interchannel Gain
Mismatch
Input=0.3Vp-p, 100kHz (Note: 15)
-0.3
-
0.3
dB
Frequency response
Input=0.3Vp-p, Response at 6MHz
-1
-0.5
dB
Input impedance
Chrominance input (internally biased)
40
60
-
kohm
Input Signal
f=100kHz, maximum with distortion < 1.0%,
gain=6dB.
-
-
1.5
Vpp
Load Resistance
Except RFV pin (Note: 16)
RFV pin (Note: 17)
150
20k
-
-
-
-
ohm
ohm
Load Capacitance
C1
(Note: 16)
C2
(Note: 16, Note: 17)
400
15
pF
pF
Dynamic Output
Signal
f=100kHz, maximum with distortion < 1.0%
-
-
3
Vpp
Y/C Cross talk
f=4.43MHz, 1Vp-p input. Among TVVOUT,
TVRC, VCRVOUT and VCRC outputs.
-
-50
-
dB
S/N
Reference Level = 0.7Vp-p, CCIR 567 weighting.
BW= 15kHz to 5MHz.
-
74
-
dB
Differential Gain
0.7Vpp 5steps modulated staircase.
chrominance &burst are 280mVpp, 4.43MHz.
-3
-
3
%
Differential Phase
0.7Vpp 5steps modulated staircase.
chrominance &burst are 280mVpp, 4.43MHz.
-3
-
3
Degree


Similar Part No. - AK4702

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4702EQ AKM-AK4702EQ Datasheet
481Kb / 39P
   2ch DAC with AV SCART switch
More results

Similar Description - AK4702

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4702EQ AKM-AK4702EQ Datasheet
481Kb / 39P
   2ch DAC with AV SCART switch
AKD4705-A AKM-AKD4705-A Datasheet
434Kb / 42P
   2ch DAC with AV SCART switch
AKD4706-A AKM-AKD4706-A Datasheet
549Kb / 34P
   2ch DAC with AV SCART switch
AK4705 AKM-AK4705 Datasheet
679Kb / 50P
   2ch 24bit DAC with AV SCART Switch
AK4704 AKM-AK4704 Datasheet
432Kb / 44P
   2ch 24bit DAC with AV SCART switch
AK4705VQ AKM-AK4705VQ Datasheet
1Mb / 50P
   2ch 24bit DAC with AV SCART Switch
AK4703 AKM-AK4703 Datasheet
342Kb / 38P
   AV SCART switch
AKD4708-A AKM-AKD4708-A Datasheet
1Mb / 28P
   AV SCART switch
AK4707 AKM-AK4707 Datasheet
406Kb / 42P
   AV SCART Switch
AK4706 AKM-AK4706_10 Datasheet
697Kb / 54P
   2ch 24bit DAC with AV Switch & HD/SD Video Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com