Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM193AJRQMLV Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM193AJRQMLV
Description  Low Power Low Offset Voltage Dual Comparators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM193AJRQMLV Datasheet(HTML) 5 Page - Texas Instruments

  LM193AJRQMLV Datasheet HTML 1Page - Texas Instruments LM193AJRQMLV Datasheet HTML 2Page - Texas Instruments LM193AJRQMLV Datasheet HTML 3Page - Texas Instruments LM193AJRQMLV Datasheet HTML 4Page - Texas Instruments LM193AJRQMLV Datasheet HTML 5Page - Texas Instruments LM193AJRQMLV Datasheet HTML 6Page - Texas Instruments LM193AJRQMLV Datasheet HTML 7Page - Texas Instruments LM193AJRQMLV Datasheet HTML 8Page - Texas Instruments LM193AJRQMLV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LM193A, LM193QML
www.ti.com
SNOSAM2C – MAY 2005 – REVISED MARCH 2013
LM193 Electrical Characteristics AC Parameters
The following conditions apply, unless otherwise specified.
+V = 5V
Symbol
Parameter
Conditions
Sub-
Notes
Min
Max
Unit
groups
tRLH
Response Time
VOD = 5mV
5.0
µS
9
VOD = 50mV
0.8
µS
9
tRHL
Response Time
VOD = 5mV
2.5
µS
9
VOD = 50mV
0.8
µS
9
LM193A Electrical Characteristics DC Parameters
The following conditions apply, unless otherwise specified.
+V = 5V, VCM = 0V
Symbol
Parameter
Conditions
Sub-
Notes
Min
Max
Unit
groups
ICC
Supply Current
RL = Infinity
1.0
mA
1, 2, 3
+V = 36V, RL = Infinity
2.5
mA
1, 2, 3
ICEX
Output Leakage Current
+V = 30V, +VI = 1V,
-0.65
0.65
µA
1
VO = 30, -VI = 0
-1.0
1.0
µA
2, 3
ISink
Output Sink Current
VO = 1.5V, -VI = 1V,
6.0
mA
1
+VI = 0V
4.0
mA
2, 3
VSat
Output Saturation Voltage
ISink = 4mA,
0.4
V
1
-VI = 1V, +VI = 0V
0.7
V
2, 3
VIO
Input Offset Voltage
-2.0
2.0
mV
1
-4.0
4.0
mV
2, 3
+V = 30V
-2.0
2.0
mV
1
-4.0
4.0
mV
2, 3
+V = 30V, VCM = 28.5V
-2.0
2.0
mV
1
+V = 30V, VCM = 28.0V
-4.0
4.0
mV
2, 3
±IIB
Input Bias Current
VO = 1.5V
-100
-1.0
nA
1
-300
-1.0
nA
2, 3
IIO
Input offset Current
RS = 50Ω, VO = 1.5V
-25
25
nA
1
-100
100
nA
2, 3
VCM
Common Mode Voltage
+V = 30V
See(1)
28.5
V
1
See(1)
28
V
2, 3
PSRR
Power Supply Rejection Ratio
+V = 5V to 30V,
60
dB
1
RS = 50Ω
CMRR
Common Mode Rejection Ratio
+V = 30V, RS = 50Ω
60
dB
1
VCM = 0V to 28.5V,
VDiff
Differential Input Voltage
+V = 30V, +VI = 36V, -VI = 0V
See(2)
500
nA
1, 2, 3
+V = 30V, +VI = 0V, -VI = +36V
See(2)
500
nA
1, 2, 3
AVS
Voltage Gain
+V = 15V, RPullUp = 15KΩ
See(3)
50
V/mV
4
1V
≤ VO ≤ 11V,
See(3)
25
V/mV
5, 6
(1)
Parameter specified by the VIO tests.
(2)
The value for VDiff is not datalogged during Read and Record.
(3)
Datalog reading in K = V/mV.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM193A LM193QML


Similar Part No. - LM193AJRQMLV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM193AJ-MLS NSC-LM193AJ-MLS Datasheet
322Kb / 15P
   Low Power Low Offset Voltage Dual Comparators
logo
Texas Instruments
LM193AJ-MLS TI1-LM193AJ-MLS Datasheet
447Kb / 17P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
logo
National Semiconductor ...
LM193AJ-QMLV NSC-LM193AJ-QMLV Datasheet
322Kb / 15P
   Low Power Low Offset Voltage Dual Comparators
LM193AJ-QMLV NSC-LM193AJ-QMLV Datasheet
172Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
Texas Instruments
java.util.regex.PatternSyntaxException: Dangling meta character '*' near index 13 LM193AJ-QMLV** ^

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com