Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN80XX Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # AN80XX
Description  3-pin, positive output, low dropout voltage regulator (50 mA type)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN80XX Datasheet(HTML) 7 Page - Panasonic Semiconductor

  AN80XX Datasheet HTML 1Page - Panasonic Semiconductor AN80XX Datasheet HTML 2Page - Panasonic Semiconductor AN80XX Datasheet HTML 3Page - Panasonic Semiconductor AN80XX Datasheet HTML 4Page - Panasonic Semiconductor AN80XX Datasheet HTML 5Page - Panasonic Semiconductor AN80XX Datasheet HTML 6Page - Panasonic Semiconductor AN80XX Datasheet HTML 7Page - Panasonic Semiconductor AN80XX Datasheet HTML 8Page - Panasonic Semiconductor AN80XX Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
AN80xx/AN80xxM Series
7
SFF00007CEB
I Main Characteristics
0
20406080
Ambient temperature Ta (
°C)
100
120
140
160
800
700
600
500
400
300
200
100
0
PD
 Ta (AN80xx series)
0
5
10
15
20
Input voltage VI (V)
12
10
8
6
4
2
0
VO
 VI
AN8010/M
AN8005/M
AN8002/M
CO
= 10µF
IO
= 0mA
0
102030405060708090
100
Output current IO (mA)
5.3
5.2
5.1
5.0
4.9
4.8
4.7
VO
 IO
50
100
300 500
1k
3k
5k
10k
30k 50k 100k
Frequency f (Hz)
80
70
60
50
40
30
RR
 f
AN8005
−40
−20
0
20
40
60
80
100
120
140
160
Ambient temperature Ta (
°C)
5.3
5.2
5.1
5.0
4.9
4.8
4.7
VO
 Ta
AN8005
VI
= 6V
CO
= 10µF
IO
= 0mA
0
20406080
Ambient temperature Ta (
°C)
100
120
140
160
800
700
600
500
400
300
200
100
0
PD
 Ta (AN80xxM series)
Mounted on standard board
glass epoxy: 20
× 20 × t1.7mm3
with Cu foil of 1cm2 or more
AN8005
VI
= 6V
CO
= 10µF


Similar Part No. - AN80XX

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8000 PANASONIC-AN8000 Datasheet
56Kb / 7P
   3-pin Positive Output Low Dropout Voltage Regulator 50mA Type
AN8000M PANASONIC-AN8000M Datasheet
56Kb / 7P
   3-pin Positive Output Low Dropout Voltage Regulator 50mA Type
AN8001FHK PANASONIC-AN8001FHK Datasheet
66Kb / 8P
   Gradation voltage generation IC for liquid crystal display
AN8002 PANASONIC-AN8002 Datasheet
56Kb / 7P
   3-pin Positive Output Low Dropout Voltage Regulator 50mA Type
AN8002M PANASONIC-AN8002M Datasheet
56Kb / 7P
   3-pin Positive Output Low Dropout Voltage Regulator 50mA Type
More results

Similar Description - AN80XX

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN77L05M-E1 PANASONIC-AN77L05M-E1 Datasheet
311Kb / 11P
   3-pin, positive output, low dropout voltage regulator (100 mA type)
AN77L03 PANASONIC-AN77L03 Datasheet
195Kb / 10P
   3-pin, positive output, low dropout voltage regulator (100 mA type) limit circuit
AN8000 PANASONIC-AN8000 Datasheet
56Kb / 7P
   3-pin Positive Output Low Dropout Voltage Regulator 50mA Type
AN80L20RMSTX PANASONIC-AN80L20RMSTX Datasheet
321Kb / 27P
   Positive output, low dropout voltage regulator (150 mA type)
AN77L04M-E1 PANASONIC-AN77L04M-E1 Datasheet
195Kb / 10P
   AN77Lxx/AN77LxxM Series 3-pin, positive output, low dropout voltage regulator (100 mA type)
AN78LXX PANASONIC-AN78LXX Datasheet
179Kb / 12P
   3-pin positive output voltage regulator (100 mA type)
logo
Panasonic Battery Group
AN78L12ME1 PANASONICBATTERY-AN78L12ME1 Datasheet
297Kb / 10P
   3-pin positive output voltage regulator (100 mA type)
logo
Panasonic Semiconductor
AN78L05ME1 PANASONIC-AN78L05ME1 Datasheet
297Kb / 10P
   3-pin positive output voltage regulator (100 mA type)
AN78L00 PANASONIC-AN78L00 Datasheet
66Kb / 9P
   3-pin Positive Output Voltage Regulator 100mA Type
AN78N00 PANASONIC-AN78N00 Datasheet
64Kb / 9P
   3-pin Positive Output Voltage Regulator 300mA Type
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com