Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM320C31HFGS60 Datasheet(PDF) 5 Page - Texas Instruments

Part # SM320C31HFGS60
Description  DIGITAL SIGNAL PROCESSORS
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SM320C31HFGS60 Datasheet(HTML) 5 Page - Texas Instruments

  SM320C31HFGS60 Datasheet HTML 1Page - Texas Instruments SM320C31HFGS60 Datasheet HTML 2Page - Texas Instruments SM320C31HFGS60 Datasheet HTML 3Page - Texas Instruments SM320C31HFGS60 Datasheet HTML 4Page - Texas Instruments SM320C31HFGS60 Datasheet HTML 5Page - Texas Instruments SM320C31HFGS60 Datasheet HTML 6Page - Texas Instruments SM320C31HFGS60 Datasheet HTML 7Page - Texas Instruments SM320C31HFGS60 Datasheet HTML 8Page - Texas Instruments SM320C31HFGS60 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
SMJ320C31, SMJ320LC31, SMQ320LC31
DIGITAL SIGNAL PROCESSORS
SGUS026G − APRIL 1998 − REVISED SEPTEMBER 2006
5
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
Terminal Assignments
PIN
PIN
NUMBER
NUMBER
PQ
PKG
HFG
PKG
GFA
PKG
NAME
PQ
PKG
HFG
PKG
GFA
PKG
NAME
29
12
L1
A0
64
47
W9
D10
28
11
K2
A1
63
46
U9
D11
27
10
J1
A2
62
45
V8
D12
26
9
J3
A3
60
43
W7
D13
25
8
G1
A4
58
41
U7
D14
23
6
F2
A5
56
39
V6
D15
22
5
E1
A6
55
38
W5
D16
21
4
E3
A7
54
37
U5
D17
20
3
D2
A8
53
36
V4
D18
18
1
C1
A9
52
35
W3
D19
16
131
C3
A10
50
33
U3
D20
14
129
B2
A11
48
31
V2
D21
13
128
A1
A12
47
30
W1
D22
12
127
C5
A13
46
29
R3
D23
11
126
B4
A14
45
28
T2
D24
10
125
A3
A15
44
27
U1
D25
9
124
C7
A16
43
26
N3
D26
8
123
B6
A17
41
24
P2
D27
7
122
C9
A18
39
22
R1
D28
5
120
B8
A19
38
21
L3
D29
2
117
A7
A20
34
17
M2
D30
1
116
A9
A21
31
14
N1
D31
130
113
B10
A22
108
91
C19
DR0
129
112
A11
A23
116
99
C17
DX0
111
94
E17
CLKR0
124
107
B14
EMU0
112
95
A19
CLKX0
125
108
A13
EMU1
80
63
W19
D0
126
109
B12
EMU2
79
62
V16
D1
123
106
A15
EMU3
78
61
W17
D2
110
93
D18
FSR0
77
60
U13
D3
114
97
B18
FSX0
76
59
V14
D4
81
73
P18
HOLD
75
58
W15
D5
82
72
R19
HOLDA
73
56
U11
D6
90
64
V18
H1
72
55
V12
D7
89
65
U17
H3
68
51
W11
D8
99
82
H18
IACK
67
50
V10
D9
100
83
J17
INT0
† CVSS, VSSL, and IVSS are on the same plane.
‡ AVDD, DVDD, CVDD, and PVDD are on the same plane.
§ VSUBS connects to die metallization. Tie this pin to clean ground.
Not Recommended for New Designs


Similar Part No. - SM320C31HFGS60

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM320C31HFGS60 TI-SM320C31HFGS60 Datasheet
1Mb / 59P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
SM320C31HFGS60 TI1-SM320C31HFGS60 Datasheet
1Mb / 54P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
More results

Similar Description - SM320C31HFGS60

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com