Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM320C31HFGS60 Datasheet(PDF) 10 Page - Texas Instruments

Part # SM320C31HFGS60
Description  DIGITAL SIGNAL PROCESSORS
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SM320C31HFGS60 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SM320C31HFGS60 Datasheet HTML 6Page - Texas Instruments SM320C31HFGS60 Datasheet HTML 7Page - Texas Instruments SM320C31HFGS60 Datasheet HTML 8Page - Texas Instruments SM320C31HFGS60 Datasheet HTML 9Page - Texas Instruments SM320C31HFGS60 Datasheet HTML 10Page - Texas Instruments SM320C31HFGS60 Datasheet HTML 11Page - Texas Instruments SM320C31HFGS60 Datasheet HTML 12Page - Texas Instruments SM320C31HFGS60 Datasheet HTML 13Page - Texas Instruments SM320C31HFGS60 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
SMJ320C31, SMJ320LC31, SMQ320LC31
DIGITAL SIGNAL PROCESSORS
SGUS026G − APRIL 1998 − REVISED SEPTEMBER 2006
10
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
memory map
Peripheral Bus
Memory-Mapped Registers
(6K Words Internal)
Reset, Interrupt, Trap Vector, and
Reserved Locations (64)
(External STRB Active)
0h
03Fh
040h
External
STRB Active
(8M Words − 64 Words)
7FFFFFh
Reserved
(32K Words)
800000h
807FFFh
808000h
8097FFh
RAM Block 0
(1K Words Internal)
809800h
809BFFh
809C00h
809FFFh
80A000h
External
STRB Active
(8M Words − 40K Words)
FFFFFFh
0h
FFFh
1000h
7FFFFFh
Reserved
(32K Words)
800000h
807FFFh
Peripheral Bus
Memory-Mapped Registers
(6K Words Internal)
808000h
8097FFh
RAM Block 0
(1K Words Internal)
809800h
809BFFh
809C00h
809FFFh
80A000h
External
STRB Active
(8M Words −
40K Words)
FFFFFFh
Boot 1
Boot 2
400000h
RAM Block 1
(1K Words − 63 Words Internal)
809FC0h
809FC1h
User-Program Interrupt
and Trap Branches
(63 Words Internal)
Boot 3
FFF000h
External
STRB
Active
(8M Words −
4K Words)
Reserved for Boot-Loader
Operations
(a) Microprocessor Mode
(b) Microcomputer/Boot-Loader Mode
RAM Block 1
(1K Words Internal)
† Figure 1 depicts the memory map for the SMJ320C31. See the TMS320C3x Users Guide (literature number SPRU031) for a detailed description
of this memory mapping.
Figure 1. SMJ320C31 Memory Map
Not Recommended for New Designs


Similar Part No. - SM320C31HFGS60

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM320C31HFGS60 TI-SM320C31HFGS60 Datasheet
1Mb / 59P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
SM320C31HFGS60 TI1-SM320C31HFGS60 Datasheet
1Mb / 54P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
More results

Similar Description - SM320C31HFGS60

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com