Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA-0221-3 Datasheet(PDF) 1 Page - JMK Inc.

Part # AA-0221-3
Description  Single Phase AC Filters
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMK [JMK Inc.]
Direct Link  http://www.jmkfilters.com
Logo JMK - JMK Inc.

AA-0221-3 Datasheet(HTML) 1 Page - JMK Inc.

  AA-0221-3 Datasheet HTML 1Page - JMK Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AA-0221-3
USA
JMK Inc 15 Caldwell Dr. Amherst, NH 03031
PH: 603 886-4100
FX: 603 886-4115
email: info@jmkfilters.com
EUR
JMK Inc Glasgow G13 1DN Scotland UK
PH: 44-(0) 7785310729 Fax: 44-(0) 141 589 1884
Operating Voltage = __________________ 115/250 Vac
Operating Current = ________________________3 Amp
Operating Frequency = ___________________ 50/60Hz
Operating Temperature = _____________ -20°C to 50°C
Diel. Withstanding (Line—Case) = __________1500 Vac
Diel. Withstanding (Line—Line) = __________ 1500 Vac
Leakage Current = _________0.5 mA @ 250 Vac, 60 Hz
Max Residual Voltage after 1 Sec. = _________ 30 Volts
MTBF = __________________ 422,726 Hrs @ 30°C GB
INSERTION LOSS vs. FREQUENCY


Similar Part No. - AA-0221-3

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
AA-0221-3 JMK-AA-0221-3 Datasheet
140Kb / 1P
   designed to provide common mode and differential mode filtering for power supply inputs of computer peripheral and other electronic hardware
More results

Similar Description - AA-0221-3

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
AA-0221-1 JMK-AA-0221-1 Datasheet
37Kb / 1P
   Single Phase AC Filters
AA-0221-5 JMK-AA-0221-5 Datasheet
35Kb / 1P
   Single Phase AC Filters
AA-0221-10 JMK-AA-0221-10 Datasheet
34Kb / 1P
   Single Phase AC Filters
AA-0221-2 JMK-AA-0221-2 Datasheet
37Kb / 1P
   Single Phase AC Filters
logo
PREMO CORPORATION S.L
P-1240-016 PREMO-P-1240-016 Datasheet
130Kb / 1P
   Single Phase & 3-Phase Blocking Filters
logo
Kemet Corporation
GL-2030C-10 KEMET-GL-2030C-10 Datasheet
492Kb / 15P
   GL Inlet Single-Phase Filters
logo
PREMO CORPORATION S.L
P-1240-003 PREMO-P-1240-003 Datasheet
232Kb / 2P
   IEC & Wallplug Single Phase Filters
logo
Kemet Corporation
LF-202U-1 KEMET-LF-202U-1 Datasheet
469Kb / 14P
   LF Metal Box Single-Phase & Three-Phase Filters
MA-2013 KEMET-MA-2013 Datasheet
248Kb / 6P
   MA Plastic Box Single-Phase Filters
GT-22001V KEMET-GT-22001V Datasheet
401Kb / 12P
   GT Metal Box Single-Phase Filters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com