Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM73201 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SM73201
Description  SM73201 16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SM73201 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SM73201 Datasheet HTML 7Page - Texas Instruments SM73201 Datasheet HTML 8Page - Texas Instruments SM73201 Datasheet HTML 9Page - Texas Instruments SM73201 Datasheet HTML 10Page - Texas Instruments SM73201 Datasheet HTML 11Page - Texas Instruments SM73201 Datasheet HTML 12Page - Texas Instruments SM73201 Datasheet HTML 13Page - Texas Instruments SM73201 Datasheet HTML 14Page - Texas Instruments SM73201 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
SM73201
www.ti.com
SNOSB89B – JUNE 2011 – REVISED JUNE 2013
Typical Performance Characteristics (continued)
VA = VIO = VREF = +5V, fSCLK = 5 MHz, fSAMPLE = 250 kSPS, TA = +25°C, and fIN = 20 kHz unless otherwise stated.
SINAD vs. INPUT FREQUENCY
THD vs. INPUT FREQUENCY
Figure 14.
Figure 15.
SINAD vs. TEMPERATURE
THD vs. TEMPERATURE
Figure 16.
Figure 17.
VA CURRENT vs. VA
VA CURRENT vs. SCLK FREQUENCY
Figure 18.
Figure 19.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SM73201


Similar Part No. - SM73201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM73201 TI1-SM73201 Datasheet
486Kb / 21P
[Old version datasheet]   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
SM73201IMM TI1-SM73201IMM Datasheet
486Kb / 21P
[Old version datasheet]   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
SM73201IMME TI1-SM73201IMME Datasheet
486Kb / 21P
[Old version datasheet]   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
SM73201IMMX TI1-SM73201IMMX Datasheet
486Kb / 21P
[Old version datasheet]   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
More results

Similar Description - SM73201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM73201 TI1-SM73201 Datasheet
486Kb / 21P
[Old version datasheet]   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
ADC161S626 TI1-ADC161S626 Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
logo
National Semiconductor ...
ADC161S626 NSC-ADC161S626_09 Datasheet
592Kb / 22P
   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
ADC161S626 NSC-ADC161S626 Datasheet
550Kb / 22P
   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
logo
Texas Instruments
ADC161S626 TI1-ADC161S626_14 Datasheet
1Mb / 30P
[Old version datasheet]   ADC161S626 16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
logo
Analog Devices
AD7631 AD-AD7631_17 Datasheet
664Kb / 33P
   18-Bit, 250 kSPS, Differential Programmable Input PulSAR ADC
AD7631BSTZ AD-AD7631BSTZ Datasheet
681Kb / 32P
   18-Bit, 250 kSPS, Differential Programmable Input PulSAR짰 ADC
REV. A
AD7663 AD-AD7663 Datasheet
477Kb / 25P
   16-Bit, 250 kSPS CMOS ADC
AD7663ASTZRL AD-AD7663ASTZRL Datasheet
426Kb / 24P
   16-Bit, 250 kSPS CMOS ADC
REV. B
AD7663ASTRL AD-AD7663ASTRL Datasheet
426Kb / 24P
   16-Bit, 250 kSPS CMOS ADC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com