Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM74202 Datasheet(PDF) 8 Page - Texas Instruments

Part # SM74202
Description  100V Current Mode PWM Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SM74202 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SM74202 Datasheet HTML 4Page - Texas Instruments SM74202 Datasheet HTML 5Page - Texas Instruments SM74202 Datasheet HTML 6Page - Texas Instruments SM74202 Datasheet HTML 7Page - Texas Instruments SM74202 Datasheet HTML 8Page - Texas Instruments SM74202 Datasheet HTML 9Page - Texas Instruments SM74202 Datasheet HTML 10Page - Texas Instruments SM74202 Datasheet HTML 11Page - Texas Instruments SM74202 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
RT =
1
F x 158 x 10
-12
SM74202
SNOSBA4A – NOVEMBER 2011 – REVISED APRIL 2013
www.ti.com
Current Limit/Current Sense
The SM74202 provides a cycle-by-cycle over current protection function. Current limit is accomplished by an
internal current sense comparator. If the voltage at the current sense comparator input exceeds 0.5V, the output
is immediately terminated. A small RC filter, located near the controller, is recommended to filter noise from the
current sense signal. The CS input has an internal MOSFET which discharges the CS pin capacitance at the
conclusion of every cycle. The discharge device remains on an additional 50ns after the beginning of the new
cycle to attenuate the leading edge spike on the current sense signal.
The SM74202 current sense and PWM comparators are very fast, and may respond to short duration noise
pulses. Layout considerations are critical for the current sense filter and sense resistor. The capacitor associated
with the CS filter must be located very close to the SM74202 and connected directly to the pins of the controller
(CS and GND). If a current sense transformer is used, both leads of the transformer secondary should be routed
to the sense resistor and the current sense filter network. A sense resistor located in the source of the primary
power MOSFET may be used for current sensing, but a low inductance resistor is required. When designing with
a current sense resistor all of the noise sensitive low power ground connections should be connected together
local to the controller and a single connection should be made to the high current power ground (sense resistor
ground point).
Oscillator and Sync Capability
A single external resistor connected between the RT and GND pins sets the SM74202 oscillator frequency.
Internal to the device is an oscillator divide by two circuit. This divide by two circuit creates an exact 50% duty
cycle limit function. Because of this, the internal oscillator actually operates at twice the frequency of the output
(OUT). To set a desired output operational frequency (F), the RT resistor can be calculated from:
(1)
The SM74202 can also be synchronized to an external clock. The external clock must have a higher frequency
than the free running oscillator frequency set by the RT resistor. The clock signal should be capacitively coupled
into the RT pin through a 100pF capacitor. A peak voltage level greater than 3.7 Volts at the RT pin is required
for detection of the sync pulse. The sync pulse width should be set between 15 to 150ns by the external
components. The RT resistor is always required, whether the oscillator is free running or externally synchronized.
The voltage at the RT pin is internally regulated at 2 Volts. The RT resistor should be located very close to the
device and connected directly to the pins of the controller (RT and GND).
PWM Comparator
The PWM comparator compares the current ramp signal with the loop error voltage derived from the error
amplifier output. The error amplifier output voltage at the COMP pin is offset by 1.4V and then further attenuated
by a 3:1 resistor divider. The PWM comparator polarity is such that 0 Volts on the COMP pin will result in a zero
duty cycle at the controller output.
Soft Start
The softstart feature allows the power converter to gradually reach the initial steady state operating point, thereby
reducing start-up stresses and current surges. At power on, after the VCC and the line undervoltage lockout
thresholds are satisfied, an internal 10µA current source charges an external capacitor connected to the SS pin.
The capacitor voltage will ramp up slowly and will limit the COMP pin voltage and the duty cycle of the output
pulses.
Gate Driver and Maximum Duty Cycle Limit
The SM74202 provides an internal gate driver (OUT), which can source and sink a peak current of 1 Amp. The
maximum output duty cycle is precisely equal to 50%. The maximum duty cycle function is accomplished with an
internal toggle flip-flop which ensures an accurate duty cycle limit. The internal oscillator frequency is therefore
twice the operating frequency of the PWM controller (OUT pin).
8
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: SM74202


Similar Part No. - SM74202

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM74203 TI1-SM74203 Datasheet
544Kb / 24P
[Old version datasheet]   SM74203 60V Low Side Controller for Boost and SEPIC
SM74203MM TI1-SM74203MM Datasheet
544Kb / 24P
[Old version datasheet]   SM74203 60V Low Side Controller for Boost and SEPIC
SM74203MME TI1-SM74203MME Datasheet
544Kb / 24P
[Old version datasheet]   SM74203 60V Low Side Controller for Boost and SEPIC
SM74203MMX TI1-SM74203MMX Datasheet
544Kb / 24P
[Old version datasheet]   SM74203 60V Low Side Controller for Boost and SEPIC
More results

Similar Description - SM74202

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5020 NSC-LM5020 Datasheet
229Kb / 12P
   100V Current Mode PWM Controller
LM5020 NSC-LM5020_06 Datasheet
629Kb / 13P
   100V Current Mode PWM Controller
logo
Texas Instruments
LM5020 TI1-LM5020_14 Datasheet
899Kb / 19P
[Old version datasheet]   100V Current Mode PWM Controller
logo
National Semiconductor ...
LM5020 NSC-LM5020 Datasheet
229Kb / 12P
   100V Current Mode PWM Controller
logo
Texas Instruments
LM5020 TI1-LM5020 Datasheet
890Kb / 17P
[Old version datasheet]   100V Current Mode PWM Controller
LM5020MM-1 TI-LM5020MM-1 Datasheet
892Kb / 17P
[Old version datasheet]   LM5020 100V Current Mode PWM Controller
LM5020 TI-LM5020_15 Datasheet
865Kb / 17P
[Old version datasheet]   LM5020 100V Current Mode PWM Controller
logo
National Semiconductor ...
LM5030 NSC-LM5030_05 Datasheet
642Kb / 12P
   100V Push-Pull Current Mode PWM Controller
LM5030 NSC-LM5030 Datasheet
230Kb / 11P
   100V Push-Pull Current Mode PWM Controller
logo
Texas Instruments
LM5030 TI1-LM5030_15 Datasheet
1Mb / 28P
[Old version datasheet]   100V Push-Pull Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com