Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM74304 Datasheet(PDF) 1 Page - Texas Instruments

Part # SM74304
Description  SM74304 High Voltage (80V) Step Down Switching Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SM74304 Datasheet(HTML) 1 Page - Texas Instruments

  SM74304 Datasheet HTML 1Page - Texas Instruments SM74304 Datasheet HTML 2Page - Texas Instruments SM74304 Datasheet HTML 3Page - Texas Instruments SM74304 Datasheet HTML 4Page - Texas Instruments SM74304 Datasheet HTML 5Page - Texas Instruments SM74304 Datasheet HTML 6Page - Texas Instruments SM74304 Datasheet HTML 7Page - Texas Instruments SM74304 Datasheet HTML 8Page - Texas Instruments SM74304 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
2
3
4
5
6
7
8
SW
BST
RCL
FB
RTN
RON
VCC
VIN
SM74304
www.ti.com
SNVS720A – OCTOBER 2011 – REVISED APRIL 2013
SM74304 High Voltage (80V) Step Down Switching Regulator
Check for Samples: SM74304
1
FEATURES
PACKAGE
2
Integrated 80V, 0.7A N-Channel Buck Switch
VSSOP-8
Internal HV Vcc Regulator
WSON-8 (4mm x 4mm)
No Control Loop Compensation Required
DESCRIPTION
Ultra-Fast Transient Response
The
SM74304
Step
Down
Switching
Regulator
On Time Varies Inversely with Line Voltage
features all of the functions needed to implement low
Operating Frequency Nearly Constant with
cost, efficient, Buck bias regulators. This high voltage
Varying Line Voltage
regulator contains an 80 V, 0.7A N-Channel Buck
Switch. The device is easy to apply and is provided in
Adjustable Output Voltage
the VSSOP-8 and the thermally enhanced WSON-8
Highly Efficient Operation
packages. The regulator is based on a hysteretic
Precision Reference
control
scheme
using
an
on
time
inversely
proportional to VIN. This feature allows the operating
Low Bias Current
frequency to remain relatively constant with load and
Intelligent Current Limit Protection
input
voltage
variations.
The
hysteretic
control
Thermal Shutdown
requires
no
control
loop
compensation,
while
providing very fast load transient response. An
External Shutdown Control
intelligent
current
limit
is
implemented
in
the
SM74304 with forced off time that is inversely
TYPICAL APPLICATIONS
proportional to VOUT. This current limiting scheme
Non-Isolated Buck Regulator
reduces load current foldback. Additional protection
features
include:
Thermal
Shutdown,
Vcc
Secondary High Voltage Post Regulator
undervoltage
lockout,
gate
drive
undervoltage
Photovoltaic Systems
lockout, and Max Duty Cycle limiter.
Connection Diagram
Figure 1. 8-Lead VSSOP, WSON
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SM74304

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM74301 TI1-SM74301 Datasheet
329Kb / 16P
[Old version datasheet]   SM74301 100V, 350 mA Constant On-Time Buck Switching Regulator
More results

Similar Description - SM74304

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5007 TI-LM5007 Datasheet
994Kb / 17P
[Old version datasheet]   High Voltage (80V) Step Down Switching Regulator
LM5007 TI1-LM5007_14 Datasheet
991Kb / 18P
[Old version datasheet]   High Voltage (80V) Step Down Switching Regulator
logo
National Semiconductor ...
LM5007 NSC-LM5007 Datasheet
230Kb / 12P
   High Voltage (80V) Step Down Switching Regulator
LM5007 NSC-LM5007_08 Datasheet
280Kb / 12P
   High Voltage (80V) Step Down Switching Regulator
logo
Texas Instruments
LM5007EP TI1-LM5007EP Datasheet
318Kb / 14P
[Old version datasheet]   Enhanced Plastic High Voltage (80V) Step Down Switching Regulator
logo
ON Semiconductor
LV5771QA ONSEMI-LV5771QA Datasheet
222Kb / 12P
   Step-down Voltage Switching Regulator
May, 2013
logo
National Semiconductor ...
LM5010A NSC-LM5010A Datasheet
775Kb / 17P
   High Voltage 1A Step Down Switching Regulator
logo
Texas Instruments
LM5008 TI1-LM5008_14 Datasheet
1Mb / 21P
[Old version datasheet]   High Voltage (100V) Step Down Switching Regulator
logo
National Semiconductor ...
LM5008 NSC-LM5008_09 Datasheet
389Kb / 16P
   High Voltage (100V) Step Down Switching Regulator
LM5010 NSC-LM5010 Datasheet
453Kb / 19P
   High Voltage 1A Step Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com