Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS370C068AFNA Datasheet(PDF) 2 Page - Texas Instruments

Part # TMS370C068AFNA
Description  8-BIT MICROCONTROLLER
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS370C068AFNA Datasheet(HTML) 2 Page - Texas Instruments

  TMS370C068AFNA Datasheet HTML 1Page - Texas Instruments TMS370C068AFNA Datasheet HTML 2Page - Texas Instruments TMS370C068AFNA Datasheet HTML 3Page - Texas Instruments TMS370C068AFNA Datasheet HTML 4Page - Texas Instruments TMS370C068AFNA Datasheet HTML 5Page - Texas Instruments TMS370C068AFNA Datasheet HTML 6Page - Texas Instruments TMS370C068AFNA Datasheet HTML 7Page - Texas Instruments TMS370C068AFNA Datasheet HTML 8Page - Texas Instruments TMS370C068AFNA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 74 page
background image
TMS370Cx6x
8-BIT MICROCONTROLLER
SPNS033C – SEPTEMBER 1995 – REVISED FEBRUARY 1997
2
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
Pin Descriptions
PIN
NAME
ALTERNATE
FUNCTION
PLCC
(68)
I/O†
DESCRIPTION‡
A0
A1
A2
A3
A4
A5
A6
A7
DATA0
DATA1
DATA2
DATA3
DATA4
DATA5
DATA6
DATA7
17
18
19
20
21
22
23
24
I/O
Single-chip mode: Port A is a general-purpose bidirectional I/O port.
Expansion mode: Port A can be individually programmed as the external bidirectional data
bus (DATA0 – DATA7).
B0
B1
B2
B3
B4
B5
B6
B7
ADDR0
ADDR1
ADDR2
ADDR3
ADDR4
ADDR5
ADDR6
ADDR7
65
66
67
68
1
2
3
4
I/O
Single-chip mode: Port B is a general-purpose bidirectional I/O port.
Expansion mode: Port B can be individually programmed as the low-order address output
bus (ADDR0 – ADDR7).
C0
C1
C2
C3
C4
C5
C6
C7
ADDR8
ADDR9
ADDR10
ADDR11
ADDR12
ADDR13
ADDR14
ADDR15
5
7
8
10
11
12
13
14
I/O
Single-chip mode: Port C is a general-purpose bidirectional I/O port.
Expansion mode: Port C can be individually programmed as the high-order address output
bus (ADDR8 – ADDR15).
INT1
INT2
INT3
NMI
52
51
50
I
I/O
I/O
External (nonmaskable or maskable) interrupt/general-purpose input pin
External maskable interrupt input/general-purpose bidirectional pin
External maskable interrupt input/general-purpose bidirectional pin
AN0
AN1
AN2
AN3
AN4
AN5
AN6
AN7
E0
E1
E2
E3
E4
E5
E6
E7
36
37
38
39
40
41
42
43
I
ADC1 analog input (AN0 – AN7) or positive reference pins (AN1 – AN7)
Port E can be programmed individually as general-purpose input pins if not used as ADC1
analog input or positive reference input.
VCC3
VSS3
34
35
ADC1 positive-supply voltage and optional positive-reference input pin
ADC1 ground reference pin
RESET
53
I/O
System reset bidirectional pin. RESET, as an input, initializes the microcontroller; as
open-drain output, RESET indicates an internal failure was detected by the watchdog or
oscillator fault circuit.
MC
6
I
Mode control (MC) pin. MC enables EEPROM write-protection override (WPO) mode, also
EPROM VPP.
XTAL2/CLKIN
XTAL1
31
32
I
O
Internal oscillator crystal input / external clock source input
Internal oscillator output for crystal
VCC1
33, 61
Positive supply voltage
VCC2
15, 63
Positive supply voltage
† I = input, O = output
‡ Ports A, B, C, and D can be configured only as general-purpose I/O pins. Also, port D3 can be configured as SYSCLK.


Similar Part No. - TMS370C068AFNA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS370C068A TI-TMS370C068A Datasheet
1Mb / 73P
[Old version datasheet]   8-BIT MICROCONTROLLER
TMS370C068AYYZ TI-TMS370C068AYYZ Datasheet
930Kb / 78P
[Old version datasheet]   TMS370 MICROCONTROLLER FAMILY DATA BOOK
More results

Similar Description - TMS370C068AFNA

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com