Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA555D Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SA555D
Description  xx555 Precision Timers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SA555D Datasheet(HTML) 8 Page - Texas Instruments

Back Button SA555D Datasheet HTML 4Page - Texas Instruments SA555D Datasheet HTML 5Page - Texas Instruments SA555D Datasheet HTML 6Page - Texas Instruments SA555D Datasheet HTML 7Page - Texas Instruments SA555D Datasheet HTML 8Page - Texas Instruments SA555D Datasheet HTML 9Page - Texas Instruments SA555D Datasheet HTML 10Page - Texas Instruments SA555D Datasheet HTML 11Page - Texas Instruments SA555D Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
0
100
200
300
400
500
600
700
800
900
1000
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
Lowest Level of Trigger Pulse – ×VCC
TA = 125 C
°
TA = 70 C
°
TA = 25 C
°
TA = 0 C
°
TA = –55 C
°
8
1
0.995
0.990
0.985
−75
−25
25
1.005
1.010
1.015
75
125
TA − Free-Air Temperature − °C
−50
0
50
100
VCC = 10 V
8
NA555, NE555, SA555, SE555
SLFS022I – SEPTEMBER 1973 – REVISED SEPTEMBER 2014
www.ti.com
Typical Characteristics (continued)
Data for temperatures below –40°C and above 105°C are applicable for SE555 circuits only.
Figure 7. Normalized Output Pulse Duration
Figure 8. Propagation Delay Time
(Monostable Operation)
vs
vs
Lowest Voltage Level of Trigger Pulse
Free-Air Temperature
8
Submit Documentation Feedback
Copyright © 1973–2014, Texas Instruments Incorporated
Product Folder Links: NA555 NE555 SA555 SE555


Similar Part No. - SA555D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA555D PHILIPS-SA555D Datasheet
120Kb / 7P
   Timer
August 31, 1994
logo
ARTSCHIP ELECTRONICS CO...
SA555D ARTSCHIP-SA555D Datasheet
787Kb / 18P
   PRECISION TIMERS
logo
Fairchild Semiconductor
SA555D FAIRCHILD-SA555D Datasheet
150Kb / 14P
   Single Timer
logo
STMicroelectronics
SA555D STMICROELECTRONICS-SA555D Datasheet
1Mb / 20P
   General-purpose single bipolar timers
January 2012 Rev 6
logo
NEC
SA555D NEC-SA555D Datasheet
26Kb / 1P
   PRECISION TIMERS
More results

Similar Description - SA555D

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
NE555 DIODES-NE555 Datasheet
729Kb / 14P
   PRECISION TIMERS
logo
National Semiconductor ...
LM122 NSC-LM122 Datasheet
281Kb / 14P
   Precision Timers
logo
Diodes Incorporated
NE555S-13 DIODES-NE555S-13 Datasheet
729Kb / 14P
   PRECISION TIMERS
logo
National Semiconductor ...
LM2905N NSC-LM2905N Datasheet
944Kb / 12P
   Precision Timers
logo
Texas Instruments
NA555 TI-NA555 Datasheet
405Kb / 24P
[Old version datasheet]   PRECISION TIMERS
logo
NEC
SA555 NEC-SA555 Datasheet
26Kb / 1P
   PRECISION TIMERS
logo
Texas Instruments
NA555 TI1-NA555_14 Datasheet
1Mb / 36P
[Old version datasheet]   Precision Timers
logo
Unisonic Technologies
USA555 UTC-USA555 Datasheet
316Kb / 8P
   PRECISION TIMERS
logo
Texas Instruments
NA555 TI-NA555_08 Datasheet
625Kb / 27P
[Old version datasheet]   PRECISION TIMERS
logo
Unisonic Technologies
SA555 UTC-SA555 Datasheet
190Kb / 6P
   PRECISION TIMERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com