Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA555PE4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SA555PE4
Description  xx555 Precision Timers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SA555PE4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SA555PE4 Datasheet HTML 7Page - Texas Instruments SA555PE4 Datasheet HTML 8Page - Texas Instruments SA555PE4 Datasheet HTML 9Page - Texas Instruments SA555PE4 Datasheet HTML 10Page - Texas Instruments SA555PE4 Datasheet HTML 11Page - Texas Instruments SA555PE4 Datasheet HTML 12Page - Texas Instruments SA555PE4 Datasheet HTML 13Page - Texas Instruments SA555PE4 Datasheet HTML 14Page - Texas Instruments SA555PE4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
L
B
H
A
B
t
R
Low-to-high ratio
t
R
R
=
=
+
H
B
H
L
A
B
t
R
Output waveform duty cycle
1
t
t
R
2R
=
= -
+
+
L
B
H
L
A
B
t
R
Output driver duty cycle
t
t
R
2R
=
=
+
+
(
)
A
B
1.44
frequency
R
2R
C
»
+
(
)
H
L
A
B
period
t
t
0.693 R
2R
C
=
+
=
+
( )
L
B
t
0.693 R
C
=
(
)
H
A
B
t
0.693 R
R
C
=
+
GND
OUT
VCC
CONT
RESET
DISCH
THRES
TRIG
C
RB
RA
Output
RL
0.01
µF
VCC
(5 V to 15 V)
(see Note A)
NOTE A: Decoupling CONT voltage to ground with a capacitor can
improve operation. This should be evaluated for individual
applications.
Open
5
8
4
7
6
2
3
1
Pin numbers shown are for the D, JG, P, PS, and PW packages.
Time − 0.5 ms/div
t
H
Capacitor Voltage
Output Voltage
tL
RA = 5 kW
RL = 1 kW
RB = 3 kW
See Figure 12
C = 0.15
µF
NA555, NE555, SA555, SE555
www.ti.com
SLFS022I – SEPTEMBER 1973 – REVISED SEPTEMBER 2014
Feature Description (continued)
8.3.2 A-stable Operation
As shown in Figure 12, adding a second resistor, RB, to the circuit of Figure 9 and connecting the trigger input to
the threshold input causes the timer to self-trigger and run as a multi-vibrator. The capacitor C charges through
RA and RB and then discharges through RB only. Therefore, the duty cycle is controlled by the values of RA and
RB.
This astable connection results in capacitor C charging and discharging between the threshold-voltage level (
0.67 × VCC) and the trigger-voltage level (≈ 0.33 × VCC). As in the mono-stable circuit, charge and discharge
times (and, therefore, the frequency and duty cycle) are independent of the supply voltage.
Figure 12. Circuit for Astable Operation
Figure 13. Typical Astable Waveforms
Figure 12 shows typical waveforms generated during astable operation. The output high-level duration tH and
low-level duration tL can be calculated as follows:
(1)
(2)
Other useful relationships are shown below:
(3)
(4)
(5)
(6)
(7)
Copyright © 1973–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: NA555 NE555 SA555 SE555


Similar Part No. - SA555PE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SA555PE4 TI-SA555PE4 Datasheet
405Kb / 24P
[Old version datasheet]   PRECISION TIMERS
SA555PE4 TI-SA555PE4 Datasheet
559Kb / 27P
[Old version datasheet]   PRECISION TIMERS
SA555PE4 TI-SA555PE4 Datasheet
713Kb / 29P
[Old version datasheet]   PRCISION TIMERS
SA555PE4 TI1-SA555PE4 Datasheet
1Mb / 30P
[Old version datasheet]   Precision timing circuits capable of producing accurate time delays or oscillation
SA555PE4 TI1-SA555PE4 Datasheet
1Mb / 36P
[Old version datasheet]   Precision Timers
More results

Similar Description - SA555PE4

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
NE555 DIODES-NE555 Datasheet
729Kb / 14P
   PRECISION TIMERS
logo
National Semiconductor ...
LM122 NSC-LM122 Datasheet
281Kb / 14P
   Precision Timers
logo
Diodes Incorporated
NE555S-13 DIODES-NE555S-13 Datasheet
729Kb / 14P
   PRECISION TIMERS
logo
National Semiconductor ...
LM2905N NSC-LM2905N Datasheet
944Kb / 12P
   Precision Timers
logo
Texas Instruments
NA555 TI-NA555 Datasheet
405Kb / 24P
[Old version datasheet]   PRECISION TIMERS
logo
NEC
SA555 NEC-SA555 Datasheet
26Kb / 1P
   PRECISION TIMERS
logo
Texas Instruments
NA555 TI1-NA555_14 Datasheet
1Mb / 36P
[Old version datasheet]   Precision Timers
logo
Unisonic Technologies
USA555 UTC-USA555 Datasheet
316Kb / 8P
   PRECISION TIMERS
logo
Texas Instruments
NA555 TI-NA555_08 Datasheet
625Kb / 27P
[Old version datasheet]   PRECISION TIMERS
logo
Unisonic Technologies
SA555 UTC-SA555 Datasheet
190Kb / 6P
   PRECISION TIMERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com