Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM318-N Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM318-N
Description  Operational Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM318-N Datasheet(HTML) 3 Page - Texas Instruments

  LM318-N Datasheet HTML 1Page - Texas Instruments LM318-N Datasheet HTML 2Page - Texas Instruments LM318-N Datasheet HTML 3Page - Texas Instruments LM318-N Datasheet HTML 4Page - Texas Instruments LM318-N Datasheet HTML 5Page - Texas Instruments LM318-N Datasheet HTML 6Page - Texas Instruments LM318-N Datasheet HTML 7Page - Texas Instruments LM318-N Datasheet HTML 8Page - Texas Instruments LM318-N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
LM118-N, LM218-N, LM318-N
www.ti.com
SNOSBS8C – MARCH 1998 – REVISED MARCH 2013
Electrical Characteristics
(1) (continued)
Parameter
Conditions
LM118-N/LM218-N
LM318-N
Units
Min
Typ
Max
Min
Typ
Max
Input Bias Current
500
750
nA
Supply Current
TA = 125°C
4.5
7
mA
Large Signal Voltage Gain
VS = ±15V, VOUT = ±10V
25
20
V/mV
RL ≥ 2 kΩ
Output Voltage Swing
VS = ±15V, RL = 2 kΩ
±12
±13
±12
±13
V
Input Voltage Range
VS = ±15V
±11.5
±11.
V
5
Common-Mode Rejection Ratio
80
100
70
100
dB
Supply Voltage Rejection Ratio
70
80
65
80
dB
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM118-N LM218-N LM318-N


Similar Part No. - LM318-N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM318-N TI-LM318-N Datasheet
1Mb / 25P
[Old version datasheet]   LM118-N/lm218-N/LM318-N Operational Amplifiers
More results

Similar Description - LM318-N

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
logo
SG Micro Corp
SGM8535 SGMICRO-SGM8535 Datasheet
379Kb / 16P
   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com