Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2574 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM2574
Description  SIMPLE SWITCHER 0.5A Step-Down Voltage Regulator
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2574 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM2574 Datasheet HTML 2Page - Texas Instruments LM2574 Datasheet HTML 3Page - Texas Instruments LM2574 Datasheet HTML 4Page - Texas Instruments LM2574 Datasheet HTML 5Page - Texas Instruments LM2574 Datasheet HTML 6Page - Texas Instruments LM2574 Datasheet HTML 7Page - Texas Instruments LM2574 Datasheet HTML 8Page - Texas Instruments LM2574 Datasheet HTML 9Page - Texas Instruments LM2574 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
6
LM2574, LM2574HV
SNVS104D – JUNE 1999 – REVISED APRIL 2016
www.ti.com
Product Folder Links: LM2574 LM2574HV
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
(1)
Test circuit in Figure 22 and Figure 27.
(2)
All limits specified at room temperature TYP and MAX. All room temperature limits are 100% production tested. All limits at temperature
extremes are specified through correlation using standard Statistical Quality Control (SQC) methods. All limits are used to calculate
Average Outgoing Quality Level.
6.7 Electrical Characteristics – 5-V Version
TJ = 25°C, and all MIN and MAX apply over full operating temperature range (unless otherwise noted).
PARAMETER(1)
TEST CONDITIONS
MIN TYP(2)
MAX(2)
UNIT
VOUT
Output voltage
VIN = 12 V, ILOAD = 100 mA
4.9
5
5.1
V
LM2574, 7 V
≤ VIN ≤ 40 V,
0.1 A
≤ ILOAD ≤ 0.5 A
TJ = 25°C
4.8
5
5.2
−40°C ≤ TJ ≤ 125°C
4.75
5.25
LM2574HV, 7 V
≤ VIN ≤ 60 V,
0.1 A
≤ ILOAD ≤ 0.5 A
TJ = 25°C
4.8
5
5.225
−40°C ≤ TJ ≤ 125°C
4.75
5.275
η
Efficiency
VIN = 12 V, ILOAD = 0.5 A
77%
(1)
Test circuit in Figure 22 and Figure 27.
(2)
All limits specified at room temperature TYP and MAX. All room temperature limits are 100% production tested. All limits at temperature
extremes are specified through correlation using standard Statistical Quality Control (SQC) methods. All limits are used to calculate
Average Outgoing Quality Level.
6.8 Electrical Characteristics – 12-V Version
TJ = 25°C, and all MIN and MAX apply over full operating temperature range (unless otherwise noted).
PARAMETER(1)
CONDITIONS
MIN TYP(2)
MAX(2)
UNIT
VOUT Output voltage
VIN = 25 V, ILOAD = 100 mA
11.76
12
12.24
V
LM2574, 15 V
≤ VIN ≤ 40 V,
0.1 A
≤ ILOAD ≤ 0.5 A
TJ = 25°C
11.52
12
12.48
−40°C ≤ TJ ≤ 125°C
11.4
12.6
LM2574HV, 15 V
≤ VIN ≤ 60 V,
0.1 A
≤ ILOAD ≤ 0.5 A
TJ = 25°C
11.52
12
12.54
−40°C ≤ TJ ≤ 125°C
11.4
12.66
η
Efficiency
VIN = 15 V, ILOAD = 0.5 A
88%
(1)
Test circuit in Figure 22 and Figure 27.
(2)
All limits specified at room temperature TYP and MAX. All room temperature limits are 100% production tested. All limits at temperature
extremes are specified through correlation using standard Statistical Quality Control (SQC) methods. All limits are used to calculate
Average Outgoing Quality Level.
6.9 Electrical Characteristics – 15-V Version
TJ = 25°C, and all MIN and MAX apply over full operating temperature range (unless otherwise noted).
PARAMETER(1)
TEST CONDITIONS
MIN
TYP(2)
MAX(2)
UNIT
VOUT
Output voltage
VIN = 30 V, ILOAD = 100 mA
14.7
15
15.3
V
LM2574, 18 V
≤ VIN ≤ 40 V,
0.1A
≤ ILOAD ≤ 0.5 A
TJ = 25°C
14.4
15
15.6
−40°C ≤ TJ ≤ 125°C
14.25
15.75
LM2574HV, 18 V
≤ VIN ≤ 60 V,
0.1 A
≤ ILOAD ≤ 0.5 A
TJ = 25°C
14.4
15
15.68
−40°C ≤ TJ ≤ 125°C
14.25
15.83
η
Efficiency
VIN = 18 V, ILOAD = 0.5 A
88%


Similar Part No. - LM2574

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2574 NSC-LM2574 Datasheet
639Kb / 24P
   SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
logo
Micrel Semiconductor
LM2574 MICREL-LM2574 Datasheet
67Kb / 5P
   52kHz Simple 0.5A Buck Regulator
LM2574 MICREL-LM2574 Datasheet
41Kb / 8P
   52KHZ SIMPLE 0.5A BUCK REGULATOR
logo
ON Semiconductor
LM2574 ONSEMI-LM2574 Datasheet
279Kb / 28P
   0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
February, 2002 ??Rev. 5
LM2574 ONSEMI-LM2574 Datasheet
296Kb / 26P
   0.5 A, Adjustable Output Voltage, Step?묭own Switching Regulator
August, 2006 ??Rev. 8
More results

Similar Description - LM2574

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2574 NSC-LM2574 Datasheet
639Kb / 24P
   SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2574 TI1-LM2574 Datasheet
2Mb / 35P
[Old version datasheet]   LM2574/LM2574HV SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
LM2574 TI-LM2574_15 Datasheet
2Mb / 34P
[Old version datasheet]   LM2574/LM2574HV SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM5574 NSC-LM5574_09 Datasheet
446Kb / 22P
   SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25574 TI1-LM25574_17 Datasheet
970Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM5574 TI1-LM5574_17 Datasheet
964Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_16 Datasheet
973Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com