Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2574HVM-15 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM2574HVM-15
Description  SIMPLE SWITCHER 0.5A Step-Down Voltage Regulator
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2574HVM-15 Datasheet(HTML) 5 Page - Texas Instruments

  LM2574HVM-15 Datasheet HTML 1Page - Texas Instruments LM2574HVM-15 Datasheet HTML 2Page - Texas Instruments LM2574HVM-15 Datasheet HTML 3Page - Texas Instruments LM2574HVM-15 Datasheet HTML 4Page - Texas Instruments LM2574HVM-15 Datasheet HTML 5Page - Texas Instruments LM2574HVM-15 Datasheet HTML 6Page - Texas Instruments LM2574HVM-15 Datasheet HTML 7Page - Texas Instruments LM2574HVM-15 Datasheet HTML 8Page - Texas Instruments LM2574HVM-15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
5
LM2574, LM2574HV
www.ti.com
SNVS104D – JUNE 1999 – REVISED APRIL 2016
Product Folder Links: LM2574 LM2574HV
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
(1)
All limits specified at room temperature TYP and MAX. All room temperature limits are 100% production tested. All limits at temperature
extremes are specified through correlation using standard Statistical Quality Control (SQC) methods. All limits are used to calculate
Average Outgoing Quality Level.
(2)
The oscillator frequency reduces to approximately 18 kHz in the event of an output short or an overload which causes the regulated
output voltage to drop approximately 40% from the nominal output voltage. This self protection feature lowers the average power
dissipation of the IC by lowering the minimum duty cycle from 5% down to approximately 2% (see Figure 6).
(3)
Output pin sourcing current. No diode, inductor or capacitor connected to output pin.
(4)
Feedback pin removed from output and connected to 0 V.
(5)
Feedback pin removed from output and connected to 12 V for the adjustable, 3.3-V, and 5-V versions, and 25 V for the 12-V and 15-V
versions, to force the output transistor OFF.
(6)
VIN = 40 V (60 V for high voltage version).
6.5 Electrical Characteristics for All Output Voltage Versions
TJ = 25°C, and MIN and MAX apply over full operating temperature range. VIN = 12 V for the 3.3-V, 5-V, and adjustable
version, VIN = 25 V for the 12-V version, and VIN = 30 V for the 15-V version, ILOAD = 100 mA (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN(1)
TYP
MAX(1)
UNIT
Ib
Feedback bias current
Adjustable version
only, VOUT = 5 V
TJ = 25°C
50
100
nA
–40°C < TJ < 125°C
500
fO
Oscillator frequency
See(2)
TJ = 25°C
47
52
58
kHz
–40°C < TJ < 125°C
42
63
VSAT
Saturation voltage
IOUT = 0.5 A
(3)
TJ = 25°C
0.9
1.2
V
–40°C < TJ < 125°C
1.4
DC
Maximum duty cycle (ON)
See(4)
93%
98%
ICL
Current limit
Peak current(3)(2)
0.7
1
1.6
A
0.65
1.8
IL
Current output leakage
Output = 0 V
2
mA
Output = –1 V(5)(6)
7.5
30
IQ
Quiescent current
See(5)
5
10
mA
ISTBY
Standby quiescent current
ON/OFF pin = 5 V (OFF)
50
200
μA
ON/OFF CONTROL (SEE Figure 27)
VIH
ON/OFF pin logic input level
VOUT = 0 V
TJ = 25°C
2.2
1.4
V
–40°C < TJ < 125°C
2.4
VIL
VOUT = Nominal output
voltage
TJ = 25°C
1.2
1
V
–40°C < TJ < 125°C
0.8
IH
ON/OFF pin input current
ON/OFF pin = 5 V (OFF)
12
30
μA
IIL
ON/OFF pin = 0 V (ON)
0
10
μA
(1)
Test Circuit in Figure 22 and Figure 27.
(2)
All limits specified at room temperature and at temperature extremes . All room temperature limits are 100% production tested. All limits
at temperature extremes are specified via correlation using standard Statistical Quality Control (SQC) methods. All limits are used to
calculate Average Outgoing Quality Level.
6.6 Electrical Characteristics – 3.3-V Version
TJ = 25°C, and all MIN and MAX apply over full operating temperature range (unless otherwise noted).
PARAMETER(1)
TEST CONDITIONS
MIN(2)
TYP
MAX(2)
UNIT
VOUT
Output voltage
VIN = 12 V, ILOAD = 100 mA
3.234
3.3
3.366
V
LM2574, 4.75 V
≤ VIN ≤ 40 V,
0.1 A
≤ ILOAD ≤ 0.5 A
TJ = 25°C
3.168
3.3
3.432
−40°C ≤ TJ ≤ 125°C
3.135
3.465
LM2574HV, 4.75 V
≤ VIN ≤ 60 V,
0.1 A
≤ ILOAD ≤ 0.5 A
TJ = 25°C
3.168
3.3
3.45
−40°C ≤ TJ ≤ 125°C
3.135
3.482
η
Efficiency
VIN = 12 V, ILOAD = 0.5 A
72%


Similar Part No. - LM2574HVM-15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2574HVM-15 NSC-LM2574HVM-15 Datasheet
639Kb / 24P
   SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2574HVM-15 TI1-LM2574HVM-15 Datasheet
2Mb / 35P
[Old version datasheet]   LM2574/LM2574HV SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
LM2574HVM-15/NOPB TI1-LM2574HVM-15/NOPB Datasheet
2Mb / 35P
[Old version datasheet]   LM2574/LM2574HV SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
More results

Similar Description - LM2574HVM-15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2574 NSC-LM2574 Datasheet
639Kb / 24P
   SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2574 TI1-LM2574 Datasheet
2Mb / 35P
[Old version datasheet]   LM2574/LM2574HV SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
LM2574 TI-LM2574_15 Datasheet
2Mb / 34P
[Old version datasheet]   LM2574/LM2574HV SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM5574 NSC-LM5574_09 Datasheet
446Kb / 22P
   SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25574 TI1-LM25574_17 Datasheet
970Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM5574 TI1-LM5574_17 Datasheet
964Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_16 Datasheet
973Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com