Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM25056 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM25056
Description  System Power Measurement IC
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM25056 Datasheet(HTML) 1 Page - Texas Instruments

  LM25056_16 Datasheet HTML 1Page - Texas Instruments LM25056_16 Datasheet HTML 2Page - Texas Instruments LM25056_16 Datasheet HTML 3Page - Texas Instruments LM25056_16 Datasheet HTML 4Page - Texas Instruments LM25056_16 Datasheet HTML 5Page - Texas Instruments LM25056_16 Datasheet HTML 6Page - Texas Instruments LM25056_16 Datasheet HTML 7Page - Texas Instruments LM25056_16 Datasheet HTML 8Page - Texas Instruments LM25056_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
SDA
SCL
SMBA
VREF
DIODE
ADR0
ADR1
ADR2
VDD
DGND
AGND
VAUX
ENABLE
VIN
VS+
VS-
SMBus
Interface
MMBT3904
POL
REGULATOR
LM25056
RS
+12V
CVDD
VIN
VOUT
CVREF
VDD
CIN
NC
NC
LM25056
www.ti.com
SNVS784A – JANUARY 2012 – REVISED APRIL 2013
LM25056 System Power Measurement IC with PMBus
Check for Samples: LM25056
1
FEATURES
APPLICATIONS
234
Input Voltage Range: 3V to 17V
Server Backplane Systems
I2C/SMBus Interface with PMBus Compliant
Base Station Power Distribution Systems
Command Structure
Subsystem Power Measurement
Remote Temperature Sensing with
Programmable Warning and Shutdown
DESCRIPTION
Thresholds
The LM25056 combines high performance analog
and digital technology with a PMBus™ compliant
Real Time Monitoring of VIN, IIN, PIN, VAUX with
SMBus™/I2C interface to accurately measure the
12-bit Resolution and 1 kHz Sampling Rate
operating conditions of electrical systems including
True Input Power Measurement Using
computing and storage blades connected to a
Simultaneous Sampling of VIN and IIN
backplane power bus. The LM25056 continuously
Accurately Averages Dynamic Power Readings
supplies
real-time
power,
voltage,
current,
and
temperature data to the system management host via
Averaging of VIN, IIN, PIN, and VAUX Over
the SMBus interface.
Programmable Interval Ranging from 0.001 to
4 Seconds
The LM25056 monitoring block captures both real-
time and average values of subsystem operating
User Programmable WARN and FAULT
parameters (VIN, IIN, PIN, VAUX) as well as peak
Thresholds with SMBA Notification
power.
Accurate
power
measurement
is
Black Box Capture of Telemetry
accomplished by measuring the product of the input
Measurements and Device Status Triggered by
voltage
and
current
through
a
shunt
resistor.
WARN and FAULT Conditions
LM25056
current
measurement
has
a
±1.5%
Full Featured Application Development
accuracy over the temperature range of -40°C to
Software
+85°C with operation from -40°C to +125°C. A black
box (Telemetry/Fault Snapshot) function captures and
WQFN-24 Package
stores telemetry data and device status in the event
of a warning or a fault.
Typical Application Schematic
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SMBus is a trademark of Intel Corporation.
3
PMBus is a trademark of SMIF, Incorporated.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM25056_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25056A TI1-LM25056A Datasheet
624Kb / 33P
[Old version datasheet]   System Power Measurement IC with PMBus?
LM25056A TI1-LM25056A Datasheet
934Kb / 39P
[Old version datasheet]   System Power Measurement IC
LM25056APSQ TI1-LM25056APSQ Datasheet
624Kb / 33P
[Old version datasheet]   System Power Measurement IC with PMBus?
LM25056APSQ/NOPB TI1-LM25056APSQ/NOPB Datasheet
934Kb / 39P
[Old version datasheet]   System Power Measurement IC
LM25056APSQE TI1-LM25056APSQE Datasheet
624Kb / 33P
[Old version datasheet]   System Power Measurement IC with PMBus?
More results

Similar Description - LM25056_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25056A TI1-LM25056A_16 Datasheet
934Kb / 39P
[Old version datasheet]   System Power Measurement IC
LM25056A TI1-LM25056A Datasheet
624Kb / 33P
[Old version datasheet]   System Power Measurement IC with PMBus?
LM25056 TI1-LM25056 Datasheet
623Kb / 33P
[Old version datasheet]   System Power Measurement IC with PMBus?
logo
Maxim Integrated Produc...
78M6631 MAXIM-78M6631 Datasheet
600Kb / 30P
   3-Phase Power-Measurement IC
Rev 1; 1/12
logo
Silergy Corp.
78M6631 SILERGY-78M6631 Datasheet
567Kb / 30P
   3-Phase Power-Measurement IC
logo
Maxim Integrated Produc...
78M6631_1204 MAXIM-78M6631_1204 Datasheet
475Kb / 30P
   3-Phase Power-Measurement IC
Rev 2; 4/12
logo
Toshiba Semiconductor
TC7739FTG TOSHIBA-TC7739FTG Datasheet
906Kb / 39P
   System power IC
2016-09-29
TC7738WBG TOSHIBA-TC7738WBG Datasheet
1Mb / 48P
   System Power IC
2016-11-17
logo
Agilent(Hewlett-Packard...
N4371A HP-N4371A Datasheet
256Kb / 4P
   RIN Measurement System
logo
Silergy Corp.
78M6613 SILERGY-78M6613 Datasheet
813Kb / 33P
   Single-Phase AC Power Measurement IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com