Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM25066A Datasheet(PDF) 9 Page - Texas Instruments

Part # LM25066A
Description  System Power Management and Protection IC
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM25066A Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM25066A_15 Datasheet HTML 5Page - Texas Instruments LM25066A_15 Datasheet HTML 6Page - Texas Instruments LM25066A_15 Datasheet HTML 7Page - Texas Instruments LM25066A_15 Datasheet HTML 8Page - Texas Instruments LM25066A_15 Datasheet HTML 9Page - Texas Instruments LM25066A_15 Datasheet HTML 10Page - Texas Instruments LM25066A_15 Datasheet HTML 11Page - Texas Instruments LM25066A_15 Datasheet HTML 12Page - Texas Instruments LM25066A_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
-60 -40 -20 0 20 40 60 80 100120140
23.0
23.2
23.4
23.6
23.8
24.0
TEMPERATURE (°C)
-60 -40 -20 0 20 40 60 80 100120140
1.162
1.163
1.164
1.165
1.166
1.167
1.168
1.169
1.170
1.171
1.172
TEMPERATURE (°C)
-60 -40 -20 0 20 40 60 80 100120140
18
22
26
30
34
38
42
TEMPERATURE (°C)
PGD Sink Current = 2mA
-60 -40 -20 0 20 40 60 80 100120140
1.15
1.16
1.17
TEMPERATURE (°C)
VIN = 2.9 to 12V
VIN = 17V
-40 -20
0
20 40 60 80 100 120 140
14
15
16
17
18
19
20
21
22
23
TEMPERATURE (°C)
VIN = 5V TO 17V
VIN = 2.9V
-40 -20
0
20 40 60 80 100 120 140
0
4
8
12
16
20
24
TEMPERATURE (°C)
RPWR
=50K; CL = VDD
RPWR
=25K; CL = GND
LM25066A
www.ti.com
SNVS700F – DECEMBER 2010 – REVISED FEBRUARY 2013
Typical Performance Characteristics (continued)
Unless otherwise specified, the following conditions apply: TJ = 25°C, VIN = 12V. All graphs show junction temperature.
GATE Pin Source Current
Power Limit Threshold
Figure 8.
Figure 9.
PGD Low Voltage
UVLO Threshold
Figure 10.
Figure 11.
UVLO Hysteresis Current
FB Threshold
Figure 12.
Figure 13.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM25066A


Similar Part No. - LM25066A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25066APSQ TI1-LM25066APSQ Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM25066APSQE TI1-LM25066APSQE Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM25066APSQX TI1-LM25066APSQX Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
More results

Similar Description - LM25066A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25066A TI1-LM25066A Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM25066 TI1-LM25066_16 Datasheet
1Mb / 63P
[Old version datasheet]   System Power Management and Protection IC With PMBus
LM5064 TI1-LM5064_16 Datasheet
1Mb / 62P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC
LM5064 TI1-LM5064 Datasheet
1Mb / 51P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066 Datasheet
1Mb / 50P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM25066I TI1-LM25066I_16 Datasheet
1Mb / 59P
[Old version datasheet]   Intel Node Manager Compliant System Power Management and Protection IC
LM5066 TI1-LM5066_14 Datasheet
1Mb / 64P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
logo
Toshiba Semiconductor
TC7734FTG TOSHIBA-TC7734FTG Datasheet
2Mb / 84P
   Power Management System IC
2015-6-5
logo
STMicroelectronics
L9952XP STMICROELECTRONICS-L9952XP Datasheet
854Kb / 68P
   Power management system IC
L9952GXP STMICROELECTRONICS-L9952GXP Datasheet
865Kb / 68P
   Power management system IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com