Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM25066I Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM25066I
Description  Intel Node Manager Compliant System Power Management and Protection IC
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM25066I Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM25066I Datasheet HTML 4Page - Texas Instruments LM25066I Datasheet HTML 5Page - Texas Instruments LM25066I Datasheet HTML 6Page - Texas Instruments LM25066I Datasheet HTML 7Page - Texas Instruments LM25066I Datasheet HTML 8Page - Texas Instruments LM25066I Datasheet HTML 9Page - Texas Instruments LM25066I Datasheet HTML 10Page - Texas Instruments LM25066I Datasheet HTML 11Page - Texas Instruments LM25066I Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 59 page
background image
-60 -40 -20 0
20 40 60 80 100 120 140
-18
-16
-14
-12
-10
-8
-6
-4
-2
TEMPERATURE (°C)
VIN = 17V
VIN = 2.9V
VIN = 12V
-60 -40 -20 0
20 40 60 80 100 120 140
6
8
10
12
14
16
18
20
TEMPERATURE (°C)
VIN = 17V
VIN = 9V
VIN = 5V
VIN = 12V
VIN = 2.9V
-40 -20
0
20
40
60
80 100 120
34
36
38
40
42
44
46
48
50
52
TEMPERATURE (°C)
VIN = 17V
VIN = 12V
VIN = 2.9V
-60 -40 -20 0
20 40 60 80 100 120 140
4
8
12
16
20
24
28
TEMPERATURE (°C)
VIN = 17V
VIN = 12V
VIN = 2.9V
-60 -40 -20 0 20 40 60 80 100120140
30
34
38
42
46
50
54
TEMPERATURE (°C)
VIN = 17V
VIN = 12V
VIN = 2.9V
-40 -20
0
20 40 60 80 100 120 140
3.0
3.5
4.0
4.5
5.0
5.5
6.0
TEMPERATURE (°C)
VIN = 17V
VIN = 12V
VIN = 3V
LM25066I, LM25066IA
SNVS824C – JUNE 2012 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics
Unless otherwise specified the following conditions apply: TJ = 25°C, VIN = 12V. All graphs show junction temperature.
VIN Pin Current
SENSE Pin Current (Enabled)
Figure 1.
Figure 2.
SENSE Pin Current (Disabled)
OUT Pin Current (Enabled)
Figure 3.
Figure 4.
OUT Pin Current (Disabled)
GATE Pin Voltage
Figure 5.
Figure 6.
8
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM25066I LM25066IA


Similar Part No. - LM25066I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25066I TI1-LM25066I Datasheet
1Mb / 60P
[Old version datasheet]   Intel Node Manager Compliant System Power Management and Protection IC with PMBus
LM25066IA TI1-LM25066IA Datasheet
1Mb / 60P
[Old version datasheet]   Intel Node Manager Compliant System Power Management and Protection IC with PMBus
More results

Similar Description - LM25066I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25066I TI1-LM25066I Datasheet
1Mb / 60P
[Old version datasheet]   Intel Node Manager Compliant System Power Management and Protection IC with PMBus
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
LM25066A TI1-LM25066A Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM25066 TI1-LM25066_16 Datasheet
1Mb / 63P
[Old version datasheet]   System Power Management and Protection IC With PMBus
LM5064 TI1-LM5064_16 Datasheet
1Mb / 62P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC
LM5064 TI1-LM5064 Datasheet
1Mb / 51P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066 Datasheet
1Mb / 50P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066_14 Datasheet
1Mb / 64P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
logo
Toshiba Semiconductor
TC7734FTG TOSHIBA-TC7734FTG Datasheet
2Mb / 84P
   Power Management System IC
2015-6-5
logo
STMicroelectronics
L9952XP STMICROELECTRONICS-L9952XP Datasheet
854Kb / 68P
   Power management system IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com