Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM25066I Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM25066I
Description  Intel Node Manager Compliant System Power Management and Protection IC
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM25066I Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM25066I Datasheet HTML 6Page - Texas Instruments LM25066I Datasheet HTML 7Page - Texas Instruments LM25066I Datasheet HTML 8Page - Texas Instruments LM25066I Datasheet HTML 9Page - Texas Instruments LM25066I Datasheet HTML 10Page - Texas Instruments LM25066I Datasheet HTML 11Page - Texas Instruments LM25066I Datasheet HTML 12Page - Texas Instruments LM25066I Datasheet HTML 13Page - Texas Instruments LM25066I Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
-60 -40 -20 0 20 40 60 80 100120140
40
60
80
100
120
140
160
180
200
TEMPERATURE (°C)
CL = GND, CB = GND
CL = GND, CB = VDD
CL = VDD, CB = VDD
-60 -40 -20 0
20 40 60 80 100 120 140
40
41
42
43
44
45
46
47
48
49
50
TEMPERATURE (°C)
VIN = 2.9V
VIN = 5V to 17V
-60 -40 -20 0 20 40 60 80 100120140
-26.0
-25.5
-25.0
-24.5
-24.0
-23.5
-23.0
TEMPERATURE (°C)
-60 -40 -20 0
20 40 60 80 100 120 140
23.0
23.5
24.0
24.5
25.0
25.5
26.0
26.5
27.0
TEMPERATURE (°C)
VIN = 2.9V
VIN = 5V to 17V
-60 -40 -20 0 20 40 60 80 100120140
1.162
1.163
1.164
1.165
1.166
1.167
TEMPERATURE (°C)
VIN = 2.9V
VIN = 17V
VIN = 12V
-60 -40 -20 0
20 40 60 80 100 120 140
-30
-28
-26
-24
-22
-20
-18
-16
TEMPERATURE (°C)
VIN = 12V to 17V
LM25066I, LM25066IA
SNVS824C – JUNE 2012 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified the following conditions apply: TJ = 25°C, VIN = 12V. All graphs show junction temperature.
OVLO Threshold
OVLO Hysteresis
Figure 13.
Figure 14.
FB Pin Hysteresis
Current Limit Threshold
Figure 15.
Figure 16.
Current Limit Threshold
Circuit Breaker Threshold (CL = VDD)
Figure 17.
Figure 18.
10
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM25066I LM25066IA


Similar Part No. - LM25066I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25066I TI1-LM25066I Datasheet
1Mb / 60P
[Old version datasheet]   Intel Node Manager Compliant System Power Management and Protection IC with PMBus
LM25066IA TI1-LM25066IA Datasheet
1Mb / 60P
[Old version datasheet]   Intel Node Manager Compliant System Power Management and Protection IC with PMBus
More results

Similar Description - LM25066I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25066I TI1-LM25066I Datasheet
1Mb / 60P
[Old version datasheet]   Intel Node Manager Compliant System Power Management and Protection IC with PMBus
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
LM25066A TI1-LM25066A Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM25066 TI1-LM25066_16 Datasheet
1Mb / 63P
[Old version datasheet]   System Power Management and Protection IC With PMBus
LM5064 TI1-LM5064_16 Datasheet
1Mb / 62P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC
LM5064 TI1-LM5064 Datasheet
1Mb / 51P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066 Datasheet
1Mb / 50P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066_14 Datasheet
1Mb / 64P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
logo
Toshiba Semiconductor
TC7734FTG TOSHIBA-TC7734FTG Datasheet
2Mb / 84P
   Power Management System IC
2015-6-5
logo
STMicroelectronics
L9952XP STMICROELECTRONICS-L9952XP Datasheet
854Kb / 68P
   Power management system IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com