Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM25119-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM25119-Q1
Description  Wide Input Range, Dual Synchronous Buck Controller
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM25119-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM25119-Q1 Datasheet HTML 4Page - Texas Instruments LM25119-Q1 Datasheet HTML 5Page - Texas Instruments LM25119-Q1 Datasheet HTML 6Page - Texas Instruments LM25119-Q1 Datasheet HTML 7Page - Texas Instruments LM25119-Q1 Datasheet HTML 8Page - Texas Instruments LM25119-Q1 Datasheet HTML 9Page - Texas Instruments LM25119-Q1 Datasheet HTML 10Page - Texas Instruments LM25119-Q1 Datasheet HTML 11Page - Texas Instruments LM25119-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
8
LM25119, LM25119-Q1
SNVS680H – AUGUST 2010 – REVISED MAY 2016
www.ti.com
Product Folder Links: LM25119
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Typical values correspond to TJ = 25°C. Minimum and maximum limits apply over –40°C to 125°C junction temperature
range. VIN = 36 V, VCC = 8 V, VCCDIS = 0 V, EN2 = 5 V, RT = 25 kΩ, and no load on LO or HO (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN(1)
TYP
MAX(1)
UNIT
HB DC bias current
HB – SW = 8 V
70
100
µA
THERMAL
TSD
Thermal shutdown
Rising
165
°C
Thermal shutdown hysteresis
25
°C
6.7 Switching Characteristics
Typical values correspond to TJ = 25°C. Minimum and maximum limits apply over –40°C to 125°C junction temperature
range. VIN = 36 V, VCC = 8 V, VCCDIS = 0 V, EN2 = 5 V, RT = 25 kΩ, and no load on LO or HO (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LO fall to HO rise delay
No load
70
ns
HO fall to LO rise delay
No load
60
ns


Similar Part No. - LM25119-Q1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM25119 NSC-LM25119 Datasheet
1Mb / 10P
   Evaluation Board provides the design engineer with a fully functional
logo
Texas Instruments
LM25119 TI-LM25119 Datasheet
1Mb / 33P
[Old version datasheet]   LM25119/LM25119Q Wide Input Range Dual Synchronous Buck Controller
LM25119PSQE TI-LM25119PSQE Datasheet
1Mb / 33P
[Old version datasheet]   LM25119/LM25119Q Wide Input Range Dual Synchronous Buck Controller
LM25119 TI-LM25119_15 Datasheet
1Mb / 34P
[Old version datasheet]   LM25119/LM25119Q Wide Input Range Dual Synchronous Buck Controller
More results

Similar Description - LM25119-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5140-Q1 TI1-LM5140-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
LM5119 TI1-LM5119 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
logo
National Semiconductor ...
LM5119 NSC-LM5119 Datasheet
707Kb / 24P
   Wide Input Range Dual Synchronous Buck Controller
logo
Shenzhen Huazhimei Semi...
HM1485 HMSEMI-HM1485 Datasheet
788Kb / 10P
   Wide Input Range Synchronous Buck Controller
logo
Texas Instruments
LM34937 TI1-LM34937 Datasheet
722Kb / 31P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5141-Q1 TI1-LM5141-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5141 TI1-LM5141 Datasheet
2Mb / 50P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM25141 TI1-LM25141 Datasheet
2Mb / 50P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
logo
Semtech Corporation
SC2545 SEMTECH-SC2545 Datasheet
1Mb / 24P
   High Performance Wide Input Range Dual Synchronous Buck Controller
SC2542 SEMTECH-SC2542 Datasheet
1Mb / 27P
   High Performance Wide Input Range Dual Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com