Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM28VLT32SHKN Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SM28VLT32SHKN
Description  32-MBIT HIGH-TEMPERATURE FLASH MEMORY WITH SERIAL PERIPHERAL INTERFACE (SPI) BUS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SM28VLT32SHKN Datasheet(HTML) 5 Page - Texas Instruments

  SM28VLT32SHKN Datasheet HTML 1Page - Texas Instruments SM28VLT32SHKN Datasheet HTML 2Page - Texas Instruments SM28VLT32SHKN Datasheet HTML 3Page - Texas Instruments SM28VLT32SHKN Datasheet HTML 4Page - Texas Instruments SM28VLT32SHKN Datasheet HTML 5Page - Texas Instruments SM28VLT32SHKN Datasheet HTML 6Page - Texas Instruments SM28VLT32SHKN Datasheet HTML 7Page - Texas Instruments SM28VLT32SHKN Datasheet HTML 8Page - Texas Instruments SM28VLT32SHKN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
CS#
SCK
SI
SO
TSU1
TSU2
THD
TV
TWH
TWL
TOEN
TDIS
Continuous T J (°C)
1000.00
10000.00
100000.00
105
115
125
135
145
155
165
175
185
195
205
215
SM28VLT32-HT
www.ti.com
SLVSAO2C – NOVEMBER 2012 – REVISED MARCH 2013
(1)
See datasheet for absolute maximum and minimum recommended operating conditions.
(2)
Silicon operating life design goal is 10 years at 105°C junction temperature (does not include package interconnect
life).
(3)
The predicted operating lifetime vs. junction temperature is based on reliability modeling and available qualification
data.
Figure 2. SM28VLT32-HT Operating Life Derating Chart
Figure 3. SPI Timing Diagram
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SM28VLT32-HT


Similar Part No. - SM28VLT32SHKN

ManufacturerPart #DatasheetDescription
logo
Sinopower Semiconductor...
SM2801PSQ SINOPWER-SM2801PSQ Datasheet
254Kb / 11P
   P-Channel Enhancement Mode MOSFET
SM2801PSQC-TRG SINOPWER-SM2801PSQC-TRG Datasheet
254Kb / 11P
   P-Channel Enhancement Mode MOSFET
SM2802DSQ SINOPWER-SM2802DSQ Datasheet
253Kb / 11P
   Dual N-Channel Enhancement Mode MOSFET
SM2802DSQC-TRG SINOPWER-SM2802DSQC-TRG Datasheet
253Kb / 11P
   Dual N-Channel Enhancement Mode MOSFET
logo
DB Unlimited.
SM280404-1 DBUNLIMITED-SM280404-1 Datasheet
724Kb / 1P
   Released from Engineering
More results

Similar Description - SM28VLT32SHKN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M25P32 STMICROELECTRONICS-M25P32 Datasheet
506Kb / 39P
   32 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
logo
Renesas Technology Corp
AT25DF321A RENESAS-AT25DF321A Datasheet
1Mb / 51P
   32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
02/2019
logo
ATMEL Corporation
AT25DF321A ATMEL-AT25DF321A_10 Datasheet
2Mb / 52P
   32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
logo
List of Unclassifed Man...
AT25DF321A ETC2-AT25DF321A Datasheet
1Mb / 53P
   32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
logo
Numonyx B.V
M25P32 NUMONYX-M25P32 Datasheet
1,011Kb / 53P
   32-Mbit, low voltage, serial Flash memory with 75 MHz SPI bus interface
logo
SPANSION
S25FL032A SPANSION-S25FL032A Datasheet
941Kb / 36P
   32 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL032P SPANSION-S25FL032P_12 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI011 SPANSION-S25FL032P0XMFI011 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI013 SPANSION-S25FL032P0XMFI013 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI001 SPANSION-S25FL032P0XMFI001 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com