Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM320C26B Datasheet(PDF) 5 Page - Texas Instruments

Part # SM320C26B
Description  DIGITAL SIGNAL PROCESSOR
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SM320C26B Datasheet(HTML) 5 Page - Texas Instruments

  SM320C26B Datasheet HTML 1Page - Texas Instruments SM320C26B Datasheet HTML 2Page - Texas Instruments SM320C26B Datasheet HTML 3Page - Texas Instruments SM320C26B Datasheet HTML 4Page - Texas Instruments SM320C26B Datasheet HTML 5Page - Texas Instruments SM320C26B Datasheet HTML 6Page - Texas Instruments SM320C26B Datasheet HTML 7Page - Texas Instruments SM320C26B Datasheet HTML 8Page - Texas Instruments SM320C26B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
RSR(16)
XSR(16)
DRR(16)
DXR(16)
TIM(16)
PRD(16)
IMR(6)
GREG(8)
QIR(16)
IR(16)
ST0(16)
ST1(16)
RPTC(8)
IFR(6)
MUX
MUX
MUX
MUX
MUX
MUX
MUX
MUX
MUX
MUX
MUX
PROGRAM BUS
16
16
16
6
8
16
DR
CLKR
FSR
DX
CLKX
FSX
16
16
16
16
16
16
16
16
16
16
16
16
16
16
16
16
16
16
16
16
32
32
32
32
32
16
16
16
16
16
16
16
16
16
16
16
7 LSB
FROM
IR
9
16
16
16
16
3
3
3
3
16
16
16
16
3
16
PC(16)
STACK
(8 - 16)
ADDRESS
PROGRAM
ROM
(256 x 16)
INSTRUCTION
PFC(16)
MCS(16)
ARP(3)
ARS(3)
DATA
RAM (32 x 16)
BLOCK B2
DATA/PROG
RAM (512 x 16)
BLOCK B3
DATA/PROG
RAM (512 x 16)
BLOCK B1
DATA/PROG
RAM (512 x 16)
BLOCK B0
SHIFTERS (0–7)
C
ACCH(16)
ACCL(16)
ALU(32)
SHIFTER (6.0.1.4)
TR(16)
MULTIPLIER
PR(32)
SHIFTER(0–16)
DP(9)
AR0(16)
AR1(16)
AR2(16)
AR3(16)
AR4(16)
AR5(16)
AR6(16)
AR7(16)
ARAU(16)
DATA BUS
R/W
STRB
READY
BR
XF
HOLD
HOLDA
MSC
BIO
RS
IACK
MP/MC
INT(2-0)
A15–A0
D15–D0
PROGRAM BUS
DATA BUS
16
LEGEND:
ACCH
=
Accumulator high
ACCL
=
Accumulator low
ALU
=
Arithmetic logic unit
ARAU
=
Auxiliary register arithmetic unit
ARS
=
Auxiliary register pointer buffer
ARP
=
Auxiliary register pointer
DP
=
Data memory page pointer
DRR
=
Serial port data receive register
DXR
=
Serial port data trademark register
IFR
=
Interrupt flag register
IMR
=
Interrupt mask register
IR
=
Instruction register
MCS
=
Microcall stack
QIR
=
Queue instruction register
PR
=
Product register
PRD
=
Product register for timer
TIM
=
Timer
TR
=
Temporary register
PC
=
Program counter
PFC
=
Prefetch counter
RPTC
=
Repeat instruction counter
GREG
=
Global memory allocation register
RSR
=
Serial port receive shift register
XSR
=
Serial port to transmit shift register
AR0–AR7
=
Auxiliary registers
ST0, ST1
=
Status registers
C
=
Carry bit
32
9
SM320C26B
www.ti.com
SGUS069A – NOVEMBER 2012 – REVISED NOVEMBER 2012
3
Functional Overview
Figure 3-1. Functional Block Diagram
Copyright © 2012, Texas Instruments Incorporated
Functional Overview
5
Submit Documentation Feedback
Product Folder Links: SM320C26B


Similar Part No. - SM320C26B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM320C26BFJM TI1-SM320C26BFJM Datasheet
616Kb / 40P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26BGBM TI1-SM320C26BGBM Datasheet
616Kb / 40P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results

Similar Description - SM320C26B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com