Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDS(H)05-24S05W Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # SDS(H)05-24S05W
Description  4:1 ULTRA WIDE INPUT RANGE UP TO 5.04 WATTS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

SDS(H)05-24S05W Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  SDS(H)05-24S05W Datasheet HTML 1Page - Power Mate Technology Co., LTD SDS(H)05-24S05W Datasheet HTML 2Page - Power Mate Technology Co., LTD SDS(H)05-24S05W Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
www.PDUKE.com
2015/11/20
SDS05W
SDH05W
SERIES
DC-DC CONVERTER
4:1 ULTRA WIDE INPUT RANGE
UP TO 5.04 WATTS
FEATURES
APPLICATIONS
ULTRA SMALL SMD AND DIP PACKAGE, 0.52 x 0.36x 0.40 INCH WITH REGULATED
SMD PACKAGE QUALIFIED FOR LEADFREE REFLOW SOLDER PROCESS
ACCORDING IPC J-STD-020D
NO MINIMUM LOAD REQUIRED
CONTINUOUS SHORT CIRCUIT PROTECTION
1600VDC INPUT TO OUTPUT ISOLATION AND 3000VDC FOR OPTION
SAFETY MEETS UL60950-1, EN60950-1, & IEC60950-1
CE MARKED
COMPLIANT TO RoHS II & REACH
WIRELESS NETWORK
TELECOM/DATACOM
INDUSTRY CONTROL SYSTEM
MEASUREMENT EQUIPMENT
SEMICONDUCTOR EQUIPMENT
3000VDC
ISOLATION
1600VDC
ISOLATION
REMOTE
CONTROL
SCP
TECHNICAL SPECIFICATION All specifications are typical at nominal input, full load and 25
otherwise noted
Input Range
Output Voltage
Output Current
@Full Load
Input Current
@ No Load
Efficiency
Maximum
Capacitor Load
Model
Number
VDC
VDC
mA
mA
%
µF
SDS(H)05-24S3P3W
9 ~ 36
3.3
1000
20
76
4400
SDS(H)05-24S05W
9 ~ 36
5
1000
30
80
2200
SDS(H)05-24S12W
9 ~ 36
12
420
30
83
1220
SDS(H)05-24S15W
9 ~ 36
15
333
30
83
1000
SDS(H)05-24S24W
9 ~ 36
24
210
30
83
470
SDS(H)05-24D05W
9 ~ 36
±5
±500
30
80
±1000
SDS(H)05-24D12W
9 ~ 36
±12
±210
30
83
±680
SDS(H)05-24D15W
9 ~ 36
±15
±168
30
84
±440
SDS(H)05-48S3P3W
18 ~ 75
3.3
1000
10
76
4400
SDS(H)05-48S05W
18 ~ 75
5
1000
12
81
2200
SDS(H)05-48S12W
18 ~ 75
12
420
15
83
1220
SDS(H)05-48S15W
18 ~ 75
15
333
15
83
1000
SDS(H)05-48S24W
18 ~ 75
24
210
15
83
470
SDS(H)05-48D05W
18 ~ 75
±5
±500
15
80
±1000
SDS(H)05-48D12W
18 ~ 75
±12
±210
15
83
±680
SDS(H)05-48D15W
18 ~ 75
±15
±168
15
84
±440
PART NUMBER STRUCTURE
SDS05 - 48
S
05 W
H
Series Name
Input
Output
Output
Input
Isolation
Voltage
Quantity
Voltage
Range
Option
(VDC)
(VDC)
SDS: SMD type
24: 9~36
S:Single 3P3:3.3
4:1
: Standard type
SDH: DIP type
48:18~75
05:5
1600VDC isolation
12:12
H: 3000VDC Isolation
15:15
24:24
D:Dual
05:±5
12:±12
15:±15


Similar Part No. - SDS(H)05-24S05W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
SDS(H)05-24S05W P-DUKE-SDS(H)05-24S05W Datasheet
616Kb / 3P
   4:1 ULTRA WIDE INPUT RANGE UP TO 5.04 WATTS
More results

Similar Description - SDS(H)05-24S05W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
SDS05W P-DUKE-SDS05W_15 Datasheet
616Kb / 3P
   4:1 ULTRA WIDE INPUT RANGE UP TO 5.04 WATTS
FKC08W P-DUKE-FKC08W_15 Datasheet
542Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE UP TO 8 Watts
PDL03W P-DUKE-PDL03W_15 Datasheet
446Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE UP TO 3 Watts
PDS03W P-DUKE-PDS03W_15 Datasheet
516Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE UP TO 3 Watts
SDH02W P-DUKE-SDH02W_15 Datasheet
618Kb / 3P
   4:1 ULTRA WIDE INPUT RANGE UP TO 2.01 WATTS
FKC12W P-DUKE-FKC12W_15 Datasheet
510Kb / 3P
   4:1 ULTRA WIDE INPUT RANGE UP TO 12 Watts
LKC05W P-DUKE-LKC05W_16 Datasheet
1Mb / 4P
   4:1 ULTRA WIDE INPUT RANGE UP TO 5 WATTS
PDL09W P-DUKE-PDL09W Datasheet
931Kb / 5P
   4:1 ULTRA WIDE INPUT RANGE UP TO 9 Watts
SDH03W P-DUKE-SDH03W_15 Datasheet
618Kb / 3P
   4:1 ULTRA WIDE INPUT RANGE UP TO 3 WATTS
PDL06W P-DUKE-PDL06W Datasheet
988Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE UP TO 6 Watts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com