Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM320C6201BGLPS20 Datasheet(PDF) 8 Page - Texas Instruments

Part # SM320C6201BGLPS20
Description  DIGITAL SIGNAL PROCESSORS
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SM320C6201BGLPS20 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SM320C6201BGLPS20 Datasheet HTML 4Page - Texas Instruments SM320C6201BGLPS20 Datasheet HTML 5Page - Texas Instruments SM320C6201BGLPS20 Datasheet HTML 6Page - Texas Instruments SM320C6201BGLPS20 Datasheet HTML 7Page - Texas Instruments SM320C6201BGLPS20 Datasheet HTML 8Page - Texas Instruments SM320C6201BGLPS20 Datasheet HTML 9Page - Texas Instruments SM320C6201BGLPS20 Datasheet HTML 10Page - Texas Instruments SM320C6201BGLPS20 Datasheet HTML 11Page - Texas Instruments SM320C6201BGLPS20 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 76 page
background image
SM320C6201, SMJ320C6201B
DIGITAL SIGNAL PROCESSORS
SGUS028A -- NOVEMBER 1998 -- REVISED JANUARY 1999
8
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251--1443
Signal Descriptions (Continued)
SIGNAL
TYPE
DESCRIPTION
NAME
NO.
TYPE
DESCRIPTION
SUPPLY VOLTAGE PINS (CONTINUED)
L8
M11
M13
M15
M7
M9
N10
N12
N14
DVDD
N19
S
3.3-V supply voltage
DVDD
N3
S
3.3 V supply voltage
N8
P11
P13
P9
U19
U3
W14
W8
A12
A13
B10
B12
B6
D15
D16
F10
F14
CV
F8
S
2.5-V supply voltage for ’C6201
CVDD
G13
S
2.5 V supply voltage for C6201
1.8-V supply voltage for ’C6201B
G7
G8
K4
M3
M4
A3
A5
A7
A16
I = Input, O = Output, Z = High Impedance, S = Supply Voltage, GND = Ground


Similar Part No. - SM320C6201BGLPS20

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM320C6201BGLPS20 TI-SM320C6201BGLPS20 Datasheet
932Kb / 64P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results

Similar Description - SM320C6201BGLPS20

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com