Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDS(H)02-48S05 Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # SDS(H)02-48S05
Description  2:1 WIDE INPUT RANGE UP TO 2.01 WATTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

SDS(H)02-48S05 Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  SDS(H)02-48S05 Datasheet HTML 1Page - Power Mate Technology Co., LTD SDS(H)02-48S05 Datasheet HTML 2Page - Power Mate Technology Co., LTD SDS(H)02-48S05 Datasheet HTML 3Page - Power Mate Technology Co., LTD SDS(H)02-48S05 Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
www.PDUKE.com
2015/11/20
SDS02
SDH02
SERIES
DC-DC CONVERTER
2:1 WIDE INPUT RANGE
UP TO 2.01 WATTS
FEATURES
APPLICATIONS
ULTRA SMALL SMD AND DIP PACKAGE, 0.52 x 0.36x 0.40 INCH WITH REGULATED
SMD PACKAGE QUALIFIED FOR LEADFREE REFLOW SOLDER PROCESS
ACCORDING IPC J-STD-020D
NO MINIMUM LOAD REQUIRED
CONTINUOUS SHORT CIRCUIT PROTECTION
1600VDC INPUT TO OUTPUT ISOLATION AND 3000VDC FOR OPTION
SAFETY MEETS UL60950-1, EN60950-1, & IEC60950-1
CE MARKED
COMPLIANT TO RoHS II & REACH
WIRELESS NETWORK
TELECOM/DATACOM
INDUSTRY CONTROL SYSTEM
MEASUREMENT EQUIPMENT
SEMICONDUCTOR EQUIPMENT
3000VDC
ISOLATION
1600VDC
ISOLATION
REMOTE
CONTROL
SCP
TECHNICAL SPECIFICATION All specifications are typical at nominal input, full load and 25
otherwise noted
Input Range
Output Voltage
Output Current
@Full Load
Input Current
@ No Load
Efficiency
Maximum
Capacitor Load
Model
Number
VDC
VDC
mA
mA
%
µF
SDS(H)02-05S3P3
4.5 ~ 9
3.3
500
34
77
2200
SDS(H)02-05S05
4.5 ~ 9
5
400
34
81
1000
SDS(H)02-05S12
4.5 ~ 9
12
167
42
84
550
SDS(H)02-05S15
4.5 ~ 9
15
134
42
85
440
SDS(H)02-05S24
4.5 ~ 9
24
83
42
85
200
SDS(H)02-05D05
4.5 ~ 9
±5
±200
42
81
±660
SDS(H)02-05D12
4.5 ~ 9
±12
±83
42
85
±330
SDS(H)02-05D15
4.5 ~ 9
±15
±67
42
85
±220
SDS(H)02-12S3P3
9 ~ 18
3.3
500
24
78
2200
SDS(H)02-12S05
9 ~ 18
5
400
24
81
1000
SDS(H)02-12S12
9 ~ 18
12
167
28
84
550
SDS(H)02-12S15
9 ~ 18
15
134
28
85
440
SDS(H)02-12S24
9 ~ 18
24
83
28
85
200
SDS(H)02-12D05
9 ~ 18
±5
±200
28
81
±660
SDS(H)02-12D12
9 ~ 18
±12
±83
28
85
±330
SDS(H)02-12D15
9 ~ 18
±15
±67
28
86
±220
SDS(H)02-24S3P3
18 ~ 36
3.3
500
10
78
2200
SDS(H)02-24S05
18 ~ 36
5
400
10
81
1000
SDS(H)02-24S12
18 ~ 36
12
167
14
84
550
SDS(H)02-24S15
18 ~ 36
15
134
14
85
440
SDS(H)02-24S24
18 ~ 36
24
83
14
85
200
SDS(H)02-24D05
18 ~ 36
±5
±200
14
81
±660
SDS(H)02-24D12
18 ~ 36
±12
±83
14
85
±330
SDS(H)02-24D15
18 ~ 36
±15
±67
14
86
±220
SDS(H)02-48S3P3
36 ~ 75
3.3
500
7
77
2200
SDS(H)02-48S05
36 ~ 75
5
400
7
81
1000
SDS(H)02-48S12
36 ~ 75
12
167
8
84
550
SDS(H)02-48S15
36 ~ 75
15
134
8
85
440
SDS(H)02-48S24
36 ~ 75
24
83
8
85
200
SDS(H)02-48D05
36 ~ 75
±5
±200
8
81
±660
SDS(H)02-48D12
36 ~ 75
±12
±83
8
85
±330
SDS(H)02-48D15
36 ~ 75
±15
±67
8
85
±220


Similar Part No. - SDS(H)02-48S05

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
SDS(H)02-48S05W P-DUKE-SDS(H)02-48S05W Datasheet
618Kb / 3P
   4:1 ULTRA WIDE INPUT RANGE UP TO 2.01 WATTS
SDS(H)02-48S05W P-DUKE-SDS(H)02-48S05W Datasheet
607Kb / 3P
   4:1 ULTRA WIDE INPUT RANGE UP TO 2.01 WATTS
More results

Similar Description - SDS(H)02-48S05

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
UDS02 P-DUKE-UDS02_15 Datasheet
681Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2.01 Watts
UDH02 P-DUKE-UDH02_15 Datasheet
681Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2.01 Watts
SDS02W P-DUKE-SDS02W_15 Datasheet
607Kb / 3P
   4:1 ULTRA WIDE INPUT RANGE UP TO 2.01 WATTS
SDH02W P-DUKE-SDH02W_15 Datasheet
618Kb / 3P
   4:1 ULTRA WIDE INPUT RANGE UP TO 2.01 WATTS
PDL02 P-DUKE-PDL02_15 Datasheet
447Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2 Watts
PDL09 P-DUKE-PDL09 Datasheet
904Kb / 5P
   2:1 WIDE INPUT RANGE UP TO 9 Watts
PDS03 P-DUKE-PDS03_15 Datasheet
517Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 3 Watts
PDL03 P-DUKE-PDL03_15 Datasheet
445Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 3 Watts
SDH01 P-DUKE-SDH01_15 Datasheet
662Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 1.08 WATTS
UDH01 P-DUKE-UDH01_15 Datasheet
679Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 1.08 Watts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com